Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ESMQ251VSN391MQ25S Datasheet(PDF) 6 Page - United Chemi-Con, Inc.

Part # ESMQ251VSN391MQ25S
Description  Snap Mount
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHEMI-CON [United Chemi-Con, Inc.]
Direct Link  http://www.chemi-con.com
Logo CHEMI-CON - United Chemi-Con, Inc.

ESMQ251VSN391MQ25S Datasheet(HTML) 6 Page - United Chemi-Con, Inc.

  ESMQ251VSN391MQ25S Datasheet HTML 1Page - United Chemi-Con, Inc. ESMQ251VSN391MQ25S Datasheet HTML 2Page - United Chemi-Con, Inc. ESMQ251VSN391MQ25S Datasheet HTML 3Page - United Chemi-Con, Inc. ESMQ251VSN391MQ25S Datasheet HTML 4Page - United Chemi-Con, Inc. ESMQ251VSN391MQ25S Datasheet HTML 5Page - United Chemi-Con, Inc. ESMQ251VSN391MQ25S Datasheet HTML 6Page - United Chemi-Con, Inc. ESMQ251VSN391MQ25S Datasheet HTML 7Page - United Chemi-Con, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
420 Volts
470 Volts Surge
350 Volts
400 Volts Surge
400 Volts
450 Volts Surge
United Chemi-Con, Inc. 9801 W. Higgins Road, Rosemont, IL 60018 Tel 847-696-2000 Fax 847-696-9278 www.chemi-con.com
6/7
SMQ Series
Engineering Bulletin Mar 07
150
ESMQ351VSN151MP25S
22
25
P25
1.658
1.12
180
ESMQ351VSN181MP30S
22
30
P30
1.382
1.22
220
ESMQ351VSN221MP35S
22
35
P35
1.13
1.44
270
ESMQ351VSN271MP40S
22
40
P40
0.921
1.66
330
ESMQ351VSN331MP45S
22
45
P45
0.754
1.88
390
ESMQ351VSN391MP50S
22
50
P50
0.638
2.06
270
ESMQ351VSN271MQ30S
25.4
30
Q30
0.921
1.66
330
ESMQ351VSN331MQ35S
25.4
35
Q35
0.754
1.88
390
ESMQ351VSN391MQ40S
25.4
40
Q40
0.638
2.06
470
ESMQ351VSN471MQ45S
25.4
45
Q45
0.529
2.4
560
ESMQ351VSN561MQ50S
25.4
50
Q50
0.444
2.6
390
ESMQ351VSN391MR30S
30
30
R30
0.638
2.06
470
ESMQ351VSN471MR35S
30
35
R35
0.529
2.4
560
ESMQ351VSN561MR40S
30
40
R40
0.444
2.6
680
ESMQ351VSN681MR45S
30
45
R45
0.366
2.96
820
ESMQ351VSN821MR50S
30
50
R50
0.303
3.25
390
ESMQ351VSN391MA25S
35
25
A25
0.638
2.06
470
ESMQ351VSN471MA30S
35
30
A30
0.529
2.4
560
ESMQ351VSN561MA30S
35
30
A30
0.444
2.6
680
ESMQ351VSN681MA35S
35
35
A35
0.366
2.96
820
ESMQ351VSN821MA45S
35
45
A45
0.303
3.25
1,000
ESMQ351VSN102MA50S
35
50
A50
0.249
3.54
120
ESMQ401VSN121MP25S
22
25
P25
2.072
1.02
150
ESMQ401VSN151MP30S
22
30
P30
1.658
1.16
180
ESMQ401VSN181MP35S
22
35
P35
1.382
1.44
220
ESMQ401VSN221MP40S
22
40
P40
1.13
1.49
270
ESMQ401VSN271MP45S
22
45
P45
0.921
1.67
330
ESMQ401VSN331MP50S
22
50
P50
0.754
1.9
220
ESMQ401VSN221MQ30S
25.4
30
Q30
1.13
1.49
270
ESMQ401VSN271MQ35S
25.4
35
Q35
0.921
1.67
330
ESMQ401VSN331MQ40S
25.4
40
Q40
0.754
1.9
390
ESMQ401VSN391MQ45S
25.4
45
Q45
0.638
2.13
470
ESMQ401VSN471MQ50S
25.4
50
Q50
0.529
2.39
270
ESMQ401VSN271MR25S
30
25
R25
0.921
1.67
330
ESMQ401VSN331MR30S
30
30
R30
0.754
1.9
390
ESMQ401VSN391MR35S
30
35
R35
0.638
2.13
470
ESMQ401VSN471MR40S
30
40
R40
0.529
2.39
560
ESMQ401VSN561MR45S
30
45
R45
0.444
2.69
680
ESMQ401VSN681MR50S
30
50
R50
0.366
2.96
330
ESMQ401VSN331MA25S
35
25
A25
0.754
1.9
390
ESMQ401VSN391MA30S
35
30
A30
0.638
2.13
470
ESMQ401VSN471MA30S
35
30
A30
0.529
2.39
560
ESMQ401VSN561MA35S
35
35
A35
0.444
2.69
680
ESMQ401VSN681MA40S
35
40
A40
0.366
2.96
820
ESMQ401VSN821MA45S
35
45
A45
0.303
3.25
Standard Voltage Ratings - Snap Mount
Rated
Voltage
(WVDC)
Capacitance
(µF )
Case
Size
Code
Global
Part Number
Nominal
Case Size*
D
L ( mm )
Maximum ESR
(
Ω) at
20 C, 120Hz
Rated
Ripple Current
(A rms) at
85 C, 120Hz
100
ESMQ421VSN101MP25S
22
25
P25
3.315
0.97
120
ESMQ421VSN121MP25S
22
25
P25
2.763
1.08
150
ESMQ421VSN151MP30S
22
30
P30
2.21
1.30
180
ESMQ421VSN181MP35S
22
35
P35
1.842
1.48
220
ESMQ421VSN221MP40S
22
40
P40
1.507
1.65
270
ESMQ421VSN271MP50S
22
50
P50
1.228
1.94
150
ESMQ421VSN151MQ25S
25.4
25
Q25
2.21
1.30
180
ESMQ421VSN181MQ30S
25.4
30
Q30
1.842
1.48
220
ESMQ421VSN221MQ35S
25.4
35
Q35
1.507
1.65
270
ESMQ421VSN271MQ35S
25.4
35
Q35
1.228
1.94
330
ESMQ421VSN331MQ45S
25.4
45
Q45
1.005
2.17
390
ESMQ421VSN391MQ50S
25.4
50
Q50
0.85
2.27
For construction options, refer to the part numbering system for descriptions and codes.
* Refer to diagram of dimensions for detailed case size specifications.


Similar Part No. - ESMQ251VSN391MQ25S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ESMQ251VSN391MQ25S ETC2-ESMQ251VSN391MQ25S Datasheet
72Kb / 3P
   LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS
logo
United Chemi-Con, Inc.
ESMQ251VSN391MQ25S CHEMI-CON-ESMQ251VSN391MQ25S Datasheet
74Kb / 3P
   Downsized snap-ins, 85
More results

Similar Description - ESMQ251VSN391MQ25S

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
107LMX400M2CC ILLINOISCAPACITOR-107LMX400M2CC Datasheet
106Kb / 1P
   SNAP-IN / SNAP MOUNT
107LMX450M2CE ILLINOISCAPACITOR-107LMX450M2CE Datasheet
106Kb / 1P
   SNAP-IN / SNAP MOUNT
127LMB400M2BF ILLINOISCAPACITOR-127LMB400M2BF Datasheet
106Kb / 1P
   SNAP-IN / SNAP MOUNT
826LMH450MZBD ILLINOISCAPACITOR-826LMH450MZBD Datasheet
108Kb / 1P
   SNAP-IN / SNAP MOUNT
157LBA400M2CD ILLINOISCAPACITOR-157LBA400M2CD Datasheet
129Kb / 1P
   SNAP-IN / SNAP MOUNT
157LBA450M2BF ILLINOISCAPACITOR-157LBA450M2BF Datasheet
127Kb / 1P
   SNAP-IN / SNAP MOUNT
157LMB450M2BG ILLINOISCAPACITOR-157LMB450M2BG Datasheet
106Kb / 1P
   SNAP-IN / SNAP MOUNT
187LBA350M2BD ILLINOISCAPACITOR-187LBA350M2BD Datasheet
104Kb / 1P
   SNAP-IN / SNAP MOUNT
187LBA400M2CD ILLINOISCAPACITOR-187LBA400M2CD Datasheet
104Kb / 1P
   SNAP-IN / SNAP MOUNT
187LBB350M2CD ILLINOISCAPACITOR-187LBB350M2CD Datasheet
107Kb / 1P
   SNAP-IN / SNAP MOUNT
187LMH350MZBD ILLINOISCAPACITOR-187LMH350MZBD Datasheet
132Kb / 1P
   SNAP-IN / SNAP MOUNT
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com