Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KMC250E684M31N0T00 Datasheet(PDF) 1 Page - United Chemi-Con, Inc.

Part # KMC250E684M31N0T00
Description  MULTILAYER CERAMIC CHIP CAPACITORS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHEMI-CON [United Chemi-Con, Inc.]
Direct Link  http://www.chemi-con.com
Logo CHEMI-CON - United Chemi-Con, Inc.

KMC250E684M31N0T00 Datasheet(HTML) 1 Page - United Chemi-Con, Inc.

  KMC250E684M31N0T00 Datasheet HTML 1Page - United Chemi-Con, Inc. KMC250E684M31N0T00 Datasheet HTML 2Page - United Chemi-Con, Inc. KMC250E684M31N0T00 Datasheet HTML 3Page - United Chemi-Con, Inc. KMC250E684M31N0T00 Datasheet HTML 4Page - United Chemi-Con, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MULTILAYER CERAMIC CHIP CAPACITORS
CAT. No. E1002I
?RATINGS
1.
-55 to +125C
Category Temperature Range
2.
16, 25, 50, 100, 200Vdc
Rated Voltage Range
3.
0.047 to 100MF
Rated Capacitance Range
4.
M (P20%) , Z (P
80%)
Rated Capacitance Tolerance
5.
6.
E (JIS)
Y5U (EIA)
See No.5 on the following table
Temperature Characteristics
Rated Ripple Current
20
?SPECIFICATIONS
No abnormality.
250% of rated voltage shall be applied for 5 seconds.
Withstand Voltage
1
3
Rated Capacitance
Within specified tolerance.
Temperature
: 20P2C
Frequency
: 1P0.1kHz
Voltage
: 1P0.2Vrms
4
Dissipation Factor
5.0% maximum.
Temperature
: 20P2C
Frequency
: 1P0.1kHz
Voltage
: 1P0.2Vrms
2
Insulation Resistance
1000/CR(MO) or 10000(MO)
whichever is less.
Rated voltage shall be applied for 60P5 seconds at
temperature 20P2C.
No.
Items
Specification
Test Condition
5
Rated Ripple Current
10kHzK1MHz (sine curve)
Ripple voltage Vp shall be less than
the rated voltage.
Size code
21 31 32 43 55 76
0.2 0.3 0.5 1.0 2.0 3.0
Arms
(Down sized)
?FEATURES
1. Small in size and wide capacitance range.
2. Temperature characteristic is Y5U in EIA code.
3. Superior humidity characteristic and long life.
4. Excellent high frequency characteristic due to low ESR.
5. High rated ripple current.
?APPLICATIONS
1. Smoothing circuit of small size DC-DC converter.
2. On-board power supply.
3. Noise suppressor for various kinds of equipments.
4. By-pass or decoupling circuits.
?CONSTRUCTION
Solder or Tin Plating
(21, 31, 32, 43size : For flow or reflow soldering)
(55, 76size : For reflow soldering only)
Silver plating (THC Series only)
(All sizes : For reflow soldering only)
Ceramic Dielectric
Termination
Internal Electrode
/
(High Reliability)
(1/4)


Similar Part No. - KMC250E684M31N0T00

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KMC-21 ETC2-KMC-21 Datasheet
1Mb / 2P
   Compact VHF/UHF FM Portable Radios
KMC-45 ETC2-KMC-45 Datasheet
1Mb / 2P
   Compact VHF/UHF FM Portable Radios
KMC05 ETC2-KMC05 Datasheet
143Kb / 2P
   Magnetic Field Sensors Current Sensor
logo
Thinking Electronic Ind...
KMC35050-15 THINKING-KMC35050-15 Datasheet
647Kb / 16P
   Polymer PTC Resettable Fuse
KMC3S005 THINKING-KMC3S005 Datasheet
647Kb / 16P
   Polymer PTC Resettable Fuse
More results

Similar Description - KMC250E684M31N0T00

ManufacturerPart #DatasheetDescription
logo
EPCOS
X8R EPCOS-X8R Datasheet
112Kb / 13P
   Multilayer ceramic capacitors Chip capacitors
logo
NIC-Components Corp.
NMC0402X7R104K16TRPF NIC-NMC0402X7R104K16TRPF Datasheet
138Kb / 4P
   Multilayer Ceramic Chip Capacitors
logo
TDK Electronics
C1005C0G1H1R5C050BA TDK-C1005C0G1H1R5C050BA Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors
C1608X5R0J226M080AC TDK-C1608X5R0J226M080AC Datasheet
2Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
C3216X7R1C105K TDK-C3216X7R1C105K Datasheet
197Kb / 31P
   Multilayer Ceramic Chip Capacitors
C3216X7R1V106M160AC TDK-C3216X7R1V106M160AC Datasheet
2Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
CKG57NX5R1E476M500JH TDK-CKG57NX5R1E476M500JH Datasheet
109Kb / 9P
   Multilayer Ceramic Chip Capacitors
C3225X5R1C226K TDK-C3225X5R1C226K Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors
logo
Kyocera Kinseki Corpota...
CM32Y5V106Z16AT KSS-CM32Y5V106Z16AT Datasheet
163Kb / 16P
   Multilayer Ceramic Chip Capacitors
logo
TDK Electronics
C0603X5R0J224K TDK-C0603X5R0J224K Datasheet
463Kb / 2P
   Multilayer Ceramic Chip Capacitors
logo
NIC-Components Corp.
NMC1 NIC-NMC1 Datasheet
268Kb / 4P
   Multilayer Ceramic Chip Capacitors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com