Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FTACD801V394SELHZ0 Datasheet(PDF) 1 Page - United Chemi-Con, Inc.

Part # FTACD801V394SELHZ0
Description  ELECTRONIC EQUIPMENT FILM CAPACITOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHEMI-CON [United Chemi-Con, Inc.]
Direct Link  http://www.chemi-con.com
Logo CHEMI-CON - United Chemi-Con, Inc.

FTACD801V394SELHZ0 Datasheet(HTML) 1 Page - United Chemi-Con, Inc.

  FTACD801V394SELHZ0 Datasheet HTML 1Page - United Chemi-Con, Inc. FTACD801V394SELHZ0 Datasheet HTML 2Page - United Chemi-Con, Inc. FTACD801V394SELHZ0 Datasheet HTML 3Page - United Chemi-Con, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
ELECTRONIC EQUIPMENT FILM CAPACITOR
CAT. No. E1003E
@Maximum operating temperature 105C.
@Allowable temperature rise 15K max.
@Downsizing of TACB series.
?SPECIFICATIONS
Category temperature range
Rated voltage range
Capacitance tolerance
Voltage proof
(Terminal - Terminal)
Dissipation factor
(tanE)
Insulation resistance
(Terminal - Terminal)
Endurance
Loading under damp
heat
Items
Characteristics
250
100
315
100
400
100
630
500
800
500
1000
500
-40 to +105C
250 to 1000Vdc
P5% (J) or P10%(K)
No degradation, at 150% of rated voltage shall be applied for 60 seconds.
Not more than 0.05% : Equal or less than 1MF.
Not more than (cB0.015+0.05)% : More than 1MF.
No less than 30000MO : Equal or less than 0.33MF.
No less than 10000OF : More than 0.33MF.
Rated voltage (Vdc)
Measurement voltage (Vdc)
The following specifications shall be satisfied, after 1000hrs with applying rated voltageB125% at 105C.
Appearance
Insulation resistance
(Terminal - Terminal)
Dissipation factor (tanE)
Capacitance change
The following specifications shall be satisfied, after 500hrs with applying rated voltage at 40C 90K95%RH.
Appearance
Insulation resistance
(Terminal - Terminal)
Dissipation factor (tanE)
Capacitance change
No serious degradation
No less than 10000MO : Equal or less than 0.33MF.
No less than 3000OF : More than 0.33MF.
No more than initial specification at 1kHz.
Within P5% of initial value.
No serious degradation.
No less than 10000MO : Equal or less than 0.33MF.
No less than 3000OF : More than 0.33MF.
No more than initial specification at 1kHz.
Within P5% of initial value.
?STANDARD RATINGS
WV
(Vdc)
Cap
(mF)
Maximum
ripple current
(Arms)
Dimensions (mm)
WH
T
F
fd
WV
(Vac)
Part Number
Previous Part Number
(Just for your reference)
250
315
TACD2E824S
TACD2E105S
TACD2E125S
TACD2E155S
TACD2E185S
TACD2E225S
TACD2E275S
TACD2E335S
TACD2E395S
TACD2E475S
TACD2E565S
TACD2E685S
TACD2E825S
TACD2E106S
TACD2E126S
TACD2E156S
TACD2F334S
TACD2F394S
TACD2F474S
TACD2F564S
TACD2F684S
TACD2F824S
TACD2F105S
TACD2F125S
TACD2F155S
TACD2F185S
TACD2F225S
TACD2F275S
TACD2F335S
TACD2F395S
TACD2F475S
TACD2F565S
TACD2F685S
TACD2F825S
TACD2F106S
TACD2F126S
TACD2F156S
TACD2F186S
TACD2F226S
0.82
1.0
1.2
1.5
1.8
2.2
2.7
3.3
3.9
4.7
5.6
6.8
8.2
10
12
15
0.33
0.39
0.47
0.56
0.68
0.82
1.0
1.2
1.5
1.8
2.2
2.7
3.3
3.9
4.7
5.6
6.8
8.2
10
12
15
18
22
16.2
23.2
28.2
16.2
18.2
23.2
28.2
43.2
10.8
11.6
12.5
13.6
14.7
15.9
14.0
15.2
16.4
17.8
17.1
18.7
20.3
22.2
24.1
26.8
8.6
9.1
9.7
10.3
11.0
11.9
12.8
12.9
14.1
15.2
14.4
15.6
17.1
18.3
19.9
19.3
21.0
22.9
25.1
27.3
24.2
26.3
28.9
10.3
11.1
11.9
13.0
14.0
15.2
13.4
14.5
15.6
16.9
16.3
17.8
19.3
21.2
23.0
25.5
8.2
8.7
9.2
9.8
10.5
11.3
12.2
12.3
13.4
14.5
13.7
14.9
16.3
17.5
19.0
18.4
20.0
21.8
23.9
26.0
23.1
25.1
27.5
10.0
17.5
22.5
10.0
12.5
17.5
22.5
37.5
0.8
1.0
0.8
1.0
4.94
5.45
5.97
6.67
7.31
8.08
6.05
6.69
7.27
7.98
7.15
7.88
8.65
9.34
9.34
9.34
3.44
3.74
4.10
4.48
4.94
5.34
5.90
5.66
6.33
6.94
5.90
6.54
7.23
7.86
8.63
7.74
8.53
9.34
9.34
9.34
8.48
9.29
9.34
100
125
FTACD251V824SDLCZ0
FTACD251V105SDLCZ0
FTACD251V125SDLCZ0
FTACD251V155SDLCZ0
FTACD251V185SDLCZ0
FTACD251V225SDLCZ0
FTACD251V275SELHZ0
FTACD251V335SELHZ0
FTACD251V395SELHZ0
FTACD251V475SELHZ0
FTACD251V565SFLEZ0
FTACD251V685SFLEZ0
FTACD251V825SFLEZ0
FTACD251V106SFLEZ0
FTACD251V126SFLEZ0
FTACD251V156SFLEZ0
FTACD3B1V334SDLCZ0
FTACD3B1V394SDLCZ0
FTACD3B1V474SDLCZ0
FTACD3B1V564SDLCZ0
FTACD3B1V684SDLCZ0
FTACD3B1V824SDLCZ0
FTACD3B1V105SDLCZ0
FTACD3B1V125SHLGZ0
FTACD3B1V155SHLGZ0
FTACD3B1V185SHLGZ0
FTACD3B1V225SELHZ0
FTACD3B1V275SELHZ0
FTACD3B1V335SELHZ0
FTACD3B1V395SELHZ0
FTACD3B1V475SELHZ0
FTACD3B1V565SFLEZ0
FTACD3B1V685SFLEZ0
FTACD3B1V825SFLEZ0
FTACD3B1V106SFLEZ0
FTACD3B1V126SFLEZ0
FTACD3B1V156STLJZ0
FTACD3B1V186STLJZ0
FTACD3B1V226STLJZ0
(1)The symbol “S” is Capacitance tolerance code. (J : P5%, K : P10%)
(2)The maximum ripple current : +85C max., 100kHz, sine wave
(3)WV(Vac) : 50Hz or 60Hz, sine wave
(1/3)


Similar Part No. - FTACD801V394SELHZ0

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
FTACB251V105SDLCZ0 CHEMI-CON-FTACB251V105SDLCZ0 Datasheet
41Kb / 3P
   ELECTRONIC EQUIPMENT FILM CAPACITOR
FTACB251V106SFLEZ0 CHEMI-CON-FTACB251V106SFLEZ0 Datasheet
41Kb / 3P
   ELECTRONIC EQUIPMENT FILM CAPACITOR
FTACB251V125SHLGZ0 CHEMI-CON-FTACB251V125SHLGZ0 Datasheet
41Kb / 3P
   ELECTRONIC EQUIPMENT FILM CAPACITOR
FTACB251V126SFLEZ0 CHEMI-CON-FTACB251V126SFLEZ0 Datasheet
41Kb / 3P
   ELECTRONIC EQUIPMENT FILM CAPACITOR
FTACB251V155SHLGZ0 CHEMI-CON-FTACB251V155SHLGZ0 Datasheet
41Kb / 3P
   ELECTRONIC EQUIPMENT FILM CAPACITOR
More results

Similar Description - FTACD801V394SELHZ0

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
FTACB251V334SDLCZ0 CHEMI-CON-FTACB251V334SDLCZ0 Datasheet
41Kb / 3P
   ELECTRONIC EQUIPMENT FILM CAPACITOR
FDLDA801V102HGLBM0 CHEMI-CON-FDLDA801V102HGLBM0 Datasheet
41Kb / 3P
   ELECTRONIC EQUIPMENT FILM CAPACITOR
FHACD631V473J0LGZ0 CHEMI-CON-FHACD631V473J0LGZ0 Datasheet
41Kb / 3P
   ELECTRONIC EQUIPMENT FILM CAPACITOR
FDADC251V103JGLBM0 CHEMI-CON-FDADC251V103JGLBM0 Datasheet
37Kb / 2P
   ELECTRONIC EQUIPMENT FILM CAPACITOR
FHACB631V333 CHEMI-CON-FHACB631V333 Datasheet
43Kb / 3P
   ELECTRONIC EQUIPMENT FILM CAPACITOR
FTACC451V565SRLFZ0 CHEMI-CON-FTACC451V565SRLFZ0 Datasheet
27Kb / 1P
   ELECTRONIC EQUIPMENT FILM CAPACITOR
logo
OSRAM GmbH
LTQ39E OSRAM-LTQ39E_18 Datasheet
1Mb / 22P
   Electronic Equipment
LOQ976 OSRAM-LOQ976_18 Datasheet
1Mb / 20P
   Electronic Equipment
LWQH8G OSRAM-LWQH8G Datasheet
1Mb / 23P
   Electronic Equipment
LTQH9G OSRAM-LTQH9G_18 Datasheet
1Mb / 22P
   Electronic Equipment
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com