Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ESMM201VSN681MP40T Datasheet(PDF) 10 Page - United Chemi-Con, Inc.

Part # ESMM201VSN681MP40T
Description  Snap Mount
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHEMI-CON [United Chemi-Con, Inc.]
Direct Link  http://www.chemi-con.com
Logo CHEMI-CON - United Chemi-Con, Inc.

ESMM201VSN681MP40T Datasheet(HTML) 10 Page - United Chemi-Con, Inc.

Back Button ESMM201VSN681MP40T Datasheet HTML 3Page - United Chemi-Con, Inc. ESMM201VSN681MP40T Datasheet HTML 4Page - United Chemi-Con, Inc. ESMM201VSN681MP40T Datasheet HTML 5Page - United Chemi-Con, Inc. ESMM201VSN681MP40T Datasheet HTML 6Page - United Chemi-Con, Inc. ESMM201VSN681MP40T Datasheet HTML 7Page - United Chemi-Con, Inc. ESMM201VSN681MP40T Datasheet HTML 8Page - United Chemi-Con, Inc. ESMM201VSN681MP40T Datasheet HTML 9Page - United Chemi-Con, Inc. ESMM201VSN681MP40T Datasheet HTML 10Page - United Chemi-Con, Inc. ESMM201VSN681MP40T Datasheet HTML 11Page - United Chemi-Con, Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
420 Volts
470 Volts Surge
400 Volts
450 Volts Surge
SMM Series
United Chemi-Con, Inc. 9801 W. Higgins Road, Rosemont, IL 60018 Tel 847-696-2000 Fax 847-696-9278 www.chemi-con.com
10 / 11
220
ESMM401VSN221MP45T
22
45
P45
1.507
1.58
270
ESMM401VSN271MP50T
22
50
P50
1.228
1.65
82
ESMM401VSN820MQ20T
25.4
20
Q20
4.043
0.74
100
ESMM401VSN101MQ20T
25.4
20
Q20
3.315
0.82
120
ESMM401VSN121MQ25T
25.4
25
Q25
2.763
1.13
150
ESMM401VSN151MQ30T
25.4
30
Q30
2.21
1.27
180
ESMM401VSN181MQ30T
25.4
30
Q30
1.842
1.44
220
ESMM401VSN221MQ35T
25.4
35
Q35
1.507
1.64
270
ESMM401VSN271MQ40T
25.4
40
Q40
1.228
1.79
330
ESMM401VSN331MQ45T
25.4
45
Q45
1.005
2.0
390
ESMM401VSN391MQ50T
25.4
50
Q50
0.85
2.12
120
ESMM401VSN121MR20T
30
20
R20
2.763
0.95
150
ESMM401VSN151MR25T
30
25
R25
2.21
1.2
180
ESMM401VSN181MR25T
30
25
R25
1.842
1.52
220
ESMM401VSN221MR30T
30
30
R30
1.507
1.66
270
ESMM401VSN271MR30T
30
30
R30
1.228
1.82
330
ESMM401VSN331MR35T
30
35
R35
1.005
2.05
390
ESMM401VSN391MR40T
30
40
R40
0.85
2.26
470
ESMM401VSN471MR45T
30
45
R45
0.705
2.51
560
ESMM401VSN561MR50T
30
50
R50
0.592
2.85
180
ESMM401VSN181MA20T
35
20
A20
1.842
1.16
220
ESMM401VSN221MA25T
35
25
A25
1.507
1.47
270
ESMM401VSN271MA25T
35
25
A25
1.228
1.63
330
ESMM401VSN331MA30T
35
30
A30
1.005
2.05
390
ESMM401VSN391MA35T
35
35
A35
0.85
2.28
470
ESMM401VSN471MA35T
35
35
A35
0.705
2.54
560
ESMM401VSN561MA40T
35
40
A40
0.592
2.85
680
ESMM401VSN681MA50T
35
50
A50
0.488
3.1
56
ESMM421VSN560MN25T
20
25
N25
5.92
0.58
68
ESMM421VSN680MN25T
20
25
N25
4.875
0.7
82
ESMM421VSN820MN30T
20
30
N30
4.043
0.8
100
ESMM421VSN101MN35T
20
35
N35
3.315
0.9
120
ESMM421VSN121MN35T
20
35
N35
2.763
1.04
150
ESMM421VSN151MN40T
20
40
N40
2.21
1.17
180
ESMM421VSN181MN50T
20
50
N50
1.842
1.27
47
ESMM421VSN470MP20T
22
20
P20
7.053
0.54
56
ESMM421VSN560MP20T
22
20
P20
5.92
0.59
82
ESMM421VSN820MP25T
22
25
P25
4.043
0.85
100
ESMM421VSN101MP30T
22
30
P30
3.315
0.97
120
ESMM421VSN121MP30T
22
30
P30
2.763
1.07
150
ESMM421VSN151MP35T
22
35
P35
2.21
1.21
180
ESMM421VSN181MP40T
22
40
P40
1.842
1.33
220
ESMM421VSN221MP45T
22
45
P45
1.507
1.55
68
ESMM421VSN680MQ20T
25.4
20
Q20
4.875
0.68
82
ESMM421VSN820MQ20T
25.4
20
Q20
4.043
0.74
100
ESMM421VSN101MQ25T
25.4
25
Q25
3.315
0.98
120
ESMM421VSN121MQ25T
25.4
25
Q25
2.763
1.08
150
ESMM421VSN151MQ30T
25.4
30
Q30
2.21
1.26
180
ESMM421VSN181MQ35T
25.4
35
Q35
1.842
1.42
220
ESMM421VSN221MQ35T
25.4
35
Q35
1.507
1.58
270
ESMM421VSN271MQ40T
25.4
40
Q40
1.228
1.74
330
ESMM421VSN331MQ50T
25.4
50
Q50
1.005
2.2
100
ESMM421VSN101MR20T
30
20
R20
3.315
0.87
120
ESMM421VSN121MR20T
30
20
R20
2.763
0.95
150
ESMM421VSN151MR25T
30
25
R25
2.21
1.3
180
ESMM421VSN181MR25T
30
25
R25
1.842
1.48
220
ESMM421VSN221MR30T
30
30
R30
1.507
1.65
270
ESMM421VSN271MR35T
30
35
R35
1.228
1.9
Standard Voltage Ratings - Snap Mount
Rated
Voltage
(WVDC)
Capacitance
(µF )
Case
Size
Code
Global
Part Number
Nominal
Case Size*
D
L ( mm )
Maximum ESR
(
Ω) at
20 C, 120Hz
Rated
Ripple Current
(A rms) at
85 C, 120Hz
Engineering Bulletin Mar 07
For terminal and construction options, refer to the part numbering system for descriptions and codes.
* Refer to diagram of dimensions for detailed case size specifications.


Similar Part No. - ESMM201VSN681MP40T

ManufacturerPart #DatasheetDescription
logo
Eudyna Devices Inc
ESMM5320ZW EUDYNA-ESMM5320ZW Datasheet
37Kb / 4P
   Single-Pole Double-Throw Switch GaAs PHEMT High Power Switch DC - 2.0 GHz
logo
Eorex Corporation
ESMMC128 EOREX-ESMMC128 Datasheet
220Kb / 8P
   64MB/128MB/256MB/512MB MultiMediaCard?
ESMMC256 EOREX-ESMMC256 Datasheet
220Kb / 8P
   64MB/128MB/256MB/512MB MultiMediaCard?
ESMMC512 EOREX-ESMMC512 Datasheet
220Kb / 8P
   64MB/128MB/256MB/512MB MultiMediaCard?
ESMMC64 EOREX-ESMMC64 Datasheet
220Kb / 8P
   64MB/128MB/256MB/512MB MultiMediaCard?
More results

Similar Description - ESMM201VSN681MP40T

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
107LMX400M2CC ILLINOISCAPACITOR-107LMX400M2CC Datasheet
106Kb / 1P
   SNAP-IN / SNAP MOUNT
107LMX450M2CE ILLINOISCAPACITOR-107LMX450M2CE Datasheet
106Kb / 1P
   SNAP-IN / SNAP MOUNT
127LMB400M2BF ILLINOISCAPACITOR-127LMB400M2BF Datasheet
106Kb / 1P
   SNAP-IN / SNAP MOUNT
826LMH450MZBD ILLINOISCAPACITOR-826LMH450MZBD Datasheet
108Kb / 1P
   SNAP-IN / SNAP MOUNT
157LBA400M2CD ILLINOISCAPACITOR-157LBA400M2CD Datasheet
129Kb / 1P
   SNAP-IN / SNAP MOUNT
157LBA450M2BF ILLINOISCAPACITOR-157LBA450M2BF Datasheet
127Kb / 1P
   SNAP-IN / SNAP MOUNT
157LMB450M2BG ILLINOISCAPACITOR-157LMB450M2BG Datasheet
106Kb / 1P
   SNAP-IN / SNAP MOUNT
187LBA350M2BD ILLINOISCAPACITOR-187LBA350M2BD Datasheet
104Kb / 1P
   SNAP-IN / SNAP MOUNT
187LBA400M2CD ILLINOISCAPACITOR-187LBA400M2CD Datasheet
104Kb / 1P
   SNAP-IN / SNAP MOUNT
187LBB350M2CD ILLINOISCAPACITOR-187LBB350M2CD Datasheet
107Kb / 1P
   SNAP-IN / SNAP MOUNT
187LMH350MZBD ILLINOISCAPACITOR-187LMH350MZBD Datasheet
132Kb / 1P
   SNAP-IN / SNAP MOUNT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com