Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN54ABT16833WD Datasheet(PDF) 7 Page - Texas Instruments

Part # SN54ABT16833WD
Description  DUAL 8-BIT TO 9-BIT PARITY BUS TRANSCEIVERS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN54ABT16833WD Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN54ABT16833WD Datasheet HTML 2Page - Texas Instruments SN54ABT16833WD Datasheet HTML 3Page - Texas Instruments SN54ABT16833WD Datasheet HTML 4Page - Texas Instruments SN54ABT16833WD Datasheet HTML 5Page - Texas Instruments SN54ABT16833WD Datasheet HTML 6Page - Texas Instruments SN54ABT16833WD Datasheet HTML 7Page - Texas Instruments SN54ABT16833WD Datasheet HTML 8Page - Texas Instruments SN54ABT16833WD Datasheet HTML 9Page - Texas Instruments SN54ABT16833WD Datasheet HTML 10Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
SN54ABT16833, SN74ABT16833
DUAL 8-BIT TO 9-BIT PARITY BUS TRANSCEIVERS
SCBS097D – FEBRUARY 1991 – REVISED JANUARY 1997
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
TA = 25°C
SN54ABT16833
SN74ABT16833
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
MIN
MAX
MIN
MAX
UNIT
VIK
VCC = 4.5 V,
II = –18 mA
–1.2
–1.2
–1.2
V
VCC = 4.5 V,
IOH = –3 mA
2.5
3
2.5
VOH
All outputs
VCC = 5 V,
IOH = –3 mA
3
3.4
3
3
V
VOH
except ERR
VCC =4 5V
IOH = –24 mA
2
V
VCC = 4.5 V
IOH = –32 mA
2*
2.7
2
VOL
VCC =4 5V
IOL = 24 mA
0.25
0.55
0.55
V
VOL
VCC = 4.5 V
IOL = 64 mA
0.3
0.55*
0.55
V
Vhys
100
mV
IOH
ERR
VCC = 4.5 V,
VOH = 5.5 V
20
20
20
µA
Ioff
VCC = 0,
VI or VO ≤ 4.5 V
±100
±100
µA
ICEX
Outputs high
VCC = 5.5 V,
VO = 5.5 V
50
50
50
µA
II
Control inputs
VCC =5 5V VI =VCC or GND
±1
±1
±1
µA
II
A or B ports
VCC = 5.5 V, VI = VCC or GND
±100
±100
±100
µA
IIL
A or B ports
VCC = 0,
VI = GND
–50
–50
–50
µA
IO‡
VCC = 5.5 V,
VO = 2.5 V
–50
–100
–180
–50
–180
–50
–180
mA
IOZH§
VCC =5.5 V,
VO = 2.7 V
50
50
50
µA
IOZL§
VCC = 5.5 V,
VO = 0.5 V
–50
–50
–50
µA
VCC = 5.5 V,
Outputs high
1.5
2
2
2
ICC
A or B ports
VCC 5.5 V,
IO = 0,
Outputs low
28
36
36
36
mA
VI = VCC or GND
Outputs disabled
1
2
2
2
∆ICC¶
VCC = 5.5 V, One input at 3.4 V,
Other inputs at VCC or GND
50
50
50
µA
Ci
Control inputs
VI = 2.5 V or 0.5 V
3
pF
Cio
A or B ports
VO = 2.5 V or 0.5 V
9
pF
* On products compliant to MIL-PRF-38535, this parameter does not apply.
† All typical values are at VCC = 5 V.
‡ Not more than one output should be tested at a time, and the duration of the test should not exceed one second.
§ The parameters IOZH and IOZL include the input leakage current.
¶ This is the increase in supply current for each input that is at the specified TTL voltage level rather than VCC or GND.
PRODUCT PREVIEW information concerns products in the formative or
design phase of development. Characteristic data and other
specifications are design goals. Texas Instruments reserves the right to
change or discontinue these products without notice.


Similar Part No. - SN54ABT16833WD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ABT16833 TI-SN54ABT16833 Datasheet
171Kb / 10P
[Old version datasheet]   DUAL 8-BIT TO 9-BIT PARITY BUS TRANSCEIVERS
SN54ABT16833 TI-SN54ABT16833 Datasheet
364Kb / 13P
[Old version datasheet]   DUAL 8-BIT TO 9-BIT PARITY BUS TRANSCEIVERS
SN54ABT16833 TI-SN54ABT16833_08 Datasheet
364Kb / 13P
[Old version datasheet]   DUAL 8-BIT TO 9-BIT PARITY BUS TRANSCEIVERS
SN54ABT16833 TI-SN54ABT16833_98 Datasheet
171Kb / 10P
[Old version datasheet]   DUAL 8-BIT TO 9-BIT PARITY BUS TRANSCEIVERS
More results

Similar Description - SN54ABT16833WD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ABT16853 TI-SN54ABT16853_07 Datasheet
308Kb / 11P
[Old version datasheet]   DUAL 8-BIT TO 9-BIT PARITY BUS TRANSCEIVERS
SN54ABT16833 TI-SN54ABT16833_08 Datasheet
364Kb / 13P
[Old version datasheet]   DUAL 8-BIT TO 9-BIT PARITY BUS TRANSCEIVERS
SN54ABT16833 TI-SN54ABT16833_98 Datasheet
171Kb / 10P
[Old version datasheet]   DUAL 8-BIT TO 9-BIT PARITY BUS TRANSCEIVERS
SN54ABT16853 TI-SN54ABT16853 Datasheet
143Kb / 8P
[Old version datasheet]   DUAL 8-BIT TO 9-BIT PARITY BUS TRANSCEIVERS
SN54ABT16853 TI-SN54ABT16853_06 Datasheet
157Kb / 9P
[Old version datasheet]   DUAL 8-BIT TO 9-BIT PARITY BUS TRANSCEIVERS
74ACT16833 TI1-74ACT16833 Datasheet
172Kb / 9P
[Old version datasheet]   DUAL 8-BIT TO 9-BIT PARITY BUS TRANSCEIVERS
SN54ABT853 TI-SN54ABT853 Datasheet
141Kb / 9P
[Old version datasheet]   8-BIT TO 9-BIT PARITY BUS TRANSCEIVERS
SN54ABT833 TI-SN54ABT833 Datasheet
154Kb / 9P
[Old version datasheet]   8-BIT TO 9-BIT PARITY BUS TRANSCEIVERS
SN54ABT853 TI1-SN54ABT853_17 Datasheet
975Kb / 20P
[Old version datasheet]   8-BIT TO 9-BIT PARITY BUS TRANSCEIVERS
SN54ABT833 TI1-SN54ABT833_15 Datasheet
251Kb / 13P
[Old version datasheet]   8-BIT TO 9-BIT PARITY BUS TRANSCEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com