Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E36F401CPN103MFK0M Datasheet(PDF) 1 Page - United Chemi-Con, Inc.

Part # E36F401CPN103MFK0M
Description  Screw Terminals
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHEMI-CON [United Chemi-Con, Inc.]
Direct Link  http://www.chemi-con.com
Logo CHEMI-CON - United Chemi-Con, Inc.

E36F401CPN103MFK0M Datasheet(HTML) 1 Page - United Chemi-Con, Inc.

  E36F401CPN103MFK0M Datasheet HTML 1Page - United Chemi-Con, Inc. E36F401CPN103MFK0M Datasheet HTML 2Page - United Chemi-Con, Inc. E36F401CPN103MFK0M Datasheet HTML 3Page - United Chemi-Con, Inc. E36F401CPN103MFK0M Datasheet HTML 4Page - United Chemi-Con, Inc. E36F401CPN103MFK0M Datasheet HTML 5Page - United Chemi-Con, Inc. E36F401CPN103MFK0M Datasheet HTML 6Page - United Chemi-Con, Inc. E36F401CPN103MFK0M Datasheet HTML 7Page - United Chemi-Con, Inc. E36F401CPN103MFK0M Datasheet HTML 8Page - United Chemi-Con, Inc. E36F401CPN103MFK0M Datasheet HTML 9Page - United Chemi-Con, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
United Chemi-Con, Inc. 9801 W. Higgins Road, Rosemont, IL 60018 Tel 847-696-2000 Fax 847-696-9278 www.chemi-con.com
1/ 9
U36F Series
The U36F series is a longer life version of the industry standard U36D specifically designed to provide
the ripple current capability and long life required for high reliability inverter applications. The U36F
has an endurance rating of 5,000 hours at
85 C with the rated ripple current applied. These
capacitors are available with a variety of high current English or Metric thread terminals. Mounting
options include a three-footed clamp or a bottom stud. Custom designs are available upon request.
Large Can
Screw Terminals
Longer Life
U36 Grade
High Ripple
350 to 500VDC
Ratings
RoHS Compliant
85 C
Maximum
Temperature
Screw terminals: high and low post, English and Metric thread.
Capacitance range: 1,500 to 18,000µF.
Voltage range: 350 to 500VDC.
Category temperature range:
40 Cto
85 C.
Leakage current: 0.02CV(µA) or 5mA, whichever is smaller, after 5 minutes at
25 C.
Standard capacitance tolerance:
20%
Nominal case size (D
L): D = 50mm (2.000”) to 89mm (3.500”); L = 79mm (3.125”) to
220mm (8.625”).
Rated lifetime: 5,000 hours at
85 C with rated ripple current applied.
Summary of Specifications
U36F SERIES
Engineering Bulletin Mar 07


Similar Part No. - E36F401CPN103MFK0M

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
E36F401CPN103MFK0M CHEMI-CON-E36F401CPN103MFK0M Datasheet
127Kb / 9P
   Large Can
More results

Similar Description - E36F401CPN103MFK0M

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
E32D6R3HPN393MA41M CHEMI-CON-E32D6R3HPN393MA41M Datasheet
145Kb / 12P
   Screw Terminals
E36L351HPN222MCA5M CHEMI-CON-E36L351HPN222MCA5M Datasheet
126Kb / 9P
   Screw Terminals
logo
List of Unclassifed Man...
1259 ETC2-1259 Datasheet
584Kb / 2P
   SCREW TERMINALS
logo
United Chemi-Con, Inc.
E32F351HPN222MCA5M CHEMI-CON-E32F351HPN222MCA5M Datasheet
128Kb / 9P
   Screw Terminals
E36D6R3HPN393MA41M CHEMI-CON-E36D6R3HPN393MA41M Datasheet
151Kb / 13P
   Screw Terminals
ETOR351CTN182ME54M CHEMI-CON-ETOR351CTN182ME54M Datasheet
148Kb / 7P
   Screw Terminals
logo
List of Unclassifed Man...
7790 ETC2-7790 Datasheet
113Kb / 2P
   SCREW TERMINALS
7775-3 ETC2-7775-3 Datasheet
150Kb / 2P
   PC SCREW TERMINALS
logo
XP Power Limited
MFA350 XPPOWER-MFA350 Datasheet
9Mb / 40P
   Screw Terminals Available
MFA420 XPPOWER-MFA420 Datasheet
6Mb / 14P
   Screw Terminals Available
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com