Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMVA451GTR220MLN0S Datasheet(PDF) 1 Page - United Chemi-Con, Inc.

Part # EMVA451GTR220MLN0S
Description  SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHEMI-CON [United Chemi-Con, Inc.]
Direct Link  http://www.chemi-con.com
Logo CHEMI-CON - United Chemi-Con, Inc.

EMVA451GTR220MLN0S Datasheet(HTML) 1 Page - United Chemi-Con, Inc.

  EMVA451GTR220MLN0S Datasheet HTML 1Page - United Chemi-Con, Inc. EMVA451GTR220MLN0S Datasheet HTML 2Page - United Chemi-Con, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
Downsized, 85C
CAT. No. E1001E
@F4 through F18 case sizes are fully lined up
@Endurance : 85C 2000 hours
@Suitable to fit for downsized equipment
@Solvent-proof type except 100 to 450Vdc (see PRECAUTIONS AND GUIDELINES)
@Pb-free design
downsized
size extended
MVA
MV
?SPECIFICATIONS
(at 20C, 120Hz)
(at 20C)
(at 20C, 120Hz)
(at 120Hz)
Category
Temperature Range
Rated Voltage Range
Capacitance Tolerance
Leakage Current
Dissipation Factor
(tane)
Low Temperature
Characteristics
(Max. Impedance Ratio)
Endurance
Shelf Life
Items
-40 to +85C
4 to 450Vdc
P20% (M)
Rated voltage (Vdc)
Where, I : Max. leakage current (MA), C : Nominal capacitance (MF), V : Rated voltage (V)
Rated voltage (Vdc)
tanE (Max.)
When nominal capacitance exceeds 1000MF, add 0.02 to the value above for each 1000MF increase.
Rated voltage (Vdc)
Z(-25C)/Z(+20C)
Z(-40C)/Z(+20C)
Z(-25C)/Z(+20C)
Z(-40C)/Z(+20C)
The following specifications shall be satisfied when the capacitors are restored to 20C after the rated voltage is applied for 2000 hours
at 85C.
Size code
Rated voltage (Vdc)
Capacitance change
[P30% of the initial value
[P20% of the initial value
DF (tanE)
[200% of the initial specified value
[200% of the initial specified value
Leakage current
[The initial specified value
[The initial specified value
The following specifications shall be satisfied when the capacitors are restored to 20C after exposing them for 1000 hours at 85C
without voltage applied.
Size code
Rated voltage
Capacitance change
[P30% of the initial value
[P20% of the initial value
DF (tanE)
[200% of the initial specified value
[200% of the initial specified value
Leakage current
[The initial specified value
[The initial specified value
Characteristics
4V
0.42
-
4V
7
17
-
-
6.3V
0.35
0.38
6.3V
4
10
5
12
10V
0.30
0.34
10V
3
8
4
10
16V
0.26
0.30
16V
2
6
3
8
25V
0.16
0.26
25V
2
4
2
5
35V
0.14
0.22
35V
2
3
2
4
50V
0.12
0.18
50V
2
3
2
3
63V
0.12
0.14
63V
2
3
2
3
100V
0.12
0.10
100V
3
4
2
3
160 to 250V
-
0.20
160 to 250V
-
-
3
6
400 & 450V
-
0.25
400 & 450V
-
-
6
10
D55 to JA0
KE0 to MN0
D55 to JA0
KE0 to MN0
I=0.01CV or 3MA, whichever is greater.(after 2 minutes)
I=0.03CV or 4MA, whichever is greater.(after 1 minute)
D55 to JA0
KE0 to MN0
4 to 100V
160 to 450V
-
I=0.04CV+100MA max.(after 1 minute)
D55 to JA0
4V & 6.3V
D55 to JA0
10 to 100V
KE0 to MN0
6.3 to 450V
D55 to JA0
4V & 6.3V
D55 to JA0
10 to 100V
KE0 to MN0
6.3 to 450V
?PART NUMBERING SYSTEM
?DIMENSIONS [mm]
Size code
D55
E55
F55
F60
F80
HA0
JA0
KE0
KG5
LH0
LN0
MH0
MN0
D
4
5
6.3
6.3
6.3
8
10
12.5
12.5
16
16
18
18
L
5.2
5.2
5.2
5.7
7.7
10.0
10.0
13.5
16.0
16.5
21.5
16.5
21.5
A
4.3
5.3
6.6
6.6
6.6
8.3
10.3
13.0
13.0
17.0
17.0
19.0
19.0
B
4.3
5.3
6.6
6.6
6.6
8.3
10.3
13.0
13.0
17.0
17.0
19.0
19.0
C
5.1
5.9
7.2
7.2
7.2
9.0
11.0
13.7
13.7
18.0
18.0
20.0
20.0
W
0.5 to 0.8
0.5 to 0.8
0.5 to 0.8
0.5 to 0.8
0.5 to 0.8
0.7 to 1.1
0.7 to 1.1
1.0 to 1.3
1.0 to 1.3
1.0 to 1.3
1.0 to 1.3
1.0 to 1.3
1.0 to 1.3
P
1.0
1.4
1.9
1.9
1.9
3.1
4.5
4.2
4.2
6.5
6.5
6.5
6.5
LP0.3(Note)
0.3max.
AP0.2
W
Note : LP0.5 for HA0 to KG5
LP0.5
0.3max.
AP0.2
W
: Dummy terminals
?MARKING
7hA
47
16V
EX) 16V47MF
MVA
0V
1000
25V
EX) 25V1000MF
D55 to JA0
KE0 to HN0
@Terminal Code : A
@Size code : D55 to KG5
@Size code : LH0 to MN0
@Terminal Code : G
Supplement code
Size code
Capacitance tolerance code
Capacitance code (ex. 0.1MF:R10,100MF:101)
Taping·Tray code
Terminal code (A, G)
Voltage code (ex. 6.3V:6R3,100V:101,450V:451)
Series code
Category
E M V A A A A A A A A A A
A A A N
M
13
4
26
7
8
9
10
512
13
11
16
17
18
15
14
Please refer to "A guide to global code (surface mount type)"
(1/2)


Similar Part No. - EMVA451GTR220MLN0S

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
EMVA451ARA CHEMI-CON-EMVA451ARA Datasheet
417Kb / 2P
   Standard, 85?
EMVA451ARA4R7MKE0S CHEMI-CON-EMVA451ARA4R7MKE0S Datasheet
417Kb / 2P
   Standard, 85?
More results

Similar Description - EMVA451GTR220MLN0S

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NAWS NIC-NAWS Datasheet
97Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
logo
Nichicon corporation
EMVH350ARA471MKG5S NICHICON-EMVH350ARA471MKG5S Datasheet
420Kb / 2P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
logo
United Chemi-Con, Inc.
EMVL6R3ADA220MD60G CHEMI-CON-EMVL6R3ADA220MD60G Datasheet
37Kb / 1P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NACNW NIC-NACNW Datasheet
172Kb / 1P
   Surface Mount Aluminum Electrolytic Capacitors
NACX NIC-NACX Datasheet
145Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NACY NIC-NACY Datasheet
206Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NATT NIC-NATT Datasheet
49Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
NAWU NIC-NAWU Datasheet
224Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NACK NIC-NACK Datasheet
48Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
NACZF NIC-NACZF Datasheet
231Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com