Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VHA6029036AL Datasheet(PDF) 3 Page - Pletronics, Inc.

Part # VHA6029036AL
Description  3.3V VCXO CMOS Oscillator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLETRONICS [Pletronics, Inc.]
Direct Link  http://www.pletronics.com
Logo PLETRONICS - Pletronics, Inc.

VHA6029036AL Datasheet(HTML) 3 Page - Pletronics, Inc.

  VHA6029036AL Datasheet HTML 1Page - Pletronics, Inc. VHA6029036AL Datasheet HTML 2Page - Pletronics, Inc. VHA6029036AL Datasheet HTML 3Page - Pletronics, Inc. VHA6029036AL Datasheet HTML 4Page - Pletronics, Inc. VHA6029036AL Datasheet HTML 5Page - Pletronics, Inc. VHA6029036AL Datasheet HTML 6Page - Pletronics, Inc. VHA6029036AL Datasheet HTML 7Page - Pletronics, Inc. VHA6029036AL Datasheet HTML 8Page - Pletronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
VHA6 Series 3.3V
VCXO CMOS Oscillator
January 2007
www.pletronics.com
425-776-1880
3
Electrical Specification for 3.30V +
_10% over the specified temperature range
Item
Min
Typ
Max
Unit
Condition
Frequency Range
1.7
-
80
MHz
Frequency Accuracy 1
+_25
-
-
ppm
Not specified if APR is specified
Pullability 1
25-55 MHz
+_90
-
+_125
ppm
For Vcontrol 1.65 V +_1.65 V.
Not specified if APR is specified
Defined by the part number
1.7-25 MHz
+_110
-
+_140
ppm
Pullability 1
25-55 MHz
+_50
-
-
ppm
Absolute Pull Range, includes the effect of
temperature stability
Defined by the part number
APR
1.7-25 MHz
+_75
-
-
ppm
Output Waveform
CMOS
Output High Level
90
-
-
%
of V
CC
for I
OH= +7 mA
70
-
-
%
of V
CC
for I
OH= +14 mA
Output Low Level
-
-
10
%
of V
CC
for I
OL = -7 mA
--
30
%
of V
CC
for I
OL = -14 mA
Output T
RISE and TFALL
-
4.0
6.0
nS
10% to 90% of V
CC, CLOAD = 15 pF
Output Symmetry
45
50
55
%
at 50% point of V
CC (See load circuit)
Vcontrol Resistance Pin 1
20
25
-
Kohm
Modulation Bandwidth
10
20
-
KHz
Vcontrol = 1.65V +_1.65V, -3dB
E/D Internal Pull-up
50
-
-
Kohm
to V
CC
V disable
-
-
15
%
of V
CC applied to pin 1
V enable
85
-
-
%
of V
CC applied to pin 1
Output leakage
V
OUT = VCC
-10
-
+10
uA
Pin 1 low, device disabled
V
OUT = 0V
-10
-
+10
uA
Enable time
-
-
250
nS
Time for output to reach a logic state
Disable time
-
-
250
nS
Time for output to reach a high Z state
Start up time
-
1.5
10
mS
Time for output to reach specified frequency
Supply Current
-
5.0
8.0
mA
C
LOAD = 15 pF
Operating Temperature
-45
+105
oC
Defined by part number
Storage Temperature Range
-55
+125
oC
Specifications with Pad 2 E/D open circuit
1For all supply voltages, load changes, aging for 1 year, shock, vibration and temperatures.


Similar Part No. - VHA6029036AL

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VHA412 VISHAY-VHA412 Datasheet
126Kb / 5P
   Hermetically Sealed High Precision Bulk Metal® Foil Technology Resistors with TCR of ± 2 ppm/°C, Tolerance of ± 0.001 % and Load Life Stability of ± 0.005 %
Revision: 14-Nov-07
VHA414 VISHAY-VHA414 Datasheet
126Kb / 5P
   Hermetically Sealed High Precision Bulk Metal® Foil Technology Resistors with TCR of ± 2 ppm/°C, Tolerance of ± 0.001 % and Load Life Stability of ± 0.005 %
Revision: 14-Nov-07
VHA512 VISHAY-VHA512 Datasheet
126Kb / 5P
   Hermetically Sealed High Precision Bulk Metal® Foil Technology Resistors with TCR of ± 2 ppm/°C, Tolerance of ± 0.001 % and Load Life Stability of ± 0.005 %
Revision: 14-Nov-07
VHA516-4 VISHAY-VHA516-4 Datasheet
126Kb / 5P
   Hermetically Sealed High Precision Bulk Metal® Foil Technology Resistors with TCR of ± 2 ppm/°C, Tolerance of ± 0.001 % and Load Life Stability of ± 0.005 %
Revision: 14-Nov-07
VHA516-5 VISHAY-VHA516-5 Datasheet
126Kb / 5P
   Hermetically Sealed High Precision Bulk Metal® Foil Technology Resistors with TCR of ± 2 ppm/°C, Tolerance of ± 0.001 % and Load Life Stability of ± 0.005 %
Revision: 14-Nov-07
More results

Similar Description - VHA6029036AL

ManufacturerPart #DatasheetDescription
logo
Pletronics, Inc.
VHD6031035AA PLETRONICS-VHD6031035AA Datasheet
143Kb / 7P
   3.3V VCXO CMOS Oscillator
logo
Pericom Semiconductor C...
FRSONT019 PERICOM-FRSONT019 Datasheet
895Kb / 2P
   3.3V CMOS 19.44MHz SONET VCXO
FRSONT038 PERICOM-FRSONT038 Datasheet
896Kb / 2P
   3.3V CMOS 38.880MHz SONET VCXO
YNWMAX153 PERICOM-YNWMAX153 Datasheet
905Kb / 2P
   3.3V CMOS 153.6MHz WiMAX VCXO
FRXDSL035 PERICOM-FRXDSL035 Datasheet
875Kb / 2P
   3.3V CMOS 35.328MHz DSL VCXO
FRSONT077 PERICOM-FRSONT077 Datasheet
831Kb / 2P
   3.3V CMOS 77.76MHz SONET VCXO
FRTELE016 PERICOM-FRTELE016 Datasheet
884Kb / 2P
   3.3V CMOS 16.384MHz Telecom VCXO
YNETHE125 PERICOM-YNETHE125 Datasheet
898Kb / 2P
   3.3V CMOS 125.000MHz Ethernet VCXO
FRETHE025 PERICOM-FRETHE025 Datasheet
877Kb / 2P
   3.3V CMOS 25.000MHz Ethernet VCXO
logo
Golledge Electronics Lt...
GXO-7531 GOLLEDGE-GXO-7531 Datasheet
596Kb / 6P
   3.3V CMOS Oscillator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com