Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E36D500HPN473MAE3M Datasheet(PDF) 10 Page - United Chemi-Con, Inc.

Part # E36D500HPN473MAE3M
Description  Screw Terminals
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHEMI-CON [United Chemi-Con, Inc.]
Direct Link  http://www.chemi-con.com
Logo CHEMI-CON - United Chemi-Con, Inc.

E36D500HPN473MAE3M Datasheet(HTML) 10 Page - United Chemi-Con, Inc.

Back Button E36D500HPN473MAE3M Datasheet HTML 5Page - United Chemi-Con, Inc. E36D500HPN473MAE3M Datasheet HTML 6Page - United Chemi-Con, Inc. E36D500HPN473MAE3M Datasheet HTML 7Page - United Chemi-Con, Inc. E36D500HPN473MAE3M Datasheet HTML 8Page - United Chemi-Con, Inc. E36D500HPN473MAE3M Datasheet HTML 9Page - United Chemi-Con, Inc. E36D500HPN473MAE3M Datasheet HTML 10Page - United Chemi-Con, Inc. E36D500HPN473MAE3M Datasheet HTML 11Page - United Chemi-Con, Inc. E36D500HPN473MAE3M Datasheet HTML 12Page - United Chemi-Con, Inc. E36D500HPN473MAE3M Datasheet HTML 13Page - United Chemi-Con, Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
250 Volts
300 Volts Surge
200 Volts
250 Volts Surge
160 Volts
200 Volts Surge
U36D Series
United Chemi-Con, Inc. 9801 W. Higgins Road, Rosemont, IL 60018 Tel 847-696-2000 Fax 847-696-9278 www.chemi-con.com
10 / 13
680
E36D201HPN681MA41M
1.375
1.625
A41
205.0
1.78
1,000
E36D201HPN102MA54M
1.375
2.125
A54
137.0
2.31
1,500
E36D201HPN152MA67M
1.375
2.625
A67
92.0
2.95
1,800
E36D201HPN182MA79M
1.375
3.125
A79
76.6
3.48
2,200
E36D201HPN222MA92M
1.375
3.625
A92
63.0
4.12
2,700
E36D201HPN272MAA5M
1.375
4.125
AA5
51.8
4.85
3,300
E36D201HPN332MAB7M
1.375
4.625
AB7
43.0
5.49
3,900
E36D201HPN392MAD0M
1.375
5.125
AD0
36.8
6.27
1,500
E36D201HPN152MC48M
2.000
1.875
C48
97.1
3.19
2,200
E36D201HPN222MC54M
2.000
2.125
C54
67.0
4.05
3,300
E36D201HPN332MC67M
2.000
2.625
C67
44.8
5.27
3,900
E36D201HPN392MC79M
2.000
3.125
C79
37.4
6.15
5,600
E36D201HPN562MC92M
2.000
3.625
C92
26.6
7.87
8,200
E36D201HPN822MCB7M
2.000
4.625
CB7
18.9
10.60
10,000
E36D201HPN103MCE3M
2.000
5.625
CE3
15.7
12.83
6,800
E36D201HPN682MD79M
2.500
3.125
D79
24.9
9.26
10,000
E36D201HPN103MDA5M
2.500
4.125
DA5
17.3
12.67
12,000
E36D201HPN123MDB7M
2.500
4.625
DB7
14.5
14.55
15,000
E36D201HPN153MDE3M
2.500
5.625
DE3
12.1
17.79
12,000
E36D201HPN123ME92M
3.000
3.625
E92
17.0
14.49
15,000
E36D201HPN153MEA5M
3.000
4.125
EA5
14.3
17.12
18,000
E36D201HPN183MEB7M
3.000
4.625
EB7
12.4
19.64
22,000
E36D201HPN223MED0M
3.000
5.125
ED0
10.8
22.72
33,000
E36D201HPN333MEN0M
3.000
8.625
EN0
7.3
35.17
2,200
E36D161HPN222MC48M
2.000
1.875
C48
80.9
3.86
2,700
E36D161HPN272MC54M
2.000
2.125
C54
64.7
4.49
3,900
E36D161HPN392MC67M
2.000
2.625
C67
44.7
5.73
5,600
E36D161HPN562MC79M
2.000
3.125
C79
31.8
7.37
8,200
E36D161HPN822MC92M
2.000
3.625
C92
22.4
9.53
10,000
E36D161HPN103MCB7M
2.000
4.625
CB7
18.4
11.71
12,000
E36D161HPN123MCD0M
2.000
5.125
CD0
15.9
13.46
10,000
E36D161HPN103MD79M
2.500
3.125
D79
21.5
11.23
15,000
E36D161HPN153MDA5M
2.500
4.125
DA5
14.9
15.52
18,000
E36D161HPN183MDB7M
2.500
4.625
DB7
12.5
17.82
22,000
E36D161HPN223MDE3M
2.500
5.625
DE3
10.6
21.54
18,000
E36D161HPN183ME92M
3.000
3.625
E92
15.2
17.74
22,000
E36D161HPN223MEA5M
3.000
4.125
EA5
12.9
20.73
27,000
E36D161HPN273MED0M
3.000
5.125
ED0
10.3
25.17
33,000
E36D161HPN333MEE3M
3.000
5.625
EE3
9.2
29.02
47,000
E36D161HPN473MEN0M
3.000
8.625
EN0
6.7
41.98
For terminal, mounting and construction options, refer to the part numbering system for descriptions and codes.
* Refer to diagram of dimensions for detailed case size specifications.
470
E36D251HPN471MA41M
1.375
1.625
A41
271.2
1.48
820
E36D251HPN821MA54M
1.375
2.125
A54
154.3
2.09
1,200
E36D251HPN122MA67M
1.375
2.625
A67
105.8
2.64
1,500
E36D251HPN152MA79M
1.375
3.125
A79
84.7
3.18
1,800
E36D251HPN182MA92M
1.375
3.625
A92
70.8
3.73
2,200
E36D251HPN222MAA5M
1.375
4.125
AA5
58.4
4.38
2,700
E36D251HPN272MAD0M
1.375
5.125
AD0
47.8
5.21
3,300
E36D251HPN332MAE3M
1.375
5.625
AE3
39.8
6.03
1,200
E36D251HPN122MC48M
2.000
1.875
C48
111.5
2.85
1,500
E36D251HPN152MC54M
2.000
2.125
C54
87.9
3.34
2,200
E36D251HPN222MC67M
2.000
2.625
C67
59.8
4.31
3,300
E36D251HPN332MC79M
2.000
3.125
C79
40.8
5.66
3,900
E36D251HPN392MC92M
2.000
3.625
C92
34.4
6.57
4,700
E36D251HPN472MCA5M
2.000
4.125
CA5
28.8
7.65
5,600
E36D251HPN562MCB7M
2.000
4.625
CB7
24.5
8.76
6,800
E36D251HPN682MCE3M
2.000
5.625
CE3
20.3
10.58
4,700
E36D251HPN472MD79M
2.500
3.125
D79
31.0
7.70
8,200
E36D251HPN822MDA5M
2.500
4.125
DA5
19.2
11.47
Engineering Bulletin Mar 07
Standard Voltage Ratings - Screw Terminals
Rated
Voltage
(WVDC)
Capacitance
(µF )
Case
Size
Code
Global
Part Number
Nominal
Case Size*
D
L (inches)
Maximum ESR
(m
Ω) at
25 C, 120Hz
Rated
Ripple Current
(A rms) at
85 C, 120Hz


Similar Part No. - E36D500HPN473MAE3M

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
E36D500HPN CHEMI-CON-E36D500HPN Datasheet
143Kb / 13P
   Large Can
More results

Similar Description - E36D500HPN473MAE3M

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
E32D6R3HPN393MA41M CHEMI-CON-E32D6R3HPN393MA41M Datasheet
145Kb / 12P
   Screw Terminals
E36L351HPN222MCA5M CHEMI-CON-E36L351HPN222MCA5M Datasheet
126Kb / 9P
   Screw Terminals
logo
List of Unclassifed Man...
1259 ETC2-1259 Datasheet
584Kb / 2P
   SCREW TERMINALS
logo
United Chemi-Con, Inc.
E32F351HPN222MCA5M CHEMI-CON-E32F351HPN222MCA5M Datasheet
128Kb / 9P
   Screw Terminals
E36F351HPN222MCA5M CHEMI-CON-E36F351HPN222MCA5M Datasheet
123Kb / 9P
   Screw Terminals
ETOR351CTN182ME54M CHEMI-CON-ETOR351CTN182ME54M Datasheet
148Kb / 7P
   Screw Terminals
logo
List of Unclassifed Man...
7790 ETC2-7790 Datasheet
113Kb / 2P
   SCREW TERMINALS
7775-3 ETC2-7775-3 Datasheet
150Kb / 2P
   PC SCREW TERMINALS
logo
XP Power Limited
MFA350 XPPOWER-MFA350 Datasheet
9Mb / 40P
   Screw Terminals Available
MFA420 XPPOWER-MFA420 Datasheet
6Mb / 14P
   Screw Terminals Available
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com