Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74ABT18245A Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN74ABT18245A
Description  SCAN TEST DEVICES WITH 18-BIT BUS TRANSCEIVERS
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74ABT18245A Datasheet(HTML) 1 Page - Texas Instruments

  SN74ABT18245A Datasheet HTML 1Page - Texas Instruments SN74ABT18245A Datasheet HTML 2Page - Texas Instruments SN74ABT18245A Datasheet HTML 3Page - Texas Instruments SN74ABT18245A Datasheet HTML 4Page - Texas Instruments SN74ABT18245A Datasheet HTML 5Page - Texas Instruments SN74ABT18245A Datasheet HTML 6Page - Texas Instruments SN74ABT18245A Datasheet HTML 7Page - Texas Instruments SN74ABT18245A Datasheet HTML 8Page - Texas Instruments SN74ABT18245A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
SN54ABT18245A, SN74ABT18245A
SCAN TEST DEVICES
WITH 18-BIT BUS TRANSCEIVERS
SCBS110H – AUGUST 1992 – REVISED FEBRUARY 1999
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Members of the Texas Instruments
SCOPE
™ Family of Testability Products
D Members of the Texas Instruments
Widebus
™ Family
D Compatible With the IEEE Standard
1149.1-1990 (JTAG) Test Access Port and
Boundary-Scan Architecture
D SCOPE ™ Instruction Set
– IEEE Standard 1149.1-1990 Required
Instructions, CLAMP and HIGHZ
– Parallel-Signature Analysis at Inputs
– Pseudo-Random Pattern Generation
From Outputs
– Sample Inputs/Toggle Outputs
– Binary Count From Outputs
– Device Identification
– Even-Parity Opcodes
D State-of-the-Art EPIC-ΙΙB™ BiCMOS Design
Significantly Reduces Power Dissipation
D Packaged in Plastic Shrink Small-Outline
(DL) and Thin Shrink Small-Outline (DGG)
Packages and 380-mil Fine-Pitch Ceramic
Flat (WD) Packages
description
The ’ABT18245A scan test devices with 18-bit bus
transceivers
are
members
of
the
Texas
Instruments
SCOPE
™ testability integrated-
circuit family. This family of devices supports IEEE
Standard 1149.1-1990 boundary scan to facilitate
testing of complex circuit-board assemblies. Scan
access to the test circuitry is accomplished via the
4-wire test access port (TAP) interface.
In the normal mode, these devices are 18-bit noninverting bus transceivers. They can be used either as two
9-bit transceivers or one 18-bit transceiver. The test circuitry can be activated by the TAP to take snapshot
samples of the data appearing at the device pins or to perform a self-test on the boundary-test cells. Activating
the TAP in the normal mode does not affect the functional operation of the SCOPE
™ bus transceivers.
Data flow is controlled by the direction-control (DIR) and output-enable (OE) inputs. Data transmission is
allowed from the A bus to the B bus or from the B bus to the A bus, depending on the logic level at DIR. OE can
be used to disable the device so that the buses are effectively isolated.
In the test mode, the normal operation of the SCOPE
™ bus transceivers is inhibited and the test circuitry is
enabled to observe and control the input/output (I/O) boundary of the device. When enabled, the test circuitry
performs boundary-scan test operations according to the protocol described in IEEE Standard 1149.1-1990.
Copyright
© 1999, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
SCOPE, Widebus, and EPIC-
ΙΙB are trademarks of Texas Instruments Incorporated.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
1DIR
1B1
1B2
GND
1B3
1B4
VCC
1B5
1B6
1B7
GND
1B8
1B9
2B1
2B2
2B3
2B4
GND
2B5
2B6
2B7
VCC
2B8
2B9
GND
2DIR
TDO
TMS
1OE
1A1
1A2
GND
1A3
1A4
VCC
1A5
1A6
1A7
GND
1A8
1A9
2A1
2A2
2A3
2A4
GND
2A5
2A6
2A7
VCC
2A8
2A9
GND
2OE
TDI
TCK
SN54ABT18245A . . . WD PACKAGE
SN74ABT18245A . . . DGG OR DL PACKAGE
(TOP VIEW)
On products compliant to MIL-PRF-38535, all parameters are tested
unless otherwise noted. On all other products, production
processing does not necessarily include testing of all parameters.


Similar Part No. - SN74ABT18245A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ABT18245A TI-SN74ABT18245A Datasheet
436Kb / 32P
[Old version datasheet]   SCAN TEST DEVICES WITH 18-BIT BUS TRANSCEIVERS
SN74ABT18245A TI-SN74ABT18245A Datasheet
617Kb / 34P
[Old version datasheet]   SCAN TEST DEVICES WITH 18-BIT BUS TRANSCEIVERS
SN74ABT18245ADGGR TI-SN74ABT18245ADGGR Datasheet
436Kb / 32P
[Old version datasheet]   SCAN TEST DEVICES WITH 18-BIT BUS TRANSCEIVERS
SN74ABT18245ADGGR TI-SN74ABT18245ADGGR Datasheet
617Kb / 34P
[Old version datasheet]   SCAN TEST DEVICES WITH 18-BIT BUS TRANSCEIVERS
SN74ABT18245ADL TI-SN74ABT18245ADL Datasheet
436Kb / 32P
[Old version datasheet]   SCAN TEST DEVICES WITH 18-BIT BUS TRANSCEIVERS
More results

Similar Description - SN74ABT18245A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ABT18245A TI-SN54ABT18245A_06 Datasheet
436Kb / 32P
[Old version datasheet]   SCAN TEST DEVICES WITH 18-BIT BUS TRANSCEIVERS
SN54ABT18245A TI-SN54ABT18245A_08 Datasheet
617Kb / 34P
[Old version datasheet]   SCAN TEST DEVICES WITH 18-BIT BUS TRANSCEIVERS
SN54ABT18640 TI-SN54ABT18640 Datasheet
400Kb / 30P
[Old version datasheet]   SCAN TEST DEVICES WITH 18-BIT INVERTING BUS TRANSCEIVERS
SN54ABTH18502A TI-SN54ABTH18502A_08 Datasheet
832Kb / 42P
[Old version datasheet]   SCAN TEST DEVICES WITH 18-BIT UNIVERSAL BUS TRANSCEIVERS
SN54ABTH18502A TI-SN54ABTH18502A Datasheet
549Kb / 37P
[Old version datasheet]   SCAN TEST DEVICES WITH 18-BIT UNIVERSAL BUS TRANSCEIVERS
SN54ABTH18502A TI-SN54ABTH18502A_07 Datasheet
802Kb / 42P
[Old version datasheet]   SCAN TEST DEVICES WITH 18-BIT UNIVERSAL BUS TRANSCEIVERS
74ABTH182652APMG4 TI1-74ABTH182652APMG4 Datasheet
580Kb / 39P
[Old version datasheet]   SCAN TEST DEVICES WITH 18-BIT BUS TRANSCEIVERS AND REGISTERS
SN54ABTH18652A TI-SN54ABTH18652A Datasheet
575Kb / 37P
[Old version datasheet]   SCAN TEST DEVICES WITH 18-BIT BUS TRANSCEIVERS AND REGISTERS
SN54ABT18652 TI-SN54ABT18652 Datasheet
169Kb / 11P
[Old version datasheet]   SCAN TEST DEVICES WITH 18-BIT BUS TRANSCEIVERS AND REGISTERS
SN54ABT18245 TI1-SN54ABT18245 Datasheet
435Kb / 30P
[Old version datasheet]   SCAN TEST DEVICE WITH 18-BIT BUS TRANSCEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com