Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E32D500HPN104MCE3M Datasheet(PDF) 6 Page - United Chemi-Con, Inc.

Part # E32D500HPN104MCE3M
Description  Screw Terminals
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHEMI-CON [United Chemi-Con, Inc.]
Direct Link  http://www.chemi-con.com
Logo CHEMI-CON - United Chemi-Con, Inc.

E32D500HPN104MCE3M Datasheet(HTML) 6 Page - United Chemi-Con, Inc.

Back Button E32D500HPN104MCE3M Datasheet HTML 2Page - United Chemi-Con, Inc. E32D500HPN104MCE3M Datasheet HTML 3Page - United Chemi-Con, Inc. E32D500HPN104MCE3M Datasheet HTML 4Page - United Chemi-Con, Inc. E32D500HPN104MCE3M Datasheet HTML 5Page - United Chemi-Con, Inc. E32D500HPN104MCE3M Datasheet HTML 6Page - United Chemi-Con, Inc. E32D500HPN104MCE3M Datasheet HTML 7Page - United Chemi-Con, Inc. E32D500HPN104MCE3M Datasheet HTML 8Page - United Chemi-Con, Inc. E32D500HPN104MCE3M Datasheet HTML 9Page - United Chemi-Con, Inc. E32D500HPN104MCE3M Datasheet HTML 10Page - United Chemi-Con, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
16 Volts
20 Volts Surge
10 Volts
13 Volts Surge
6.3 Volts
8 Volts Surge
U32D Series
United Chemi-Con, Inc. 9801 W. Higgins Road, Rosemont, IL 60018 Tel 847-696-2000 Fax 847-696-9278 www.chemi-con.com
6/12
39,000
E32D6R3HPN393MA41M
1.375
1.625
A41
39.9
7.03
68,000
E32D6R3HPN683MA54M
1.375
2.125
A54
24.0
9.62
82,000
E32D6R3HPN823MA67M
1.375
2.625
A67
19.5
10.87
120,000
E32D6R3HPN124MA79M
1.375
3.125
A79
14.5
13.76
150,000
E32D6R3HPN154MA92M
1.375
3.625
A92
12.2
15.53
180,000
E32D6R3HPN184MAA5M
1.375
4.125
AA5
11.8
18.10
220,000
E32D6R3HPN224MAD0M
1.375
5.125
AD0
9.1
20.93
82,000
E32D6R3HPN823MC48M
2.000
1.875
C48
22.1
11.19
120,000
E32D6R3HPN124MC54M
2.000
2.125
C54
16.2
13.53
180,000
E32D6R3HPN184MC67M
2.000
2.625
C67
11.3
17.11
220,000
E32D6R3HPN224MC79M
2.000
3.125
C79
9.2
20.41
330,000
E32D6R3HPN334MC92M
2.000
3.625
C92
7.7
24.76
390,000
E32D6R3HPN394MCA5M
2.000
4.125
CA5
6.4
27.19
470,000
E32D6R3HPN474MCB7M
2.000
4.625
CB7
6.0
30.87
560,000
E32D6R3HPN564MCE3M
2.000
5.625
CE3
4.9
35.78
390,000
E32D6R3HPN394MD79M
2.500
3.125
D79
8.7
22.54
560,000
E32D6R3HPN564MDA5M
2.500
4.125
DA5
6.3
29.81
820,000
E32D6R3HPN824MDB7M
2.500
4.625
DB7
5.7
32.97
680,000
E32D6R3HPN684ME92M
3.000
3.625
E92
8.3
26.88
820,000
E32D6R3HPN824MEA5M
3.000
4.125
EA5
7.2
30.40
1,000,000
E32D6R3HPN105MEB7M
3.000
4.625
EB7
6.6
33.32
1,200,000
E32D6R3HPN125MED0M
3.000
5.125
ED0
6.1
36.04
2,200,000
E32D6R3HPN225MEN0M
3.000
8.625
EN0
4.0
56.03
33,000
E32D100HPN333MA41M
1.375
1.625
A41
39.7
7.03
56,000
E32D100HPN563MA54M
1.375
2.125
A54
24.3
9.55
68,000
E32D100HPN683MA67M
1.375
2.625
A67
19.6
10.79
100,000
E32D100HPN104MA79M
1.375
3.125
A79
14.6
13.71
120,000
E32D100HPN124MA92M
1.375
3.625
A92
12.5
14.66
150,000
E32D100HPN154MAB7M
1.375
4.625
AB7
10.4
18.83
180,000
E32D100HPN184MAD0M
1.375
5.125
AD0
9.2
20.80
68,000
E32D100HPN683MC48M
2.000
1.875
C48
22.2
11.13
100,000
E32D100HPN104MC54M
2.000
2.125
C54
16.3
13.48
150,000
E32D100HPN154MC67M
2.000
2.625
C67
11.4
17.11
180,000
E32D100HPN184MC79M
2.000
3.125
C79
9.3
20.28
270,000
E32D100HPN274MC92M
2.000
3.625
C92
7.8
24.76
390,000
E32D100HPN394MCB7M
2.000
4.625
CB7
6.0
30.55
470,000
E32D100HPN474MCE3M
2.000
5.625
CE3
4.9
35.78
330,000
E32D100HPN334MD79M
2.500
3.125
D79
8.8
22.40
470,000
E32D100HPN474MDA5M
2.500
4.125
DA5
6.4
29.81
560,000
E32D100HPN564MDB7M
2.500
4.625
DB7
5.7
33.95
680,000
E32D100HPN684MDD0M
2.500
5.125
DD0
5.3
36.68
560,000
E32D100HPN564ME92M
3.000
3.625
E92
8.3
26.88
680,000
E32D100HPN684MEA5M
3.000
4.125
EA5
7.2
30.40
820,000
E32D100HPN824MEB7M
3.000
4.625
EB7
6.5
33.32
1,000,000
E32D100HPN105MED0M
3.000
5.125
ED0
6.1
36.04
1,800,000
E32D100HPN185MEN0M
3.000
8.625
EN0
4.0
56.03
22,000
E32D160HPN223MA41M
1.375
1.625
A41
41.4
6.26
39,000
E32D160HPN393MA54M
1.375
2.125
A54
27.3
8.68
47,000
E32D160HPN473MA67M
1.375
2.625
A67
19.9
9.80
68,000
E32D160HPN683MA79M
1.375
3.125
A79
15.0
12.48
82,000
E32D160HPN823MA92M
1.375
3.625
A92
12.8
14.04
100,000
E32D160HPN104MAA5M
1.375
4.125
AA5
11.1
16.47
120,000
E32D160HPN124MAD0M
1.375
5.125
AD0
9.5
19.11
150,000
E32D160HPN154MAE3M
1.375
5.625
AE3
9.3
21.33
47,000
E32D160HPN473MC48M
2.000
1.875
C48
22.7
10.18
68,000
E32D160HPN683MC54M
2.000
2.125
C54
16.7
12.38
100,000
E32D160HPN104MC67M
2.000
2.625
C67
11.7
15.75
120,000
E32D160HPN124MC79M
2.000
3.125
C79
9.6
18.66
For terminal, mounting and construction options, refer to the part numbering system for descriptions and codes.
* Refer to diagram of dimensions for detailed case size specifications.
Engineering Bulletin Mar 07
Standard Voltage Ratings - Screw Terminals
Rated
Voltage
(WVDC)
Capacitance
(µF )
Case
Size
Code
Global
Part Number
Nominal
Case Size*
D
L (inches)
Maximum ESR
(m
Ω) at
25 C, 120Hz
Rated
Ripple Current
(A rms) at
85 C, 120Hz


Similar Part No. - E32D500HPN104MCE3M

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
E32D500HPN CHEMI-CON-E32D500HPN Datasheet
148Kb / 12P
   Large Can
More results

Similar Description - E32D500HPN104MCE3M

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
E36L351HPN222MCA5M CHEMI-CON-E36L351HPN222MCA5M Datasheet
126Kb / 9P
   Screw Terminals
logo
List of Unclassifed Man...
1259 ETC2-1259 Datasheet
584Kb / 2P
   SCREW TERMINALS
logo
United Chemi-Con, Inc.
E32F351HPN222MCA5M CHEMI-CON-E32F351HPN222MCA5M Datasheet
128Kb / 9P
   Screw Terminals
E36D6R3HPN393MA41M CHEMI-CON-E36D6R3HPN393MA41M Datasheet
151Kb / 13P
   Screw Terminals
E36F351HPN222MCA5M CHEMI-CON-E36F351HPN222MCA5M Datasheet
123Kb / 9P
   Screw Terminals
ETOR351CTN182ME54M CHEMI-CON-ETOR351CTN182ME54M Datasheet
148Kb / 7P
   Screw Terminals
logo
List of Unclassifed Man...
7790 ETC2-7790 Datasheet
113Kb / 2P
   SCREW TERMINALS
7775-3 ETC2-7775-3 Datasheet
150Kb / 2P
   PC SCREW TERMINALS
logo
XP Power Limited
MFA350 XPPOWER-MFA350 Datasheet
9Mb / 40P
   Screw Terminals Available
MFA420 XPPOWER-MFA420 Datasheet
6Mb / 14P
   Screw Terminals Available
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com