Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ESMH250VSN103MR25T Datasheet(PDF) 4 Page - United Chemi-Con, Inc.

Part # ESMH250VSN103MR25T
Description  Snap Mount
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHEMI-CON [United Chemi-Con, Inc.]
Direct Link  http://www.chemi-con.com
Logo CHEMI-CON - United Chemi-Con, Inc.

ESMH250VSN103MR25T Datasheet(HTML) 4 Page - United Chemi-Con, Inc.

  ESMH250VSN103MR25T Datasheet HTML 1Page - United Chemi-Con, Inc. ESMH250VSN103MR25T Datasheet HTML 2Page - United Chemi-Con, Inc. ESMH250VSN103MR25T Datasheet HTML 3Page - United Chemi-Con, Inc. ESMH250VSN103MR25T Datasheet HTML 4Page - United Chemi-Con, Inc. ESMH250VSN103MR25T Datasheet HTML 5Page - United Chemi-Con, Inc. ESMH250VSN103MR25T Datasheet HTML 6Page - United Chemi-Con, Inc. ESMH250VSN103MR25T Datasheet HTML 7Page - United Chemi-Con, Inc. ESMH250VSN103MR25T Datasheet HTML 8Page - United Chemi-Con, Inc. ESMH250VSN103MR25T Datasheet HTML 9Page - United Chemi-Con, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
SMH Series
United Chemi-Con, Inc. 9801 W. Higgins Road, Rosemont, IL 60018 Tel 847-696-2000 Fax 847-696-9278 www.chemi-con.com
4/15
Engineering Bulletin Mar 07
Supplement Code. Field 18.
All construction options listed have Sn100% terminal plating.
S = PET sleeve without end disk.
W = PET sleeve with end disk.
M = Pb-free PVC sleeve without end disk.
T = Pb-free PVC sleeve with end disk.
Case Size. Fields 15, 16 and 17.
The single letter diameter code is inserted in field 15.
P= Ø22mm
Q= Ø25.4mm
R= Ø30mm
A= Ø35mm
B= Ø40mm
The double digit length code is inserted in fields 16 and 17.
20 = 20mm
25 = 25mm
30 = 30mm
35 = 35mm
40 = 40mm
45 = 45mm
50 = 50mm
63 = 63mm
80 = 80mm
Capacitance Tolerance. Field 14.
M=
20%
Capacitance. Fields 11, 12 and 13.
Expressed in Microfarads. The first two digits are significant
figures inserted in fields 11 and 12, and the third digit inserted
in field 13 indicates the number of zeros for capacitance of
10 F or more. R indicates the decimal point for capacitance
less than 10 F (e.g. 4R7 = 4.7 F; 470 = 47 F; 471 = 470 F;
472 = 4,700 F; 473 = 47,000 F).
Dummy Terminals. Field 10.
N = No dummy terminals.
D = 2 dummy terminals.
T = 3 dummy terminals.
Terminal Type. Fields 8 and 9.
VS = Snap-in pins, 4.0mm in length, 3.5mm for Ø35 only.
VN = Snap-in pins, 5.8mm in length.
VR = Straight pins.
VQ = Straight standoff pins.
DC Rated Voltage. Fields 5, 6 and 7.
Expressed in Volts. The first two digits are significant figures
inserted in fields 5 and 6, and the third digit inserted in field 7
indicates the number of zeros for rated voltage of 10VDC or
more. R indicates the decimal point for rated voltage less than
10VDC (e.g. 2R0 = 2.0VDC; 200 = 20VDC; 201 = 200VDC).
Rule Exception: Coding for rated voltage 315VDC = 3B1.
Series Name. Fields 2, 3 and 4.
Enter the 3-letter/digit series name in fields 2, 3 and 4. If the
series name is only 2 letters/digits, place a dash in field 4.
For a series name with more than 3 letters/digits, refer to the
individual series for the appropriate 3-field series name.
Capacitor Type. Field 1.
Aluminum Electrolytic Capacitor (Polar).
Part Numbering System for SMH Series When ordering, always specify complete 18-field global part number.
E S MH 2 01 VS N 471 M P 35 T
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
18
9
8
7
6
5
4
3
2
1
18 Fields


Similar Part No. - ESMH250VSN103MR25T

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
ESMH250VSN103MR25T CHEMI-CON-ESMH250VSN103MR25T Datasheet
182Kb / 15P
   Snap Mount
ESMH250VSN103MR25T CHEMI-CON-ESMH250VSN103MR25T Datasheet
182Kb / 15P
   Snap Mount
More results

Similar Description - ESMH250VSN103MR25T

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
107LMX400M2CC ILLINOISCAPACITOR-107LMX400M2CC Datasheet
106Kb / 1P
   SNAP-IN / SNAP MOUNT
107LMX450M2CE ILLINOISCAPACITOR-107LMX450M2CE Datasheet
106Kb / 1P
   SNAP-IN / SNAP MOUNT
127LMB400M2BF ILLINOISCAPACITOR-127LMB400M2BF Datasheet
106Kb / 1P
   SNAP-IN / SNAP MOUNT
826LMH450MZBD ILLINOISCAPACITOR-826LMH450MZBD Datasheet
108Kb / 1P
   SNAP-IN / SNAP MOUNT
157LBA400M2CD ILLINOISCAPACITOR-157LBA400M2CD Datasheet
129Kb / 1P
   SNAP-IN / SNAP MOUNT
157LBA450M2BF ILLINOISCAPACITOR-157LBA450M2BF Datasheet
127Kb / 1P
   SNAP-IN / SNAP MOUNT
157LMB450M2BG ILLINOISCAPACITOR-157LMB450M2BG Datasheet
106Kb / 1P
   SNAP-IN / SNAP MOUNT
187LBA350M2BD ILLINOISCAPACITOR-187LBA350M2BD Datasheet
104Kb / 1P
   SNAP-IN / SNAP MOUNT
187LBA400M2CD ILLINOISCAPACITOR-187LBA400M2CD Datasheet
104Kb / 1P
   SNAP-IN / SNAP MOUNT
187LBB350M2CD ILLINOISCAPACITOR-187LBB350M2CD Datasheet
107Kb / 1P
   SNAP-IN / SNAP MOUNT
187LMH350MZBD ILLINOISCAPACITOR-187LMH350MZBD Datasheet
132Kb / 1P
   SNAP-IN / SNAP MOUNT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com