Electronic Components Datasheet Search |
|
E32F451CPN332MF92M Datasheet(PDF) 6 Page - United Chemi-Con, Inc. |
|
E32F451CPN332MF92M Datasheet(HTML) 6 Page - United Chemi-Con, Inc. |
6 / 9 page U32F Series United Chemi-Con, Inc. 9801 W. Higgins Road, Rosemont, IL 60018 Tel 847-696-2000 Fax 847-696-9278 www.chemi-con.com 6/9 Engineering Bulletin Mar 07 †For terminal, mounting and construction options, refer to the part numbering system for descriptions and codes. * Refer to diagram of dimensions for detailed case size specifications. Standard Voltage Ratings - Screw Terminals Rated Voltage (WVDC) Capacitance (µF ) Case Size Code Global Part Number † Nominal Case Size* D L ( mm ) Maximum ESR (m Ω) at 25 C, 120Hz Rated Ripple Current (A rms) at 85 C 120Hz 300Hz >3kHz 350 Volts 400 Volts Surge 2,200 E32F351HPN222MCA5M 50 105 CA5 45 8.2 9.9 11.5 2,200 E32F351HPN222MCE3M 50 143 CE3 39 10.3 13.4 15.4 2,700 E32F351HPN272MCB7M 50 117 CB7 37 9.6 11.5 13.4 3,300 E32F351HPN332MCE3M 50 143 CE3 30 11.6 13.9 16.2 2,200 E32F351CPN222MD92M 63.5 92 D92 45 8.2 9.9 11.5 2,200 E32F351CPN222MDB7M 63.5 117 DB7 39 10.3 13.4 15.4 2,700 E32F351CPN272MDA5M 63.5 105 DA5 37 9.6 11.5 13.4 2,700 E32F351CPN272MDD0M 63.5 130 DD0 32 12.4 16.1 18.6 3,300 E32F351CPN332MDB7M 63.5 117 DB7 30 11.6 13.9 16.2 3,300 E32F351CPN332MDE3M 63.5 143 DE3 26 14.3 18.6 21.4 3,900 E32F351CPN392MDD0M 63.5 130 DD0 26 13.6 16.4 19.1 4,700 E32F351CPN472MDE3M 63.5 143 DE3 21 15.1 18.2 21.2 2,700 E32F351CPN272ME92M 76 92 E92 32 12.4 16.1 18.6 3,300 E32F351CPN332MEA5M 76 105 EA5 26 14.3 18.6 21.4 3,900 E32F351CPN392ME92M 76 92 E92 26 13.6 16.4 19.1 3,900 E32F351CPN392MED0M 76 130 ED0 22 16.5 21.4 24.7 4,700 E32F351CPN472MEA5M 76 105 EA5 21 15.1 18.2 21.2 4,700 E32F351CPN472MEE3M 76 143 EE3 18 18.8 24.5 28.2 5,600 E32F351CPN562MED0M 76 130 ED0 18 18.1 21.7 25.4 5,600 E32F351CPN562MEJ0M 76 180 EJ0 15 21.5 28.0 32.3 6,800 E32F351CPN682MEE3M 76 143 EE3 16 21.4 23.6 30.1 8,200 E32F351CPN822MEB7M 76 180 EJ0 12 23.9 28.7 36.7 8,200 E32F351CPN822MEN0M 76 220 EN0 11 30.1 39.2 45.2 10,000 E32F351CPN103MEN0M 76 220 EN0 10 27.5 33.0 38.5 3,900 E32F351CPN392MF92M 89 92 F92 22 16.5 21.4 24.7 4,700 E32F351CPN472MFB7M 89 117 FB7 18 18.8 24.5 28.2 5,600 E32F351CPN562MFA5M 89 105 FA5 18 18.1 21.7 25.4 5,600 E32F351CPN562MFD0M 89 130 FD0 15 21.5 28.0 32.3 6,800 E32F351CPN682MFB7M 89 117 FB7 16 21.4 23.6 30.1 6,800 E32F351CPN682MFE3M 89 143 FE3 13 24.7 32.1 37.1 8,200 E32F351CPN822MFD0M 89 130 FD0 12 23.9 28.7 36.7 8,200 E32F351CPN822MFK0M 89 190 FK0 11 30.1 39.2 45.2 10,000 E32F351CPN103MFE3M 89 143 FE3 10 27.5 33.0 38.5 10,000 E32F351CPN103MFN0M 89 220 FN0 9 36.2 47.1 54.3 12,000 E32F351CPN123MFK0M 89 190 FK0 8 34.2 41.0 47.9 15,000 E32F351CPN153MFN0M 89 220 FN0 7 40.7 48.8 57.0 400 Volts 450 Volts Surge 1,800 E32F401HPN182MCB7M 50 117 CB7 56 7.8 9.4 11.0 1,800 E32F401HPN182MCE3M 50 143 CE3 48 9.3 12.1 14.0 2,200 E32F401HPN222MCD0M 50 130 CD0 45 9.1 10.9 12.7 1,800 E32F401CPN182MD92M 63.5 92 D92 56 7.8 9.4 11.0 1,800 E32F401CPN182MDB7M 63.5 117 DB7 48 9.3 12.1 14.0 2,200 E32F401CPN222MDA5M 63.5 105 DA5 45 9.1 10.9 12.7 2,200 E32F401CPN222MDD0M 63.5 130 DD0 39 10.7 13.9 16.0 2,700 E32F401CPN272MDB7M 63.5 117 DB7 37 10.9 13.0 15.2 3,300 E32F401CPN332MDE3M 63.5 143 DE3 30 12.7 15.2 17.7 2,200 E32F401CPN222ME92M 76 92 E92 39 10.7 13.9 16.0 2,700 E32F401CPN272M292M 76 92 E92 37 10.9 13.0 15.2 2,700 E32F401CPN272MEB7M 76 117 EB7 32 12.9 16.8 19.4 3,300 E32F401CPN332MEA5M 76 105 EA5 30 12.7 15.2 17.7 3,300 E32F401CPN332MED0M 76 130 ED0 26 15.1 19.7 22.7 3,900 E32F401CPN392MEB7M 76 117 EB7 26 16.3 19.8 23.1 3,900 E32F401CPN392MEE3M 76 143 EE3 22 17.1 22.3 25.7 4,700 E32F401CPN472MED0M 76 130 ED0 21 16.5 19.8 23.1 4,700 E32F401CPN472MEJ0M 76 180 EJ0 18 19.7 25.6 29.6 5,600 E32F401CPN562MEE3M 76 143 EE3 18 18.9 22.7 26.5 5,600 E32F401CPN562MEN0M 76 220 EN0 15 22.4 29.1 33.6 6,800 E32F401CPN682MEJ0M 76 180 EJ0 15 22.7 27.2 31.7 8,200 E32F401CPN822MEN0M 76 220 EN0 12 25.8 31.0 36.1 |
Similar Part No. - E32F451CPN332MF92M |
|
Similar Description - E32F451CPN332MF92M |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |