Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E36D500HPN154MDB7M Datasheet(PDF) 7 Page - United Chemi-Con, Inc.

Part # E36D500HPN154MDB7M
Description  Screw Terminals
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHEMI-CON [United Chemi-Con, Inc.]
Direct Link  http://www.chemi-con.com
Logo CHEMI-CON - United Chemi-Con, Inc.

E36D500HPN154MDB7M Datasheet(HTML) 7 Page - United Chemi-Con, Inc.

Back Button E36D500HPN154MDB7M Datasheet HTML 3Page - United Chemi-Con, Inc. E36D500HPN154MDB7M Datasheet HTML 4Page - United Chemi-Con, Inc. E36D500HPN154MDB7M Datasheet HTML 5Page - United Chemi-Con, Inc. E36D500HPN154MDB7M Datasheet HTML 6Page - United Chemi-Con, Inc. E36D500HPN154MDB7M Datasheet HTML 7Page - United Chemi-Con, Inc. E36D500HPN154MDB7M Datasheet HTML 8Page - United Chemi-Con, Inc. E36D500HPN154MDB7M Datasheet HTML 9Page - United Chemi-Con, Inc. E36D500HPN154MDB7M Datasheet HTML 10Page - United Chemi-Con, Inc. E36D500HPN154MDB7M Datasheet HTML 11Page - United Chemi-Con, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
35 Volts
44 Volts Surge
25 Volts
32 Volts Surge
16 Volts
20 Volts Surge
United Chemi-Con, Inc. 9801 W. Higgins Road, Rosemont, IL 60018 Tel 847-696-2000 Fax 847-696-9278 www.chemi-con.com
7/ 13
U36D Series
For terminal, mounting and construction options, refer to the part numbering system for descriptions and codes.
* Refer to diagram of dimensions for detailed case size specifications.
15,000
E36D250HPN153MA41M
1.375
1.625
A41
44.0
3.05
27,000
E36D250HPN273MA54M
1.375
2.125
A54
25.7
4.38
39,000
E36D250HPN393MA67M
1.375
2.625
A67
18.7
5.50
47,000
E36D250HPN473MA79M
1.375
3.125
A79
15.7
6.49
56,000
E36D250HPN563MA92M
1.375
3.625
A92
13.5
7.60
68,000
E36D250HPN683MAA5M
1.375
4.125
AA5
11.6
8.89
82,000
E36D250HPN823MAB7M
1.375
4.625
AB7
10.2
9.99
100,000
E36D250HPN104MAE3M
1.375
5.625
AE3
8.8
12.12
39,000
E36D250HPN393MC48M
2.000
1.875
C48
21.7
5.66
47,000
E36D250HPN473MC54M
2.000
2.125
C54
17.2
6.52
82,000
E36D250HPN823MC67M
2.000
2.625
C67
12.2
9.15
100,000
E36D250HPN104MC79M
2.000
3.125
C79
9.2
10.84
150,000
E36D250HPN154MCA5M
2.000
4.125
CA5
6.7
13.66
180,000
E36D250HPN184MCB7M
2.000
4.625
CB7
5.9
15.71
220,000
E36D250HPN224MCE3M
2.000
5.625
CE3
5.1
19.03
180,000
E36D250HPN184MD79M
2.500
3.125
D79
8.7
13.34
270,000
E36D250HPN274MDA5M
2.500
4.125
DA5
6.3
18.44
330,000
E36D250HPN334MDB7M
2.500
4.625
DB7
5.7
20.39
390,000
E36D250HPN394MDE3M
2.500
5.625
DE3
5.0
24.24
330,000
E36D250HPN334ME92M
3.000
3.625
E92
8.2
19.61
390,000
E36D250HPN394MEA5M
3.000
4.125
EA5
7.8
22.54
470,000
E36D250HPN474MEB7M
3.000
4.625
EB7
6.4
24.52
560,000
E36D250HPN564MEE3M
3.000
5.625
EE3
5.7
26.73
820,000
E36D250HPN824MEN0M
3.000
8.625
EN0
3.9
38.03
10,000
E36D350HPN103MA41M
1.375
1.625
A41
47.1
2.57
18,000
E36D350HPN103MA54M
1.375
2.125
A54
27.4
3.70
27,000
E36D350HPN103MA67M
1.375
2.625
A67
19.3
4.73
33,000
E36D350HPN103MA79M
1.375
3.125
A79
16.1
5.63
39,000
E36D350HPN103MA92M
1.375
3.625
A92
13.9
6.56
47,000
E36D350HPN103MAA5M
1.375
4.125
AA5
12.0
7.65
56,000
E36D350HPN103MAB7M
1.375
4.625
AB7
10.6
8.54
68,000
E36D350HPN103MAD0M
1.375
5.125
AD0
10.3
9.89
22,000
E36D350HPN223MC48M
2.000
1.875
C48
22.4
4.32
33,000
E36D350HPN333MC54M
2.000
2.125
C54
17.7
5.55
56,000
E36D350HPN563MC67M
2.000
2.625
C67
12.5
7.68
68,000
E36D350HPN683MC79M
2.000
3.125
C79
9.5
9.08
100,000
E36D350HPN104MC92M
2.000
3.625
C92
8.0
11.09
120,000
E36D350HPN124MCB7M
2.000
4.625
CB7
6.1
12.83
150,000
E36D350HPN154MCE3M
2.000
5.625
CE3
5.9
15.04
120,000
E36D350HPN124MD79M
2.500
3.125
D79
9.1
11.34
180,000
E36D350HPN184MDA5M
2.500
4.125
DA5
6.7
15.68
220,000
E36D350HPN224MDB7M
2.500
4.625
DB7
5.8
18.17
270,000
E36D350HPN274MDE3M
2.500
5.625
DE3
5.0
22.01
120,000
E36D160HPN124MC54M
2.000
2.625
C54
12.2
9.00
150,000
E36D160HPN154MC67M
2.000
3.125
C67
9.2
10.79
220,000
E36D160HPN224MC92M
2.000
3.625
C92
6.7
13.19
270,000
E36D160HPN274MCB7M
2.000
4.625
CB7
5.9
15.71
330,000
E36D160HPN334MCE3M
2.000
5.625
CE3
5.1
19.03
220,000
E36D160HPN224MD79M
2.500
3.125
D79
8.7
12.59
390,000
E36D160HPN394MDA5M
2.500
4.125
DA5
6.3
18.91
470,000
E36D160HPN474MDB7M
2.500
4.625
DB7
5.7
20.24
560,000
E36D160HPN564MDE3M
2.500
5.625
DE3
4.9
24.15
470,000
E36D160HPN474ME92M
3.000
3.625
E92
8.7
19.11
560,000
E36D160HPN564MEA5M
3.000
4.125
EA5
7.5
22.05
680,000
E36D160HPN684MEB7M
3.000
4.625
EB7
6.3
22.91
820,000
E36D160HPN824MEE3M
3.000
5.625
EE3
5.6
25.28
1,200,000
E36D160HPN125MEN0M
3.000
8.625
EN0
3.9
34.52
Engineering Bulletin Mar 07
Standard Voltage Ratings - Screw Terminals
Rated
Voltage
(WVDC)
Capacitance
(µF )
Case
Size
Code
Global
Part Number
Nominal
Case Size*
D
L (inches)
Maximum ESR
(m
Ω) at
25 C, 120Hz
Rated
Ripple Current
(A rms) at
85 C, 120Hz


Similar Part No. - E36D500HPN154MDB7M

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
E36D500HPN CHEMI-CON-E36D500HPN Datasheet
143Kb / 13P
   Large Can
More results

Similar Description - E36D500HPN154MDB7M

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
E32D6R3HPN393MA41M CHEMI-CON-E32D6R3HPN393MA41M Datasheet
145Kb / 12P
   Screw Terminals
E36L351HPN222MCA5M CHEMI-CON-E36L351HPN222MCA5M Datasheet
126Kb / 9P
   Screw Terminals
logo
List of Unclassifed Man...
1259 ETC2-1259 Datasheet
584Kb / 2P
   SCREW TERMINALS
logo
United Chemi-Con, Inc.
E32F351HPN222MCA5M CHEMI-CON-E32F351HPN222MCA5M Datasheet
128Kb / 9P
   Screw Terminals
E36F351HPN222MCA5M CHEMI-CON-E36F351HPN222MCA5M Datasheet
123Kb / 9P
   Screw Terminals
ETOR351CTN182ME54M CHEMI-CON-ETOR351CTN182ME54M Datasheet
148Kb / 7P
   Screw Terminals
logo
List of Unclassifed Man...
7790 ETC2-7790 Datasheet
113Kb / 2P
   SCREW TERMINALS
7775-3 ETC2-7775-3 Datasheet
150Kb / 2P
   PC SCREW TERMINALS
logo
XP Power Limited
MFA350 XPPOWER-MFA350 Datasheet
9Mb / 40P
   Screw Terminals Available
MFA420 XPPOWER-MFA420 Datasheet
6Mb / 14P
   Screw Terminals Available
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com