Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VHD6031035JN Datasheet(PDF) 4 Page - Pletronics, Inc.

Part # VHD6031035JN
Description  3.3V VCXO CMOS Oscillator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLETRONICS [Pletronics, Inc.]
Direct Link  http://www.pletronics.com
Logo PLETRONICS - Pletronics, Inc.

VHD6031035JN Datasheet(HTML) 4 Page - Pletronics, Inc.

  VHD6031035JN Datasheet HTML 1Page - Pletronics, Inc. VHD6031035JN Datasheet HTML 2Page - Pletronics, Inc. VHD6031035JN Datasheet HTML 3Page - Pletronics, Inc. VHD6031035JN Datasheet HTML 4Page - Pletronics, Inc. VHD6031035JN Datasheet HTML 5Page - Pletronics, Inc. VHD6031035JN Datasheet HTML 6Page - Pletronics, Inc. VHD6031035JN Datasheet HTML 7Page - Pletronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
VHD6 Series 3.3V
VCXO CMOS Oscillator
December 2008
www.pletronics.com
425-776-1880
4
Load Circuit and Test Waveform
Reliability: Environmental Compliance
Parameter
Condition
Mechanical Shock
MIL-STD-883 Method 2002, Condition B
Vibration
MIL-STD-883 Method 2007, Condition A
Solderability
MIL-STD-883 Method 2003
Thermal Shock
MIL-STD-883 Method 1011, Condition A
ESD Rating
Model
Minimum Voltage
Conditions
Human Body Model
1500
MIL-STD-883 Method 3115
Charged Device Model
1000
JESD 22-C101
Package Labeling
Label is 1" x 2.6" (25.4mm x 66.7mm)
Label is 1" x 2.6" (25.4mm x 66.7mm)
Font is Courier New
Font is Arial
Bar code is 39-Full ASCII
(example actual PN will appear)
Trise
10% * Vcc
Ground
Vlow
50% * Vcc
90% * Vcc
Vhigh
Tfall
Symmetry


Similar Part No. - VHD6031035JN

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
VHD0690 PANASONIC-VHD0690 Datasheet
5Mb / 71P
   DVD Video Recorder Service Manual
logo
CUI INC
VHD1-DIP CUI-VHD1-DIP Datasheet
432Kb / 5P
   DC-DC CONVERTER
VHD1-S12-S12-DIP CUI-VHD1-S12-S12-DIP Datasheet
432Kb / 5P
   DC-DC CONVERTER
VHD1-S12-S15-DIP CUI-VHD1-S12-S15-DIP Datasheet
432Kb / 5P
   DC-DC CONVERTER
VHD1-S12-S5-DIP CUI-VHD1-S12-S5-DIP Datasheet
432Kb / 5P
   DC-DC CONVERTER
More results

Similar Description - VHD6031035JN

ManufacturerPart #DatasheetDescription
logo
Pletronics, Inc.
VHA6029036AA PLETRONICS-VHA6029036AA Datasheet
188Kb / 8P
   3.3V VCXO CMOS Oscillator
logo
Pericom Semiconductor C...
FRSONT019 PERICOM-FRSONT019 Datasheet
895Kb / 2P
   3.3V CMOS 19.44MHz SONET VCXO
FRSONT038 PERICOM-FRSONT038 Datasheet
896Kb / 2P
   3.3V CMOS 38.880MHz SONET VCXO
YNWMAX153 PERICOM-YNWMAX153 Datasheet
905Kb / 2P
   3.3V CMOS 153.6MHz WiMAX VCXO
FRXDSL035 PERICOM-FRXDSL035 Datasheet
875Kb / 2P
   3.3V CMOS 35.328MHz DSL VCXO
FRSONT077 PERICOM-FRSONT077 Datasheet
831Kb / 2P
   3.3V CMOS 77.76MHz SONET VCXO
FRTELE016 PERICOM-FRTELE016 Datasheet
884Kb / 2P
   3.3V CMOS 16.384MHz Telecom VCXO
YNETHE125 PERICOM-YNETHE125 Datasheet
898Kb / 2P
   3.3V CMOS 125.000MHz Ethernet VCXO
FRETHE025 PERICOM-FRETHE025 Datasheet
877Kb / 2P
   3.3V CMOS 25.000MHz Ethernet VCXO
logo
Golledge Electronics Lt...
GXO-7531 GOLLEDGE-GXO-7531 Datasheet
596Kb / 6P
   3.3V CMOS Oscillator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com