Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WRE0505CKS-1W Datasheet(PDF) 1 Page - MORNSUN Science& Technology Ltd.

Part # WRE0505CKS-1W
Description  DUAL/SINGLE OUTPUT SIP DC-DC CONVERTER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

WRE0505CKS-1W Datasheet(HTML) 1 Page - MORNSUN Science& Technology Ltd.

  WRE0505CKS-1W Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. WRE0505CKS-1W Datasheet HTML 2Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MORNSUN reserves the copyright
Specifications subject to change without notice.
WRE_CKS-1W & WRF_CKS-1W
A/0-2008
Page 1 of 2
WRE_CKS-1W & WRF_CKS-1W Series
1W, WIDE INPUT, ISOLATED & REGULATED
DUAL/SINGLE OUTPUT SIP DC-DC CONVERTER
multi-country patent protection
RoHS
PRODUCT PROGRAM
Input
Output
Voltage (VDC)
Current (mA)
Part
Number
Nominal
Range
Max**
Voltage
(VDC)
Max
Min
Efficiency
(%, Typ)
WRE0505CKS-1W *
±5
±100
±10
72
WRE0509CKS-1W *
±9
±55
±6
74
WRE0512CKS-1W *
±12
±42
±4
76
WRE0515CKS-1W *
±15
±33
±3
75
WRF0505CKS-1W *
5
200
20
72
WRF0509CKS-1W *
9
111
11
74
WRF0512CKS-1W *
12
83
8
76
WRF0515CKS-1W *
5
4.5-9.0
11
15
67
7
75
WRE1205CKS-1W
±5
±100
±10
76
WRE1209CKS-1W
±9
±55
±6
78
WRE1212CKS-1W
±12
±42
±4
80
WRE1215CKS-1W
±15
±33
±3
80
WRF1205CKS-1W
5
200
20
76
WRF1209CKS-1W
9
111
11
78
WRF1212CKS-1W
12
83
8
80
WRF1215CKS-1W
12
9.0-18
22
15
67
7
80
WRE2405CKS-1W
±5
±100
±10
78
WRE2409CKS-1W
±9
±55
±6
79
WRE2412CKS-1W
±12
±42
±4
81
WRE2415CKS-1W
±15
±33
±3
81
WRF2405CKS-1W
5
200
20
76
WRF2409CKS-1W
9
111
11
78
WRF2412CKS-1W
12
83
8
81
WRF2415CKS-1W
24
18-36
40
15
67
7
81
WRE4805CKS-1W *
±5
±100
±10
76
WRE4809CKS-1W *
±9
±55
±6
78
WRE4812CKS-1W *
±12
±42
±4
80
WRE4815CKS-1W *
±15
±33
±3
80
WRF4805CKS-1W *
5
200
20
76
WRF4809CKS-1W *
9
111
11
78
WRF4812CKS-1W *
12
83
8
80
WRF4815CKS-1W *
48
36-72
80
15
67
7
80
* Designing.
**Input voltage can
’t exceed this value, or will cause the permanent damage.
Note: The load shouldn't be less than 10%, otherwise ripple will increase dramatically.
Operation under 10% load will not damage the converter; However, they may not meet all specification listed.
OUTPUT SPECIFICATIONS
Item
Test Conditions
Min
Typ
Max
Units
Output power
0.1
1
W
Positive voltage accuracy
Refer To Recommended Circuit
±1
±3
Negative voltage accuracy
Refer To Recommended Circuit
±3
±5
10% to 100% load(WRF_CKS-1W)
±0.5
±0.75
Load Regulation
10% to 100% load(WRE_CKS-1W) *
±0.75
±1.0
Line Regulation
Input voltage from Low To high
±0.2
±0.5
%
Temperature Drift (Vout)
Refer to recommended circuit
±0.03
%/
°C
Ripple & Noise**
20MHz Bandwidth
25
75
mVp-p
Switching Frequency
Input voltage range 100% load
300
KHz
* Dual output models unbalanced load(25/100%):
±5%Max.
**Test ripple and noise by
“parallel cable” method. See detailed operation instructions at Testing of Power
Converter section, application notes.
FEATURES
Efficiency up to 81%
Wide (2:1) Input Range
I/O Isolation 3000VDC
Short circuit protection(automatic
recovery)
External On/Off control
Internal SMD construction
Operating Temperature: -40
°C to +85°C
UL94-V0 Package
RoHS Compliance
APPLICATIONS
The WRE_CKS-1W & WRF_CKS-1W Series
are specially designed for applications where a
wide range input voltage power supplies are
isolated from the input power supply in a
distributed power supply system on a circuit
board.
These products apply to:
1) Where the voltage of the input power supply
is wide range (voltage range
≤ 2:1);
2) Where isolation is necessary between input
and output(isolation voltage
≤3000VDC);
3) Where the regulation of the output voltage
and the output ripple noise are demanded.
MODEL SELECTION
WRE2412CKS-1W
Product Series
Input Voltage
Output Voltage
Package Style
Rated Power
MORNSUN Science & Technology co.,Ltd.
Address: 2th floor 6th building, Huangzhou
Industrial District, Guangzhou, China
Tel: 86-20-38601850
Fax:86-20-38601272
Http://www.mornsun-power.com


Similar Part No. - WRE0505CKS-1W

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
WRE0505P-2W MORNSUN-WRE0505P-2W Datasheet
227Kb / 2P
   WIDE INPUT HIGH ISOLATED & REGULATED 2W DUAL OUTPUT DIP PACKAGE
WRE0505P-3WR2 MORNSUN-WRE0505P-3WR2 Datasheet
279Kb / 6P
   DC/DC Converter
WRE0505P-6W MORNSUN-WRE0505P-6W Datasheet
120Kb / 2P
   DUAL/SINGLE OUTPUT DIP DC-DC CONVERTER
logo
Guangzhou Reicu Electro...
WRE0505S-1W REICU-WRE0505S-1W Datasheet
1Mb / 1P
   3000VDC Isolated 1W Single/Double Output SIP-Package
REV:3.1
logo
MORNSUN Science& Techno...
WRE0505S-1WR2 MORNSUN-WRE0505S-1WR2 Datasheet
806Kb / 7P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
More results

Similar Description - WRE0505CKS-1W

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
WRA0505CKS-1W MORNSUN-WRA0505CKS-1W Datasheet
156Kb / 2P
   DUAL/SINGLE OUTPUT SIP DC-DC CONVERTER
B0505JS-2W MORNSUN-B0505JS-2W Datasheet
249Kb / 2P
   SINGLE OUTPUT SIP PACKAGE DC-DC CONVERTER
E0305KS-1W5 MORNSUN-E0305KS-1W5 Datasheet
166Kb / 2P
   OUTPUT SIP PACKAGE DC-DC CONVERTER
WRD050505S-1W MORNSUN-WRD050505S-1W Datasheet
123Kb / 2P
   TWIN OUTPUT SIP DC-DC CONVERTER
logo
Minmax Technology Co., ...
MBU100 MINMAX-MBU100 Datasheet
227Kb / 6P
   1W, Ultra Miniature SIP, Single Output DC/DC Converter
logo
GAPTEC Electronic GmbH ...
1S8W GAPTEC-1S8W Datasheet
2Mb / 7P
   1W - Dual/Single Output - Wide Input - Isolated & Regulated SIP - DC-DC Converter
logo
Bothhand USA, LP.
B7LF BOTHHAND-B7LF Datasheet
1Mb / 8P
   DC-DC Converter Single / Dual Output
logo
MORNSUN Science& Techno...
URA2405D-10W MORNSUN-URA2405D-10W Datasheet
105Kb / 2P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
B0303LD-1W MORNSUN-B0303LD-1W Datasheet
133Kb / 2P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
F0305D-1W MORNSUN-F0305D-1W Datasheet
135Kb / 3P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com