Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ESMH250VSN183MA30T Datasheet(PDF) 1 Page - United Chemi-Con, Inc.

Part # ESMH250VSN183MA30T
Description  Snap Mount
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHEMI-CON [United Chemi-Con, Inc.]
Direct Link  http://www.chemi-con.com
Logo CHEMI-CON - United Chemi-Con, Inc.

ESMH250VSN183MA30T Datasheet(HTML) 1 Page - United Chemi-Con, Inc.

  ESMH250VSN183MA30T Datasheet HTML 1Page - United Chemi-Con, Inc. ESMH250VSN183MA30T Datasheet HTML 2Page - United Chemi-Con, Inc. ESMH250VSN183MA30T Datasheet HTML 3Page - United Chemi-Con, Inc. ESMH250VSN183MA30T Datasheet HTML 4Page - United Chemi-Con, Inc. ESMH250VSN183MA30T Datasheet HTML 5Page - United Chemi-Con, Inc. ESMH250VSN183MA30T Datasheet HTML 6Page - United Chemi-Con, Inc. ESMH250VSN183MA30T Datasheet HTML 7Page - United Chemi-Con, Inc. ESMH250VSN183MA30T Datasheet HTML 8Page - United Chemi-Con, Inc. ESMH250VSN183MA30T Datasheet HTML 9Page - United Chemi-Con, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
United Chemi-Con, Inc. 9801 W. Higgins Road, Rosemont, IL 60018 Tel 847-696-2000 Fax 847-696-9278 www.chemi-con.com
1/ 15
SMH Series
The SMH series capacitors are the standard
85 C, large capacitance, snap-in capacitors from
United Chemi-Con. The load life for the SMH series is 2,000 hours at
85 C with the rated ripple
current applied. The very high CV values and ripple current capabilities make these capacitors ideal
for use in power supply filter circuits. The SMH capacitors are available in 2 or 4-pin snap-in styles
and 4 or 5-pin straight terminals. The SMH series is RoHS compliant offering Pb-free construction.
The standard SMH series capacitors are not solvent proof. Refer to guidelines and precautions on the
website for usage and installation conditions recommended for United Chemi-Con products.
Snap Mount
Large
Capacitance
High CV
High Ripple
RoHS
Compliant
85 C
Maximum
Temperature
PC board 2 or 4-pin snap-in; optional 4 or 5-pin straight terminals.
Capacitance range: 56 to 270,000µF.
Voltage range: 6.3 to 450VDC.
Category temperature range:
40 Cto
85 C for 6.3 to 100V;
25 Cto
85 C for
160 to 450V.
Leakage current: 0.02CV(µA) or 3mA, whichever is smaller, after 5 minutes at
20 C.
Standard capacitance tolerance:
20%
Nominal case size (D
L): 22
20mm to 40
80mm.
Rated lifetime: 2,000 hours at
85 C with the rated ripple current applied.
Summary of Specifications
SMH SERIES
Engineering Bulletin Mar 07


Similar Part No. - ESMH250VSN183MA30T

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
ESMH250VSN183MA30T CHEMI-CON-ESMH250VSN183MA30T Datasheet
182Kb / 15P
   Snap Mount
ESMH250VSN183MA30T CHEMI-CON-ESMH250VSN183MA30T Datasheet
182Kb / 15P
   Snap Mount
More results

Similar Description - ESMH250VSN183MA30T

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
107LMX400M2CC ILLINOISCAPACITOR-107LMX400M2CC Datasheet
106Kb / 1P
   SNAP-IN / SNAP MOUNT
107LMX450M2CE ILLINOISCAPACITOR-107LMX450M2CE Datasheet
106Kb / 1P
   SNAP-IN / SNAP MOUNT
127LMB400M2BF ILLINOISCAPACITOR-127LMB400M2BF Datasheet
106Kb / 1P
   SNAP-IN / SNAP MOUNT
826LMH450MZBD ILLINOISCAPACITOR-826LMH450MZBD Datasheet
108Kb / 1P
   SNAP-IN / SNAP MOUNT
157LBA400M2CD ILLINOISCAPACITOR-157LBA400M2CD Datasheet
129Kb / 1P
   SNAP-IN / SNAP MOUNT
157LBA450M2BF ILLINOISCAPACITOR-157LBA450M2BF Datasheet
127Kb / 1P
   SNAP-IN / SNAP MOUNT
157LMB450M2BG ILLINOISCAPACITOR-157LMB450M2BG Datasheet
106Kb / 1P
   SNAP-IN / SNAP MOUNT
187LBA350M2BD ILLINOISCAPACITOR-187LBA350M2BD Datasheet
104Kb / 1P
   SNAP-IN / SNAP MOUNT
187LBA400M2CD ILLINOISCAPACITOR-187LBA400M2CD Datasheet
104Kb / 1P
   SNAP-IN / SNAP MOUNT
187LBB350M2CD ILLINOISCAPACITOR-187LBB350M2CD Datasheet
107Kb / 1P
   SNAP-IN / SNAP MOUNT
187LMH350MZBD ILLINOISCAPACITOR-187LMH350MZBD Datasheet
132Kb / 1P
   SNAP-IN / SNAP MOUNT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com