Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RSB2415T-3W Datasheet(PDF) 1 Page - MORNSUN Science& Technology Ltd.

Part # RSB2415T-3W
Description  3W SINGLE OUTPUT SMD PACKAGE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

RSB2415T-3W Datasheet(HTML) 1 Page - MORNSUN Science& Technology Ltd.

  RSB2415T-3W Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. RSB2415T-3W Datasheet HTML 2Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MORNSUN reserves the copyright For any design change and upgrade, we will not make any prior notification
A/1-2007
Page 1 of 2
RSB_T-3W Series
WIDE INPUT ISOLATED & REGULATED
3W SINGLE OUTPUT
SMD PACKAGE
multi-country patent protection RoHS
PRODUCT PROGRAM
Input
Output
Voltage (VDC)
Current(mA)
Part
Number
Nominal
Range
Max*
Voltage
(VDC)
Max
Min
Efficiency
(%, Typ)
RSB1205T-3W
5
600
60
75
RSB1209T-3W
9
330
33
78
RSB1212T-3W
12
250
25
79
RSB1215T-3W
12
9~18
22
15
200
20
78
RSB2405T-3W
5
600
60
77
RSB2409T-3W
9
330
33
80
RSB2412T-3W
12
250
25
82
RSB2415T-3W
24
18~36
40
15
200
20
81
RSB4803T-3W
3.3
909
90
72
RSB4805T-3W
5
600
60
75
RSB4809T-3W
9
330
33
78
RSB4812T-3W
12
250
25
81
RSB4815T-3W
48
36~72
80
15
200
20
83
ISOLATION SPECIFICATIONS
Item
Test conditions
Min
Typ
Max
Units
Isolation voltage
Flash tested for 60 seconds
1500
VDC
Isolation resistance
Test at 500VDC
1000
MΩ
OUTPUT SPECIFICATIONS
Item
Test conditions
Min
Typ
Max
Units
3W output power
See below products program
0.3
3
W
Output Voltage accuracy
Refer to recommended circuit
±1
±2
Load regulation
From 10% to 100% load
±0.5 ±0.75
Line regulation
Input Voltage From Low to High
±0.2
±0.5
%
Temperature drift (Vout)
Refer to recommended circuit
±0.03
%/°C
Ripple
20MHz bandwidth
50
Noise
20MHz bandwidth
50
100
mVp-p
Switching frequency
100% load, nominal input voltage
300(PFM)
KHz
FEATURES
● Wide (2:1) Input Range
● Operating Temperature:-40°C~+85°C
● 1500VDC Isolation
● UL94-V0 Package
● No Heat Sink Required
● Industry Standard Pinout
● MTBF>1,000,000 hours
● Custom Service Available
● RoHS Compliance
APPLICATIONS
The RSB_T-3W Series are specially designed
for applications where a wide range input
voltage power supplies are isolated from the
input power supply in a distributed power
supply system on a circuit board.
These products apply to:
1) Where the voltage of the input power
supply is wide range (voltage range: 2:1);
2) Where isolation is necessary between
input and output
(isolation voltage =1500VDC);
3) Where the regulation of the output voltage
and the output ripple noise are demanded.
MODEL SELECTION
RSB2405T-3W
Product Series
Input Voltage
Output Voltage
Package Style
Rated Power
MORNSUN Science& Technology Ltd.
Address: 2th floor 6th building, Huangzhou
Industrial District, Guangzhou, China
Tel: 86-20-38601850
Fax: 86-20-38601272
Http://www.mornsun-power.com
Note:
1.All specifications measured at TA=25°C, humidity<75%, nominal input voltage and rated output load unless otherwise
specified.
2.See below recommended circuits for more details.


Similar Part No. - RSB2415T-3W

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RSB200-884T ETC2-RSB200-884T Datasheet
887Kb / 1P
   Fanless System for IBASE IB892 3.5??SBC
RSB200-884T ETC2-RSB200-884T Datasheet
887Kb / 1P
   Fanless System for IBASE IB892 3.5??SBC
RSB200-884T-11-HD ETC2-RSB200-884T-11-HD Datasheet
887Kb / 1P
   Fanless System for IBASE IB892 3.5??SBC
RSB200-884T-11-HD ETC2-RSB200-884T-11-HD Datasheet
887Kb / 1P
   Fanless System for IBASE IB892 3.5??SBC
RSB200-892 ETC2-RSB200-892 Datasheet
887Kb / 1P
   Fanless System for IBASE IB892 3.5??SBC
More results

Similar Description - RSB2415T-3W

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
K78XXT-500 MORNSUN-K78XXT-500 Datasheet
475Kb / 5P
   SMD PACKAGE SINGLE OUTPUT
K78XXT-1000 MORNSUN-K78XXT-1000 Datasheet
509Kb / 6P
   SMD PACKAGE SINGLE OUTPUT
logo
Guangzhou Reicu Electro...
WRB0505S-3W REICU-WRB0505S-3W Datasheet
725Kb / 1P
   1600VDC Isolated 3W Single/Double Output SIP-Package
REV:3.1
logo
MORNSUN Science& Techno...
K7812KT-500 MORNSUN-K7812KT-500 Datasheet
266Kb / 3P
   SMD PACKAGE SINGLE OUTPUT
logo
Minmax Technology Co., ...
MSCWI03 MINMAX-MSCWI03 Datasheet
921Kb / 5P
   DC/DC CONVERTER 3W, SMD Package
MSDWI03 MINMAX-MSDWI03_15 Datasheet
580Kb / 5P
   DC/DC CONVERTER 3W, SMD Package
MSIW1000 MINMAX-MSIW1000_15 Datasheet
412Kb / 5P
   DC/DC CONVERTER 3W, SMD-Package
logo
MORNSUN Science& Techno...
WRB0503T-2W MORNSUN-WRB0503T-2W Datasheet
165Kb / 2P
   3W SINGLE OUTPUT DC/DC CONVERTER
logo
MPS Industries, Inc.
DDC1000 MPSIND-DDC1000 Datasheet
180Kb / 2P
   3W, Wide Input Range SMD, Single & Dual Output DC/DC Converters
logo
Minmax Technology Co., ...
MSIW2000 MINMAX-MSIW2000 Datasheet
195Kb / 8P
   3W, Wide Input Range SMD, Single & Dual Output DC/DC Converters
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com