Electronic Components Datasheet Search |
|
ESMM3B1VSN121MN25T Datasheet(PDF) 1 Page - United Chemi-Con, Inc. |
|
ESMM3B1VSN121MN25T Datasheet(HTML) 1 Page - United Chemi-Con, Inc. |
1 / 11 page United Chemi-Con, Inc. 9801 W. Higgins Road, Rosemont, IL 60018 Tel 847-696-2000 Fax 847-696-9278 www.chemi-con.com 1/ 11 SMM Series The SMM series is a high voltage, long life snap-in capacitor series that offers downsized versions of the SMH series. Compared to our SMH series, the SMM capacitors have a longer rated lifetime of 3,000 hours with the full rated ripple current applied and are also one case size smaller than equivalently rated SMH capacitors. These characteristics allow downsizing for many power supplies and will provide better reliability due to increased life. The SMM capacitors are available in 2 or 4-pin snap-in styles and 4-pin straight terminals. The SMM series capacitors are RoHS compliant offering Pb-free construction. The standard SMM series capacitors are not solvent proof. Refer to guidelines and precautions on the website for usage and installation conditions recommended for United Chemi-Con products. Snap Mount Downsize High Voltage Long Life RoHS Compliant 85 C Maximum Temperature PC board 2 or 4-pin snap-in; optional 4-pin straight terminals. Capacitance range: 47 to 3,300µF. Voltage range: 160 to 450VDC. Category temperature range: 25 Cto 85 C. Leakage current: 3 CV (µA) maximum after 5 minutes at 20 C. Standard capacitance tolerance: 20% Nominal case size (D L): 20 25mm to 35 50mm. Rated lifetime: 3,000 hours at 85 C with the rated ripple current applied. Summary of Specifications SMM SERIES Engineering Bulletin Mar 07 |
Similar Part No. - ESMM3B1VSN121MN25T |
|
Similar Description - ESMM3B1VSN121MN25T |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |