Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ESMQ421VSN471MR40S Datasheet(PDF) 5 Page - United Chemi-Con, Inc.

Part # ESMQ421VSN471MR40S
Description  Snap Mount
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHEMI-CON [United Chemi-Con, Inc.]
Direct Link  http://www.chemi-con.com
Logo CHEMI-CON - United Chemi-Con, Inc.

ESMQ421VSN471MR40S Datasheet(HTML) 5 Page - United Chemi-Con, Inc.

  ESMQ421VSN471MR40S Datasheet HTML 1Page - United Chemi-Con, Inc. ESMQ421VSN471MR40S Datasheet HTML 2Page - United Chemi-Con, Inc. ESMQ421VSN471MR40S Datasheet HTML 3Page - United Chemi-Con, Inc. ESMQ421VSN471MR40S Datasheet HTML 4Page - United Chemi-Con, Inc. ESMQ421VSN471MR40S Datasheet HTML 5Page - United Chemi-Con, Inc. ESMQ421VSN471MR40S Datasheet HTML 6Page - United Chemi-Con, Inc. ESMQ421VSN471MR40S Datasheet HTML 7Page - United Chemi-Con, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
200 Volts
250 Volts Surge
250 Volts
300 Volts Surge
315 Volts
365 Volts Surge
United Chemi-Con, Inc. 9801 W. Higgins Road, Rosemont, IL 60018 Tel 847-696-2000 Fax 847-696-9278 www.chemi-con.com
5/7
Engineering Bulletin Mar 07
SMQ Series
1,200
ESMQ201VSN122MR30S
30
30
R30
0.207
3.5
1,500
ESMQ201VSN152MR35S
30
35
R35
0.166
3.87
1,800
ESMQ201VSN182MR45S
30
45
R45
0.138
4.32
2,200
ESMQ201VSN222MR50S
30
50
R50
0.113
4.92
1,000
ESMQ201VSN102MA25S
35
25
A25
0.249
3.25
1,200
ESMQ201VSN122MA30S
35
30
A30
0.207
3.5
1,500
ESMQ201VSN152MA30S
35
30
A30
0.166
3.87
1,800
ESMQ201VSN182MA35S
35
35
A35
0.138
4.32
2,200
ESMQ201VSN222MA40S
35
40
A40
0.113
4.92
2,700
ESMQ201VSN272MA50S
35
50
A50
0.092
5.45
270
ESMQ251VSN271MP25S
22
25
P25
0.921
1.31
330
ESMQ251VSN331MP30S
22
30
P30
0.754
1.75
390
ESMQ251VSN391MP30S
22
30
P30
0.638
1.91
470
ESMQ251VSN471MP35S
22
35
P35
0.529
2.11
560
ESMQ251VSN561MP40S
22
40
P40
0.444
2.25
680
ESMQ251VSN681MP45S
22
45
P45
0.366
2.5
820
ESMQ251VSN821MP50S
22
50
P50
0.303
2.77
390
ESMQ251VSN391MQ25S
25.4
25
Q25
0.638
1.91
470
ESMQ251VSN471MQ30S
25.4
30
Q30
0.529
2.11
560
ESMQ251VSN561MQ30S
25.4
30
Q30
0.444
2.25
680
ESMQ251VSN681MQ35S
25.4
35
Q35
0.366
2.5
820
ESMQ251VSN821MQ40S
25.4
40
Q40
0.303
2.77
1,000
ESMQ251VSN102MQ45S
25.4
45
Q45
0.249
3.32
560
ESMQ251VSN561MR25S
30
25
R25
0.444
2.25
680
ESMQ251VSN681MR30S
30
30
R30
0.366
2.5
820
ESMQ251VSN821MR30S
30
30
R30
0.303
2.77
1,000
ESMQ251VSN102MR35S
30
35
R35
0.249
3.32
1,200
ESMQ251VSN122MR40S
30
40
R40
0.207
3.53
1,500
ESMQ251VSN152MR50S
30
50
R50
0.166
4.04
820
ESMQ251VSN821MA25S
35
25
A25
0.303
2.77
1,000
ESMQ251VSN102MA30S
35
30
A30
0.249
3.32
1,200
ESMQ251VSN122MA35S
35
35
A35
0.207
3.53
1,500
ESMQ251VSN152MA40S
35
40
A40
0.166
4.04
1,800
ESMQ251VSN182MA45S
35
45
A45
0.138
4.55
Standard Voltage Ratings - Snap Mount
Rated
Voltage
(WVDC)
Capacitance
(µF )
Case
Size
Code
Global
Part Number
Nominal
Case Size*
D
L ( mm )
Maximum ESR
(
Ω) at
20 C, 120Hz
Rated
Ripple Current
(A rms) at
85 C, 120Hz
180
ESMQ3B1VSN181MP25S
22
25
P25
1.382
1.21
220
ESMQ3B1VSN221MP30S
22
30
P30
1.13
1.41
270
ESMQ3B1VSN271MP30S
22
30
P30
0.921
1.6
330
ESMQ3B1VSN331MP40S
22
40
P40
0.754
1.82
390
ESMQ3B1VSN391MP45S
22
45
P45
0.638
2.01
470
ESMQ3B1VSN471MP50S
22
50
P50
0.529
2.27
330
ESMQ3B1VSN331MQ30S
25.4
30
Q30
0.754
1.82
390
ESMQ3B1VSN391MQ35S
25.4
35
Q35
0.638
2.01
470
ESMQ3B1VSN471MQ40S
25.4
40
Q40
0.529
2.27
560
ESMQ3B1VSN561MQ45S
25.4
45
Q45
0.444
2.56
330
ESMQ3B1VSN331MR25S
30
25
R25
0.754
1.82
390
ESMQ3B1VSN391MR30S
30
30
R30
0.638
2.01
470
ESMQ3B1VSN471MR30S
30
30
R30
0.529
2.27
560
ESMQ3B1VSN561MR35S
30
35
R35
0.444
2.56
680
ESMQ3B1VSN681MR40S
30
40
R40
0.366
2.87
820
ESMQ3B1VSN821MR45S
30
45
R45
0.303
3.25
1,000
ESMQ3B1VSN102MR50S
30
50
R50
0.249
3.63
470
ESMQ3B1VSN471MA25S
35
25
A25
0.529
2.27
560
ESMQ3B1VSN561MA30S
35
30
A30
0.444
2.56
680
ESMQ3B1VSN681MA35S
35
35
A35
0.366
2.87
820
ESMQ3B1VSN821MA40S
35
40
A40
0.303
3.25
1,000
ESMQ3B1VSN102MA45S
35
45
A45
0.249
3.63
For construction options, refer to the part numbering system for descriptions and codes.
* Refer to diagram of dimensions for detailed case size specifications.


Similar Part No. - ESMQ421VSN471MR40S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ESMQ421VSN471MR40S ETC2-ESMQ421VSN471MR40S Datasheet
72Kb / 3P
   LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS
logo
United Chemi-Con, Inc.
ESMQ421VSN471MR40S CHEMI-CON-ESMQ421VSN471MR40S Datasheet
74Kb / 3P
   Downsized snap-ins, 85
More results

Similar Description - ESMQ421VSN471MR40S

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
107LMX400M2CC ILLINOISCAPACITOR-107LMX400M2CC Datasheet
106Kb / 1P
   SNAP-IN / SNAP MOUNT
107LMX450M2CE ILLINOISCAPACITOR-107LMX450M2CE Datasheet
106Kb / 1P
   SNAP-IN / SNAP MOUNT
127LMB400M2BF ILLINOISCAPACITOR-127LMB400M2BF Datasheet
106Kb / 1P
   SNAP-IN / SNAP MOUNT
826LMH450MZBD ILLINOISCAPACITOR-826LMH450MZBD Datasheet
108Kb / 1P
   SNAP-IN / SNAP MOUNT
157LBA400M2CD ILLINOISCAPACITOR-157LBA400M2CD Datasheet
129Kb / 1P
   SNAP-IN / SNAP MOUNT
157LBA450M2BF ILLINOISCAPACITOR-157LBA450M2BF Datasheet
127Kb / 1P
   SNAP-IN / SNAP MOUNT
157LMB450M2BG ILLINOISCAPACITOR-157LMB450M2BG Datasheet
106Kb / 1P
   SNAP-IN / SNAP MOUNT
187LBA350M2BD ILLINOISCAPACITOR-187LBA350M2BD Datasheet
104Kb / 1P
   SNAP-IN / SNAP MOUNT
187LBA400M2CD ILLINOISCAPACITOR-187LBA400M2CD Datasheet
104Kb / 1P
   SNAP-IN / SNAP MOUNT
187LBB350M2CD ILLINOISCAPACITOR-187LBB350M2CD Datasheet
107Kb / 1P
   SNAP-IN / SNAP MOUNT
187LMH350MZBD ILLINOISCAPACITOR-187LMH350MZBD Datasheet
132Kb / 1P
   SNAP-IN / SNAP MOUNT
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com