Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T1130B Datasheet(PDF) 1 Page - MORNSUN Science& Technology Ltd.

Part # T1130B
Description  Active Single channel Analog signal Isolation barrier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

T1130B Datasheet(HTML) 1 Page - MORNSUN Science& Technology Ltd.

  T1130B Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. T1130B Datasheet HTML 2Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
The copyright and authority for the interpretation of the products are reserved by Mornsun
Specifications subject to change without notice.
T11/12/21/22_B
A/1-2008
Page 1 of 2
Active Single channel Analog signal
Isolation barrier (Iin & Iout)
T11/12/21/22_B
APPLICATIONS
PRODUCT PROGRAM
Part
Number
Power Supply
Input
Output
Isolation
Power Output
Channels
T1133B
24V
4-20mA
4-20mA
24V
1
T1130B
24V
4-20mA
4-20mA
NONE
1
T2233B
24V
0-20mA
0-20mA
24V
1
T2230B
24V
0-20mA
0-20mA
NONE
1
Note: We could also offer customer design for special input and output.
ELECTRICAL CHARACTERISTICS
Power Supply
(Nominal Power Supply)
±5%
Power Dissipation
≤2W
Power Supply
Data
Power Protection
Reverse protection
Output Voltage
(Nominal)
±10%
Isolation Power
Output Data
Output Current
≤25mA
Input Signal
See above
Input Impedance
Input 20mA with voltage drop about 250mV
Input Data
Overload
≤300mA
Output Signal
See above
Output Data
Load
≤500Ω(At Output =20mA)
TRANSMISSION CHARACTERISTICS
Offset
0.1%F.S.
Gain Error
0.1%F.S.
Temperature Drift
0.0035%F.S./℃ (-25℃ to +71℃)
ISOLATION CHARACTERISTICS
Galvanic Isolation
Three port Isolation(input, output, power supply)
Isolation Voltage
2.5KVDC (Tested for 1minute and 1mA max, humidity < 70%)
Insulation
Resistance
100M
Ω,500VDC(Among signal input ,signal output, power supply
and isolation power output)
OTHER CHARACTERISTICS
Operation temperature:-25℃ to +71℃
Ambient
temperature
Transport and Storage temperature:-50℃ to +105℃
Package
35mm DIN-rail package
Safety Class
IP20(IEC60529 / EN60529)
EMC compliance
GB/T 18268(IEC61326-1)
Weight
About 60g
Application
environment
No dusts, gases of fiercely vibration, impulsion or gases that may
erode to the components surrounded
Analog signal isolating barrier, is a signal
conditioner with electrical insulation between
input and output, which can receive the standard
or non-standard analog signal input from the
scene, and transmit a standard output signal to
the control room or DCS, to get three-port
isolated among power supply, input and output. It
is designed for translating signals of apparatus in
hazardous area, isolating and transforming these
signals into standard signals which can be
accepted by industry computer, DCS, PLC, or
user-specified special signals. It is widely used in
the industrial measurement systems, medical
electronic equipment, electrical equipment etc.
We
adopt
high
efficiency
magnetism
and
electricity isolated technology to achieve signal
isolation, with characteristics of high output
accuracy, good linearity and low temperature
drift.
FEATURES
● Three port Isolation(input, output, power supply)
● High accuracy (0.1% F.S.)
● High linearity (0.1% F.S.)
● Isolation voltage(2500VDC/60S)
● High frequency response(15KHz)
● Low temperature drift(35PPM/℃)
● Industry class(Operation temp.: -25℃ to +71℃)
● High reliability(MTBF>500,000 hours)
MODEL SELECTION
TXXXXB
Package style
Isolation power output
Power supply
Output
Input
Isolation amplifier
MORNSUN Science & Technology co.,Ltd.
Address: 2th floor 6th building, Huangzhou Industrial
District, Guangzhou, China
Tel: 86-20-38601850
Fax:86-20-38601272
Http://www.mornsun-power.com
Note:
1 .All specifications measured at TA=25
°C, humidity<75%, nominal input voltage and rated output
load unless otherwise specified.
2. Only typical models listed, specifications of custom product may be different. Please contact our
service people directly for certain conditions.


Similar Part No. - T1130B

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
T113000 E-SWITCH-T113000 Datasheet
112Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
T113001 E-SWITCH-T113001 Datasheet
197Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
T113002 E-SWITCH-T113002 Datasheet
32Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
T113004 E-SWITCH-T113004 Datasheet
95Kb / 1P
   All Dimension In MM
T113005 E-SWITCH-T113005 Datasheet
63Kb / 1P
   All Dimension In MM
More results

Similar Description - T1130B

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
T6630B MORNSUN-T6630B Datasheet
68Kb / 2P
   Active Single channel Analog signal Isolation barrier
T1530B MORNSUN-T1530B Datasheet
68Kb / 2P
   Active Single channel Analog signal Isolation barrier
T5230B MORNSUN-T5230B Datasheet
68Kb / 2P
   Active Single channel Analog signal Isolation barrier
T1100B MORNSUN-T1100B Datasheet
436Kb / 3P
   Passive single channel analog signal Isolation barrier
TAF100-EX-11 MORNSUN-TAF100-EX-11 Datasheet
498Kb / 3P
   DC input operation type analog signal isolation safety barrier
TAF100W-EX-11 MORNSUN-TAF100W-EX-11 Datasheet
1Mb / 4P
   12.5mm ULTRA-THIN ANALOG SIGNAL OUTPUT ISOLATION SAFETY BARRIER
TII13-EX MORNSUN-TII13-EX Datasheet
190Kb / 2P
   ANALOG SIGNAL ISOLATING DETECTION BARRIER
logo
Linear Integrated Syste...
LS-508A LINEAR-LS-508A Datasheet
209Kb / 2P
   Single 8-Channel CMOS Analog Multiplexer with active overvoltage protection
logo
Holtek Semiconductor In...
HT82V42 HOLTEK-HT82V42_10 Datasheet
413Kb / 24P
   Single-channel 16-Bit CCD/CIS Analog Signal Processor
logo
Agilent(Hewlett-Packard...
HCPL-7840 HP-HCPL-7840 Datasheet
217Kb / 12P
   Analog Isolation Amplifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com