Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ESMQ451VSN820MP25S Datasheet(PDF) 4 Page - United Chemi-Con, Inc.

Part # ESMQ451VSN820MP25S
Description  Snap Mount
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHEMI-CON [United Chemi-Con, Inc.]
Direct Link  http://www.chemi-con.com
Logo CHEMI-CON - United Chemi-Con, Inc.

ESMQ451VSN820MP25S Datasheet(HTML) 4 Page - United Chemi-Con, Inc.

  ESMQ451VSN820MP25S Datasheet HTML 1Page - United Chemi-Con, Inc. ESMQ451VSN820MP25S Datasheet HTML 2Page - United Chemi-Con, Inc. ESMQ451VSN820MP25S Datasheet HTML 3Page - United Chemi-Con, Inc. ESMQ451VSN820MP25S Datasheet HTML 4Page - United Chemi-Con, Inc. ESMQ451VSN820MP25S Datasheet HTML 5Page - United Chemi-Con, Inc. ESMQ451VSN820MP25S Datasheet HTML 6Page - United Chemi-Con, Inc. ESMQ451VSN820MP25S Datasheet HTML 7Page - United Chemi-Con, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
200 Volts
250 Volts Surge
160 Volts
200 Volts Surge
180 Volts
225 Volts Surge
United Chemi-Con, Inc. 9801 W. Higgins Road, Rosemont, IL 60018 Tel 847-696-2000 Fax 847-696-9278 www.chemi-con.com
4/7
SMQ Series
Engineering Bulletin Mar 07
470
ESMQ181VSN471MP25S
22
25
P25
0.529
2.08
560
ESMQ181VSN561MP30S
22
30
P30
0.444
2.25
680
ESMQ181VSN681MP30S
22
30
P30
0.366
2.5
820
ESMQ181VSN821MP35S
22
35
P35
0.303
2.75
1,000
ESMQ181VSN102MP45S
22
45
P45
0.249
3.0
1,200
ESMQ181VSN122MP50S
22
50
P50
0.207
3.31
680
ESMQ181VSN681MQ25S
25.4
25
Q25
0.366
2.5
820
ESMQ181VSN821MQ30S
25.4
30
Q30
0.303
2.75
1,000
ESMQ181VSN102MQ35S
25.4
35
Q35
0.249
3.0
1,200
ESMQ181VSN122MQ40S
25.4
40
Q40
0.207
3.31
1,500
ESMQ181VSN152MQ45S
25.4
45
Q45
0.166
3.83
1,800
ESMQ181VSN182MQ50S
25.4
50
Q50
0.138
4.32
1,000
ESMQ181VSN102MR25S
30
25
R25
0.249
3.0
1,200
ESMQ181VSN122MR30S
30
30
R30
0.207
3.31
1,500
ESMQ181VSN152MR35S
30
35
R35
0.166
3.83
1,800
ESMQ181VSN182MR40S
30
40
R40
0.138
4.32
2,200
ESMQ181VSN222MR45S
30
45
R45
0.113
4.92
1,200
ESMQ181VSN122MA25S
35
25
A25
0.207
3.31
1,500
ESMQ181VSN152MA30S
35
30
A30
0.166
3.83
1,800
ESMQ181VSN182MA30S
35
30
A30
0.138
4.32
2,200
ESMQ181VSN222MA40S
35
40
A40
0.113
4.92
2,700
ESMQ181VSN272MA45S
35
45
A45
0.092
5.52
3,300
ESMQ181VSN332MA50S
35
50
A50
0.075
5.75
Standard Voltage Ratings - Snap Mount
Rated
Voltage
(WVDC)
Capacitance
(µF )
Case
Size
Code
Global
Part Number
Nominal
Case Size*
D
L ( mm )
Maximum ESR
(
Ω) at
20 C, 120Hz
Rated
Ripple Current
(A rms) at
85 C, 120Hz
390
ESMQ201VSN391MP25S
22
25
P25
0.638
1.68
470
ESMQ201VSN471MP30S
22
30
P30
0.529
1.85
560
ESMQ201VSN561MP30S
22
30
P30
0.444
2.43
680
ESMQ201VSN681MP35S
22
35
P35
0.366
2.68
820
ESMQ201VSN821MP40S
22
40
P40
0.303
2.93
1,000
ESMQ201VSN102MP45S
22
45
P45
0.249
3.25
560
ESMQ201VSN561MQ25S
25.4
25
Q25
0.444
2.43
680
ESMQ201VSN681MQ30S
25.4
30
Q30
0.366
2.68
820
ESMQ201VSN821MQ30S
25.4
30
Q30
0.303
2.93
1,000
ESMQ201VSN102MQ35S
25.4
35
Q35
0.249
3.25
1,200
ESMQ201VSN122MQ40S
25.4
40
Q40
0.207
3.5
1,500
ESMQ201VSN152MQ50S
25.4
50
Q50
0.166
3.87
820
ESMQ201VSN821MR25S
30
25
R25
0.303
2.93
1,000
ESMQ201VSN102MR30S
30
30
R30
0.249
3.25
560
ESMQ161VSN561MP25S
22
25
P25
0.444
2.25
680
ESMQ161VSN681MP30S
22
30
P30
0.366
2.5
820
ESMQ161VSN821MP35S
22
35
P35
0.303
2.75
1,000
ESMQ161VSN102MP40S
22
40
P40
0.249
3.0
1,200
ESMQ161VSN122MP45S
22
45
P45
0.207
3.25
1,500
ESMQ161VSN152MP50S
22
50
P50
0.166
3.73
1,000
ESMQ161VSN102MQ30S
25.4
30
Q30
0.249
3.0
1,200
ESMQ161VSN122MQ35S
25.4
35
Q35
0.207
3.25
1,500
ESMQ161VSN152MQ40S
25.4
40
Q40
0.166
3.73
1,800
ESMQ161VSN182MQ45S
25.4
45
Q45
0.138
4.2
1,200
ESMQ161VSN122MR25S
30
25
R25
0.207
3.25
1,500
ESMQ161VSN152MR30S
30
30
R30
0.166
3.73
1,800
ESMQ161VSN182MR35S
30
35
R35
0.138
4.2
2,200
ESMQ161VSN222MR40S
30
40
R40
0.113
4.78
1,500
ESMQ161VSN152MA25S
35
25
A25
0.166
3.73
1,800
ESMQ161VSN182MA30S
35
30
A30
0.138
4.2
2,200
ESMQ161VSN222MA35S
35
35
A35
0.113
4.78
2,700
ESMQ161VSN272MA40S
35
40
A40
0.092
5.45
3,300
ESMQ161VSN332MA45S
35
45
A45
0.075
5.75
3,900
ESMQ161VSN392MA50S
35
50
A50
0.064
6.0
For construction options, refer to the part numbering system for descriptions and codes.
* Refer to diagram of dimensions for detailed case size specifications.


Similar Part No. - ESMQ451VSN820MP25S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ESMQ451VSN820MP25S ETC2-ESMQ451VSN820MP25S Datasheet
72Kb / 3P
   LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS
logo
United Chemi-Con, Inc.
ESMQ451VSN820MP25S CHEMI-CON-ESMQ451VSN820MP25S Datasheet
74Kb / 3P
   Downsized snap-ins, 85
More results

Similar Description - ESMQ451VSN820MP25S

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
107LMX400M2CC ILLINOISCAPACITOR-107LMX400M2CC Datasheet
106Kb / 1P
   SNAP-IN / SNAP MOUNT
107LMX450M2CE ILLINOISCAPACITOR-107LMX450M2CE Datasheet
106Kb / 1P
   SNAP-IN / SNAP MOUNT
127LMB400M2BF ILLINOISCAPACITOR-127LMB400M2BF Datasheet
106Kb / 1P
   SNAP-IN / SNAP MOUNT
826LMH450MZBD ILLINOISCAPACITOR-826LMH450MZBD Datasheet
108Kb / 1P
   SNAP-IN / SNAP MOUNT
157LBA400M2CD ILLINOISCAPACITOR-157LBA400M2CD Datasheet
129Kb / 1P
   SNAP-IN / SNAP MOUNT
157LBA450M2BF ILLINOISCAPACITOR-157LBA450M2BF Datasheet
127Kb / 1P
   SNAP-IN / SNAP MOUNT
157LMB450M2BG ILLINOISCAPACITOR-157LMB450M2BG Datasheet
106Kb / 1P
   SNAP-IN / SNAP MOUNT
187LBA350M2BD ILLINOISCAPACITOR-187LBA350M2BD Datasheet
104Kb / 1P
   SNAP-IN / SNAP MOUNT
187LBA400M2CD ILLINOISCAPACITOR-187LBA400M2CD Datasheet
104Kb / 1P
   SNAP-IN / SNAP MOUNT
187LBB350M2CD ILLINOISCAPACITOR-187LBB350M2CD Datasheet
107Kb / 1P
   SNAP-IN / SNAP MOUNT
187LMH350MZBD ILLINOISCAPACITOR-187LMH350MZBD Datasheet
132Kb / 1P
   SNAP-IN / SNAP MOUNT
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com