Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74ABT18504PM Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # SN74ABT18504PM
Description  SCAN TEST DEVICES WITH 20-BIT UNIVERSAL BUS TRANSCEIVERS
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74ABT18504PM Datasheet(HTML) 9 Page - Texas Instruments

Back Button SN74ABT18504PM Datasheet HTML 5Page - Texas Instruments SN74ABT18504PM Datasheet HTML 6Page - Texas Instruments SN74ABT18504PM Datasheet HTML 7Page - Texas Instruments SN74ABT18504PM Datasheet HTML 8Page - Texas Instruments SN74ABT18504PM Datasheet HTML 9Page - Texas Instruments SN74ABT18504PM Datasheet HTML 10Page - Texas Instruments SN74ABT18504PM Datasheet HTML 11Page - Texas Instruments SN74ABT18504PM Datasheet HTML 12Page - Texas Instruments SN74ABT18504PM Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
SN54ABT18504, SN74ABT18504
SCAN TEST DEVICES WITH
20-BIT UNIVERSAL BUS TRANSCEIVERS
SCBS108B – AUGUST 1992 – REVISED JUNE 1993
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
9
state diagram description (continued)
Pause-IR
No specific function is performed in the stable Pause-IR state, in which the TAP controller can remain indefinitely.
The Pause-IR state provides the capability of suspending and resuming instruction register scan operations
without loss of data.
Update-IR
The current instruction is updated and takes effect on the falling edge of TCK following entry to the Update-IR
state.
register overview
With the exception of the bypass and device identification registers, any test register can be thought of as a serial
shift register with a shadow latch on each bit. The bypass and device identification registers differ in that they
contain only a shift register. During the appropriate capture state (Capture-IR for instruction register,
Capture-DR for data registers), the shift register may be parallel loaded from a source specified by the current
instruction. During the appropriate shift state (Shift-IR or Shift-DR), the contents of the shift register are shifted
out from TDO while new contents are shifted in at TDI. During the appropriate update state (Update-IR or
Update-DR), the shadow latches are updated from the shift register.
instruction register description
The instruction register (IR) is eight bits long and is used to tell the device what instruction is to be executed.
Information contained in the instruction includes the mode of operation (either normal mode, in which the device
performs its normal logic function, or test mode, in which the normal logic function is inhibited or altered), the
test operation to be performed, which of the four data registers is to be selected for inclusion in the scan path
during data register scans, and the source of data to be captured into the selected data register during
Capture-DR.
Table 4 lists the instructions supported by the
′ABT18504. The even-parity feature specified for SCOPE™
devices is supported in this device. Bit 7 of the instruction opcode is the parity bit. Any instructions that are
defined for SCOPE
™ devices but are not supported by this device default to BYPASS.
During Capture-IR, the IR captures the binary value 10000001. As an instruction is shifted in, this value will be
shifted out via TDO and can be inspected as verification that the IR is in the scan path. During Update-IR, the
value that has been shifted into the IR is loaded into shadow latches. At this time, the current instruction is
updated and any specified mode change takes effect. At power up or in the Test-Logic-Reset state, the IR is
reset to the binary value 10000001, which selects the IDCODE instruction.
The instruction register order of scan is illustrated in Figure 2.
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
TDO
TDI
Bit 7
Parity
(MSB)
Bit 0
(LSB)
Figure 2. Instruction Register Order of Scan


Similar Part No. - SN74ABT18504PM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ABT18504PM TI-SN74ABT18504PM Datasheet
665Kb / 34P
[Old version datasheet]   SCAN TEST DEVICES WITH 20-BIT UNIVERSAL BUS TRANSCEIVERS
SN74ABT18504PMG4 TI-SN74ABT18504PMG4 Datasheet
665Kb / 34P
[Old version datasheet]   SCAN TEST DEVICES WITH 20-BIT UNIVERSAL BUS TRANSCEIVERS
SN74ABT18504PMR TI-SN74ABT18504PMR Datasheet
665Kb / 34P
[Old version datasheet]   SCAN TEST DEVICES WITH 20-BIT UNIVERSAL BUS TRANSCEIVERS
SN74ABT18504PMRG4 TI-SN74ABT18504PMRG4 Datasheet
665Kb / 34P
[Old version datasheet]   SCAN TEST DEVICES WITH 20-BIT UNIVERSAL BUS TRANSCEIVERS
More results

Similar Description - SN74ABT18504PM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ABTH18504A TI-SN54ABTH18504A_08 Datasheet
763Kb / 39P
[Old version datasheet]   SCAN TEST DEVICES WITH 20-BIT UNIVERSAL BUS TRANSCEIVERS
SN54ABT18504 TI-SN54ABT18504_08 Datasheet
665Kb / 34P
[Old version datasheet]   SCAN TEST DEVICES WITH 20-BIT UNIVERSAL BUS TRANSCEIVERS
SN54ABTH18504A TI-SN54ABTH18504A Datasheet
547Kb / 35P
[Old version datasheet]   SCAN TEST DEVICES WITH 20-BIT UNIVERSAL BUS TRANSCEIVERS
SN54ABTH18502A TI-SN54ABTH18502A_08 Datasheet
832Kb / 42P
[Old version datasheet]   SCAN TEST DEVICES WITH 18-BIT UNIVERSAL BUS TRANSCEIVERS
SN54ABTH18502A TI-SN54ABTH18502A Datasheet
549Kb / 37P
[Old version datasheet]   SCAN TEST DEVICES WITH 18-BIT UNIVERSAL BUS TRANSCEIVERS
SN54ABTH18502A TI-SN54ABTH18502A_07 Datasheet
802Kb / 42P
[Old version datasheet]   SCAN TEST DEVICES WITH 18-BIT UNIVERSAL BUS TRANSCEIVERS
SN54LVTH18504A TI1-SN54LVTH18504A_12 Datasheet
881Kb / 38P
[Old version datasheet]   3.3-V ABT SCAN TEST DEVICES WITH 20-BIT UNIVERSAL BUS TRANSCEIVERS
SN54LVTH18504A TI-SN54LVTH18504A Datasheet
544Kb / 35P
[Old version datasheet]   3.3-V ABT SCAN TEST DEVICES WITH 20-BIT UNIVERSAL BUS TRANSCEIVERS
SN54LVTH18514 TI-SN54LVTH18514 Datasheet
548Kb / 34P
[Old version datasheet]   3.3-V ABT SCAN TEST DEVICES WITH 20-BIT UNIVERSAL BUS TRANSCEIVERS
SN54LVTH18514 TI1-SN54LVTH18514_17 Datasheet
584Kb / 38P
[Old version datasheet]   3.3-V ABT SCAN TEST DEVICES WITH 20-BIT UNIVERSAL BUS TRANSCEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com