Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E767101VGS182MP79C Datasheet(PDF) 7 Page - United Chemi-Con, Inc.

Part # E767101VGS182MP79C
Description  Large Tubulars
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHEMI-CON [United Chemi-Con, Inc.]
Direct Link  http://www.chemi-con.com
Logo CHEMI-CON - United Chemi-Con, Inc.

E767101VGS182MP79C Datasheet(HTML) 7 Page - United Chemi-Con, Inc.

  E767101VGS182MP79C Datasheet HTML 1Page - United Chemi-Con, Inc. E767101VGS182MP79C Datasheet HTML 2Page - United Chemi-Con, Inc. E767101VGS182MP79C Datasheet HTML 3Page - United Chemi-Con, Inc. E767101VGS182MP79C Datasheet HTML 4Page - United Chemi-Con, Inc. E767101VGS182MP79C Datasheet HTML 5Page - United Chemi-Con, Inc. E767101VGS182MP79C Datasheet HTML 6Page - United Chemi-Con, Inc. E767101VGS182MP79C Datasheet HTML 7Page - United Chemi-Con, Inc. E767101VGS182MP79C Datasheet HTML 8Page - United Chemi-Con, Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
100 Volts
125 Volts Surge
80 Volts
100 Volts Surge
63 Volts
79 Volts Surge
U767D Series
United Chemi-Con, Inc. 9801 W. Higgins Road, Rosemont, IL 60018 Tel 847-696-2000 Fax 847-696-9278 www.chemi-con.com
7/8
470
E767630VGS471MT29C
0.750
1.125
T29
94.5
118.1
5.6
820
E767630VGS821MT35C
0.750
1.375
T35
78.8
98.5
6.4
1,000
E767630VGS102MT41C
0.750
1.625
T41
63.1
78.9
7.4
1,500
E767630VGS152MT54C
0.750
2.125
T54
46.7
58.4
9.7
2,200
E767630VGS222MT67C
0.750
2.625
T67
29.0
36.3
12.5
2,700
E767630VGS272MT79C
0.750
3.125
T79
22.4
28.0
14.5
680
E767630VGS681MP29C
0.875
1.125
P29
62.1
77.6
7.2
1,000
E767630VGS102MP35C
0.875
1.375
P35
47.5
59.4
8.7
1,500
E767630VGS152MP41C
0.875
1.625
P41
32.8
41.0
10.7
2,200
E767630VGS222MP54C
0.875
2.125
P54
25.2
31.5
13.2
2,700
E767630VGS272MP67C
0.875
2.625
P67
18.3
22.9
16.3
3,900
E767630VGS392MP79C
0.875
3.125
P79
14.1
17.6
19.6
1,000
E767630VGS102MQ29C
1.000
1.125
Q29
47.8
59.8
8.5
1,500
E767630VGS152MQ35C
1.000
1.375
Q35
37.0
46.3
10.2
2,200
E767630VGS222MQ41C
1.000
1.625
Q41
26.0
32.5
12.6
3,300
E767630VGS332MQ54C
1.000
2.125
Q54
20.2
25.3
15.4
4,700
E767630VGS472MQ67C
1.000
2.625
Q67
16.1
20.1
18.2
5,600
E767630VGS562MQ79C
1.000
3.125
Q79
12.6
15.8
21.0
6,800
E767630VGS682MQ92C
1.000
3.625
Q92
10.6
13.3
24.6
330
E767800VGS331MT29C
0.750
1.125
T29
94.5
118.1
5.6
560
E767800VGS561MT35C
0.750
1.375
T35
78.8
98.5
6.4
680
E767800VGS681MT41C
0.750
1.625
T41
63.1
78.9
7.4
1,000
E767800VGS102MT54C
0.750
2.125
T54
46.7
58.4
9.7
1,500
E767800VGS152MT67C
0.750
2.625
T67
29.0
36.3
12.5
1,800
E767800VGS182MT79C
0.750
3.125
T79
22.4
28.0
14.5
560
E767800VGS561MP29C
0.875
1.125
P29
62.1
77.6
7.2
680
E767800VGS681MP35C
0.875
1.375
P35
47.5
59.4
8.7
1,000
E767800VGS102MP41C
0.875
1.625
P41
32.8
41.0
10.7
1,500
E767800VGS152MP54C
0.875
2.125
P54
25.2
31.5
13.2
2,200
E767800VGS222MP67C
0.875
2.625
P67
18.3
22.9
16.3
2,700
E767800VGS272MP79C
0.875
3.125
P79
14.1
17.6
19.6
820
E767800VGS821MQ29C
1.000
1.125
Q29
47.8
59.8
8.5
1,000
E767800VGS102MQ35C
1.000
1.375
Q35
37.0
46.3
10.2
1,500
E767800VGS152MQ41C
1.000
1.625
Q41
26.0
32.5
12.6
2,200
E767800VGS222MQ54C
1.000
2.125
Q54
20.2
25.3
15.4
3,300
E767800VGS332MQ67C
1.000
2.625
Q67
16.1
20.1
18.2
3,900
E767800VGS392MQ79C
1.000
3.125
Q79
12.6
15.8
21.0
4,700
E767800VGS472MQ92C
1.000
3.625
Q92
10.6
13.3
24.6
220
E767101VGS221MT29C
0.750
1.125
T29
283.9
327.4
4.4
330
E767101VGS331MT35C
0.750
1.375
T35
236.8
273.0
5.1
470
E767101VGS471MT41C
0.750
1.625
T41
189.6
218.6
5.9
680
E767101VGS681MT54C
0.750
2.125
T54
140.3
161.8
7.7
1,000
E767101VGS102MT67C
0.750
2.625
T67
87.1
100.5
9.9
1,200
E767101VGS122MT79C
0.750
3.125
T79
67.3
77.6
11.5
330
E767101VGS331MP29C
0.875
1.125
P29
186.6
215.2
5.7
470
E767101VGS471MP35C
0.875
1.375
P35
142.7
164.6
6.9
680
E767101VGS681MP41C
0.875
1.625
P41
98.6
113.7
8.5
1,000
E767101VGS102MP54C
0.875
2.125
P54
75.7
87.3
10.5
1,200
E767101VGS122MP67C
0.875
2.625
P67
55.0
63.4
13.0
1,800
E767101VGS182MP79C
0.875
3.125
P79
42.4
48.9
15.6
470
E767101VGS471MQ29C
1.000
1.125
Q29
143.6
165.6
6.8
680
E767101VGS681MQ35C
1.000
1.375
Q35
110.9
127.9
8.1
1,000
E767101VGS102MQ41C
1.000
1.625
Q41
78.1
90.1
10.0
1,500
E767101VGS152MQ54C
1.000
2.125
Q54
60.7
70.0
12.3
1,800
E767101VGS182MQ67C
1.000
2.625
Q67
48.4
55.8
14.5
2,200
E767101VGS222MQ79C
1.000
3.125
Q79
37.9
43.7
16.8
2,700
E767101VGS272MQ92C
1.000
3.625
Q92
31.9
36.7
19.6
Engineering Bulletin Mar 07
Standard Voltage Ratings - Large Tubulars
Rated
Voltage
(WVDC)
Capacitance
(µF )
Global
Part Number
Nominal
Case Size*
D
L (inches)
Case
Size
Code
Rated
Ripple Current
(A rms) at
85 C, 20kHz
Maximum
Impedance
(m
Ω) at
25 C, 100kHz
Maximum
ESR
(m
Ω) at 25 C
20k-100kHz
For terminal and construction options, refer to the part numbering system for descriptions and codes.
* Refer to diagram of dimensions for detailed case size specifications.


Similar Part No. - E767101VGS182MP79C

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
E76 GILWAY-E76 Datasheet
1,012Kb / 8P
   Engineering Catalog 169
logo
Keysight Technologies
E7623A KEYSIGHT-E7623A Datasheet
1Mb / 10P
   UXM Wireless Test Set
E7630A KEYSIGHT-E7630A Datasheet
1Mb / 10P
   UXM Wireless Test Set
More results

Similar Description - E767101VGS182MP79C

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
E7876R3VGS332MT29C CHEMI-CON-E7876R3VGS332MT29C Datasheet
134Kb / 7P
   Large Tubulars
E32F351CPN CHEMI-CON-E32F351CPN Datasheet
129Kb / 9P
   Large Can
E32F421HPN CHEMI-CON-E32F421HPN Datasheet
129Kb / 9P
   Large Can
E36D251HPN CHEMI-CON-E36D251HPN Datasheet
143Kb / 13P
   Large Can
E36D501HPN CHEMI-CON-E36D501HPN Datasheet
143Kb / 13P
   Large Can
E36D800HPN CHEMI-CON-E36D800HPN Datasheet
143Kb / 13P
   Large Can
E36F451CPN CHEMI-CON-E36F451CPN Datasheet
127Kb / 9P
   Large Can
E36L351HPN CHEMI-CON-E36L351HPN Datasheet
130Kb / 9P
   Large Can
E36L421CPN CHEMI-CON-E36L421CPN Datasheet
130Kb / 9P
   Large Can
E37L421CPN CHEMI-CON-E37L421CPN Datasheet
204Kb / 7P
   Large Can
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com