Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ESMM3B1VSN221MR20T Datasheet(PDF) 1 Page - United Chemi-Con, Inc.

Part # ESMM3B1VSN221MR20T
Description  Snap Mount
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHEMI-CON [United Chemi-Con, Inc.]
Direct Link  http://www.chemi-con.com
Logo CHEMI-CON - United Chemi-Con, Inc.

ESMM3B1VSN221MR20T Datasheet(HTML) 1 Page - United Chemi-Con, Inc.

  ESMM3B1VSN221MR20T Datasheet HTML 1Page - United Chemi-Con, Inc. ESMM3B1VSN221MR20T Datasheet HTML 2Page - United Chemi-Con, Inc. ESMM3B1VSN221MR20T Datasheet HTML 3Page - United Chemi-Con, Inc. ESMM3B1VSN221MR20T Datasheet HTML 4Page - United Chemi-Con, Inc. ESMM3B1VSN221MR20T Datasheet HTML 5Page - United Chemi-Con, Inc. ESMM3B1VSN221MR20T Datasheet HTML 6Page - United Chemi-Con, Inc. ESMM3B1VSN221MR20T Datasheet HTML 7Page - United Chemi-Con, Inc. ESMM3B1VSN221MR20T Datasheet HTML 8Page - United Chemi-Con, Inc. ESMM3B1VSN221MR20T Datasheet HTML 9Page - United Chemi-Con, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
United Chemi-Con, Inc. 9801 W. Higgins Road, Rosemont, IL 60018 Tel 847-696-2000 Fax 847-696-9278 www.chemi-con.com
1/ 11
SMM Series
The SMM series is a high voltage, long life snap-in capacitor series that offers downsized versions
of the SMH series. Compared to our SMH series, the SMM capacitors have a longer rated lifetime
of 3,000 hours with the full rated ripple current applied and are also one case size smaller than
equivalently rated SMH capacitors. These characteristics allow downsizing for many power supplies
and will provide better reliability due to increased life. The SMM capacitors are available in 2 or 4-pin
snap-in styles and 4-pin straight terminals. The SMM series capacitors are RoHS compliant offering
Pb-free construction.
The standard SMM series capacitors are not solvent proof. Refer to guidelines and precautions on the
website for usage and installation conditions recommended for United Chemi-Con products.
Snap Mount
Downsize
High Voltage
Long Life
RoHS
Compliant
85 C
Maximum
Temperature
PC board 2 or 4-pin snap-in; optional 4-pin straight terminals.
Capacitance range: 47 to 3,300µF.
Voltage range: 160 to 450VDC.
Category temperature range:
25 Cto
85 C.
Leakage current: 3 CV (µA) maximum after 5 minutes at
20 C.
Standard capacitance tolerance:
20%
Nominal case size (D
L): 20
25mm to 35
50mm.
Rated lifetime: 3,000 hours at
85 C with the rated ripple current applied.
Summary of Specifications
SMM SERIES
Engineering Bulletin Mar 07


Similar Part No. - ESMM3B1VSN221MR20T

ManufacturerPart #DatasheetDescription
logo
Eudyna Devices Inc
ESMM5320ZW EUDYNA-ESMM5320ZW Datasheet
37Kb / 4P
   Single-Pole Double-Throw Switch GaAs PHEMT High Power Switch DC - 2.0 GHz
logo
Eorex Corporation
ESMMC128 EOREX-ESMMC128 Datasheet
220Kb / 8P
   64MB/128MB/256MB/512MB MultiMediaCard?
ESMMC256 EOREX-ESMMC256 Datasheet
220Kb / 8P
   64MB/128MB/256MB/512MB MultiMediaCard?
ESMMC512 EOREX-ESMMC512 Datasheet
220Kb / 8P
   64MB/128MB/256MB/512MB MultiMediaCard?
ESMMC64 EOREX-ESMMC64 Datasheet
220Kb / 8P
   64MB/128MB/256MB/512MB MultiMediaCard?
More results

Similar Description - ESMM3B1VSN221MR20T

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
107LMX400M2CC ILLINOISCAPACITOR-107LMX400M2CC Datasheet
106Kb / 1P
   SNAP-IN / SNAP MOUNT
107LMX450M2CE ILLINOISCAPACITOR-107LMX450M2CE Datasheet
106Kb / 1P
   SNAP-IN / SNAP MOUNT
127LMB400M2BF ILLINOISCAPACITOR-127LMB400M2BF Datasheet
106Kb / 1P
   SNAP-IN / SNAP MOUNT
826LMH450MZBD ILLINOISCAPACITOR-826LMH450MZBD Datasheet
108Kb / 1P
   SNAP-IN / SNAP MOUNT
157LBA400M2CD ILLINOISCAPACITOR-157LBA400M2CD Datasheet
129Kb / 1P
   SNAP-IN / SNAP MOUNT
157LBA450M2BF ILLINOISCAPACITOR-157LBA450M2BF Datasheet
127Kb / 1P
   SNAP-IN / SNAP MOUNT
157LMB450M2BG ILLINOISCAPACITOR-157LMB450M2BG Datasheet
106Kb / 1P
   SNAP-IN / SNAP MOUNT
187LBA350M2BD ILLINOISCAPACITOR-187LBA350M2BD Datasheet
104Kb / 1P
   SNAP-IN / SNAP MOUNT
187LBA400M2CD ILLINOISCAPACITOR-187LBA400M2CD Datasheet
104Kb / 1P
   SNAP-IN / SNAP MOUNT
187LBB350M2CD ILLINOISCAPACITOR-187LBB350M2CD Datasheet
107Kb / 1P
   SNAP-IN / SNAP MOUNT
187LMH350MZBD ILLINOISCAPACITOR-187LMH350MZBD Datasheet
132Kb / 1P
   SNAP-IN / SNAP MOUNT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com