Electronic Components Datasheet Search |
|
E36D800HPN563MDD0M Datasheet(PDF) 8 Page - United Chemi-Con, Inc. |
|
E36D800HPN563MDD0M Datasheet(HTML) 8 Page - United Chemi-Con, Inc. |
8 / 13 page 63 Volts 79 Volts Surge 50 Volts 63 Volts Surge 35 Volts 44 Volts Surge U36D Series United Chemi-Con, Inc. 9801 W. Higgins Road, Rosemont, IL 60018 Tel 847-696-2000 Fax 847-696-9278 www.chemi-con.com 8/13 †For terminal, mounting and construction options, refer to the part numbering system for descriptions and codes. * Refer to diagram of dimensions for detailed case size specifications. 6,800 E36D500HPN682MA41M 1.375 1.625 A41 48.8 3.10 12,000 E36D500HPN123MA54M 1.375 2.125 A54 28.7 4.34 18,000 E36D500HPN183MA67M 1.375 2.625 A67 22.8 5.40 22,000 E36D500HPN223MA79M 1.375 3.125 A79 16.8 6.39 27,000 E36D500HPN273MA92M 1.375 3.625 A92 14.2 7.47 33,000 E36D500HPN333MAA5M 1.375 4.125 AA5 12.1 8.57 39,000 E36D500HPN393MAB7M 1.375 4.625 AB7 11.8 9.34 47,000 E36D500HPN473MAE3M 1.375 5.625 AE3 9.3 11.03 15,000 E36D500HPN153MC48M 2.000 1.875 C48 25.4 5.13 22,000 E36D500HPN223MC54M 2.000 2.125 C54 18.4 6.42 33,000 E36D500HPN333MC67M 2.000 2.625 C67 12.8 8.20 47,000 E36D500HPN473MC79M 2.000 3.125 C79 9.7 10.09 56,000 E36D500HPN563MC92M 2.000 3.625 C92 8.3 11.90 68,000 E36D500HPN683MCA5M 2.000 4.125 CA5 7.1 13.36 82,000 E36D500HPN823MCB7M 2.000 4.625 CB7 6.3 15.20 100,000 E36D500HPN104MCE3M 2.000 5.625 CE3 5.4 17.99 68,000 E36D500HPN683MD79M 2.500 3.125 D79 9.0 12.06 120,000 E36D500HPN124MDA5M 2.500 4.125 DA5 6.6 15.71 150,000 E36D500HPN154MDB7M 2.500 4.625 DB7 5.9 17.81 180,000 E36D500HPN184MDE3M 2.500 5.625 DE3 5.0 20.74 120,000 E36D500HPN124ME92M 3.000 3.625 E92 8.3 14.86 150,000 E36D500HPN154MEA5M 3.000 4.125 EA5 7.3 16.74 180,000 E36D500HPN184MEB7M 3.000 4.625 EB7 6.6 18.42 220,000 E36D500HPN224MED0M 3.000 5.125 ED0 6.2 20.04 390,000 E36D500HPN394MEN0M 3.000 8.625 EN0 4.0 31.15 4,700 E36D630HPN472MA41M 1.375 1.625 A41 52.8 2.99 8,200 E36D630HPN472MA54M 1.375 2.125 A54 31.2 4.17 12,000 E36D630HPN472MA67M 1.375 2.625 A67 22.2 5.17 15,000 E36D630HPN472MA79M 1.375 3.125 A79 18.2 6.15 18,000 E36D630HPN472MA92M 1.375 3.625 A92 15.5 7.14 22,000 E36D630HPN472MAA5M 1.375 4.125 AA5 13.2 8.22 27,000 E36D630HPN472MAD0M 1.375 5.125 AD0 11.1 9.64 33,000 E36D630HPN472MAE3M 1.375 5.625 AE3 9.7 10.75 12,000 E36D630HPN123MC48M 2.000 1.875 C48 25.2 5.24 15,000 E36D630HPN153MC54M 2.000 2.125 C54 19.8 6.21 22,000 E36D630HPN223MC67M 2.000 2.625 C67 13.8 7.91 33,000 E36D630HPN333MC79M 2.000 3.125 C79 11.2 9.85 39,000 E36D630HPN393MC92M 2.000 3.625 C92 8.7 11.62 47,000 E36D630HPN473MCA5M 2.000 4.125 CA5 7.5 13.01 56,000 E36D630HPN563MCB7M 2.000 4.625 CB7 6.7 14.74 68,000 E36D630HPN683MCE3M 2.000 5.625 CE3 5.7 17.51 47,000 E36D630HPN473MD79M 2.500 3.125 D79 9.3 11.86 82,000 E36D630HPN823MDA5M 2.500 4.125 DA5 6.8 15.60 100,000 E36D630HPN104MDB7M 2.500 4.625 DB7 6.0 17.66 120,000 E36D630HPN124MDE3M 2.500 5.625 DE3 5.2 20.55 100,000 E36D630HPN104ME92M 3.000 3.625 E92 9.1 14.20 120,000 E36D630HPN124MEA5M 3.000 4.125 EA5 7.9 16.10 150,000 E36D630HPN154MED0M 3.000 5.125 ED0 6.2 19.88 180,000 E36D630HPN184MEE3M 3.000 5.625 EE3 5.9 21.42 270,000 E36D630HPN274MEN0M 3.000 8.625 EN0 4.1 31.94 220,000 E36D350HPN224ME92M 3.000 3.625 E92 8.9 16.73 270,000 E36D350HPN274MEA5M 3.000 4.125 EA5 7.8 19.58 330,000 E36D350HPN334MED0M 3.000 5.125 ED0 6.0 22.72 390,000 E36D350HPN394MEE3M 3.000 5.625 EE3 5.7 24.75 560,000 E36D350HPN564MEN0M 3.000 8.625 EN0 3.9 35.94 Engineering Bulletin Mar 07 Standard Voltage Ratings - Screw Terminals Rated Voltage (WVDC) Capacitance (µF ) Case Size Code Global Part Number † Nominal Case Size* D L (inches) Maximum ESR (m Ω) at 25 C, 120Hz Rated Ripple Current (A rms) at 85 C, 120Hz |
Similar Part No. - E36D800HPN563MDD0M |
|
Similar Description - E36D800HPN563MDD0M |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |