Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WRD480505S-1W Datasheet(PDF) 2 Page - MORNSUN Science& Technology Ltd.

Part # WRD480505S-1W
Description  TWIN OUTPUT SIP DC-DC CONVERTER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

WRD480505S-1W Datasheet(HTML) 2 Page - MORNSUN Science& Technology Ltd.

  WRD480505S-1W Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. WRD480505S-1W Datasheet HTML 2Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MORNSUN reserves the copyright
Specifications subject to change without notice.
WRD_S-1W & WRD_S-2W
A/1-2008
Page 2 of 2
COMMON SPECIFICATION
APPLICATION NOTE
Item
Test Conditions
Min
Typ.
Max
Units
Storage humidity
95
%
Operating temperature
-40
85
Storage temperature
-55
125
Temp. rise at full load
15
Lead temperature
1.5mm from case for 10 seconds
300
°C
Isolation voltage
Tested for 1 minute and 1mA max
1000
VDC
Isolation resistance
Test at 500VDC
1000
M
Ω
Isolation Capacitance
100KHz,1V
80
pF
No-load power consumption
0.1
W
Cooling
Free Air Convection
Short circuit protection
Continuous
Case material
Plastic(UL94-V0)
MTBF
1000
K hours
Weight
5.8
g
Note:
1. All specifications measured at TA=25°C, humidity<75%, nominal input voltage and rated output load unless
otherwise specified.
2. See below recommended circuits for more details.
TYPICAL TEMPERATURE CURVE
Operating Temp.(
)
C
100
OUTLINE DIMENSIONS & FOOTPRINT DETAILS
FOOTPR INT DETAILS
No te:
Un it :mm (in ch)
Pin sect ion :0. 50* 0.30 mm (0 .020* 0.0 12in ch)
Pin sect ion toleran ces:
0. 05mm (
0.0 02inch)
Gen eral toleran ces:
0. 25m m(
0.0 10in ch)
±±
±±
(1. 079)
(0.100)
2.30
0.50
±
1 2
6 7 8 9 10
Pin
Fun ction
1
2
6
8
9
7
GND
Vin
0V1
+Vo1
CS
0V2
10
+Vo2
1 2
7
9 10
68
RECOM MEN DED FOOTPR INT
To p view,grid: 2.54 mm (0 .1inch)
diam eter:1.00 mm(0 .039inch)
Firs t Angle Projection
(Bottom View)
(Side View)
(0.020)
0.50
CS Pin
By connecting a low ESR capacitor between
this terminal and the pin-7(Figure 1), the output
ripple and noise may be further improved.
Generally, the capacitance is no greater than
47uF.
Requirement on Output Load
To ensure this module can operate efficiently
and reliably, During operation, the minimum
output load is not less than 10% of the full load,
If the actual load is less than the specified
minimum load, the output ripple may increase
sharply. If the actual output power is very
small, please add an appropriate resistor as
extra loading, or contact our company for other
lower output power products.
Recommended Circuit
If
you
want
to
further
decrease
the
input/output
ripple,
you
can
increase
capacitance properly or choose capacitors with
low ESR (Figure 1).
+Vo1
0V1
Co
Ci
Vin
GND
2
1
6
7
8
Cs
Li
+Vo2
0V2
Co
9
10
CS
+Vo2
4 .7 -12 uH
(Figure 1)
However, the capacitance of the output filter
capacitor must be proper. If the capacitance is
too big, a startup problem might arise. For
every channel of output, provided the safe and
reliable operation is ensured, the greatest
capacitance of its filter capacitor sees (Table
1)Cin: 5V & 12V
100
μF
24V & 48V
10
μF-47μF
Lin: 10
μH-120μH
Cout:100
μF(TYP)
Extemal Capacitor Table(Table 1)
Vout(VDC)
2W:Cout(uF) 1W:Cout(uF)
5
680
470
9
470
330
12
330
220
15
220
100
Input current
While using unstable power source, please
ensure the output voltage and ripple voltage do
not excced indexes of the converter. The
preceding power source must be able to
provide for converter sufficient starting current
Ip (Figure 2). General:
Ip
≤1.4*Iin-max
Input Voltage (V)
Input Voltage
Range
Ip
No parallel connection or plug and play.


Similar Part No. - WRD480505S-1W

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
WRD480505MP-3W MORNSUN-WRD480505MP-3W Datasheet
117Kb / 2P
   TWIN OUTPUT DIP DC-DC CONVERTER
logo
Microdc power Technolog...
WRD480505YD-3W MICRODC-WRD480505YD-3W Datasheet
651Kb / 3P
   3W,WIDE INPUT ISOLATED & REGULATEDTWINOUTPUT DIPDC-DCCONVERTER
WRD480505YKD-6W MICRODC-WRD480505YKD-6W Datasheet
931Kb / 3P
   6W,WIDEINPUT ISOLATED ®ULATEDTWINOUTPUTDIP24 DC-DCCONVERTER
WRD480505YS-1W MICRODC-WRD480505YS-1W Datasheet
469Kb / 3P
   1W&2W,WIDE INPUT,ISOLATED®ULATED Twin Output DC?뷗C Converter
WRD480505YS-2W MICRODC-WRD480505YS-2W Datasheet
469Kb / 3P
   1W&2W,WIDE INPUT,ISOLATED®ULATED Twin Output DC?뷗C Converter
More results

Similar Description - WRD480505S-1W

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
D050505NS-1W MORNSUN-D050505NS-1W Datasheet
143Kb / 2P
   TWIN OUTPUT DC-DC CONVERTER
D030505M-1W MORNSUN-D030505M-1W Datasheet
125Kb / 3P
   TWIN OUTPUT DC-DC CONVERTER
D050505S-2W MORNSUN-D050505S-2W Datasheet
248Kb / 2P
   TWIN OUTPUT DC-DC CONVERTER
D242323S-1W3-ZK MORNSUN-D242323S-1W3-ZK Datasheet
610Kb / 4P
   TWIN OUTPUT DC-DC CONVERTER
ED120512S-1W MORNSUN-ED120512S-1W Datasheet
233Kb / 2P
   TWIN INDEPENDENT OUTPUT DC-DC CONVERTER
E0305KS-1W5 MORNSUN-E0305KS-1W5 Datasheet
166Kb / 2P
   OUTPUT SIP PACKAGE DC-DC CONVERTER
D051212S-1W MORNSUN-D051212S-1W Datasheet
319Kb / 3P
   UNREGULATED TWIN OUTPUT DC-DC CONVERTER
WRD050505MP-3W MORNSUN-WRD050505MP-3W Datasheet
117Kb / 2P
   TWIN OUTPUT DIP DC-DC CONVERTER
ED0505S-1W MORNSUN-ED0505S-1W Datasheet
247Kb / 2P
   TWIN INDEPENDENT OUTPUT DC-DC CONVERTER
B0505JS-2W MORNSUN-B0505JS-2W Datasheet
249Kb / 2P
   SINGLE OUTPUT SIP PACKAGE DC-DC CONVERTER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com