Electronic Components Datasheet Search |
|
E32D101HPN153MD79M Datasheet(PDF) 9 Page - United Chemi-Con, Inc. |
|
E32D101HPN153MD79M Datasheet(HTML) 9 Page - United Chemi-Con, Inc. |
9 / 12 page 160 Volts 200 Volts Surge 100 Volts 125 Volts Surge 80 Volts 100 Volts Surge United Chemi-Con, Inc. 9801 W. Higgins Road, Rosemont, IL 60018 Tel 847-696-2000 Fax 847-696-9278 www.chemi-con.com 9/12 U32D Series †For terminal, mounting and construction options, refer to the part numbering system for descriptions and codes. * Refer to diagram of dimensions for detailed case size specifications. 2,200 E32D800HPN222MA41M 1.375 1.625 A41 67.0 4.09 3,900 E32D800HPN392MA54M 1.375 2.125 A54 44.2 5.84 4,700 E32D800HPN472MA67M 1.375 2.625 A67 31.7 6.51 6,800 E32D800HPN682MA79M 1.375 3.125 A79 23.0 8.67 8,200 E32D800HPN822MA92M 1.375 3.625 A92 19.5 9.92 10,000 E32D800HPN103MAA5M 1.375 4.125 AA5 19.0 10.36 12,000 E32D800HPN123MAD0M 1.375 5.125 AD0 14.0 12.19 4,700 E32D800HPN472MC48M 2.000 1.875 C48 34.3 6.27 6,800 E32D800HPN682MC54M 2.000 2.125 C54 24.6 7.90 10,000 E32D800HPN103MC67M 2.000 2.625 C67 17.0 10.19 12,000 E32D800HPN123MC79M 2.000 3.125 C79 14.0 11.97 18,000 E32D800HPN183MC92M 2.000 3.625 C92 10.4 15.66 22,000 E32D800HPN223MCA5M 2.000 4.125 CA5 9.9 18.36 27,000 E32D800HPN273MCB7M 2.000 4.625 CB7 8.5 21.35 33,000 E32D800HPN333MCE3M 2.000 5.625 CE3 7.2 25.86 22,000 E32D800HPN223MD79M 2.500 3.125 D79 10.6 16.52 33,000 E32D800HPN333MDA5M 2.500 4.125 DA5 7.6 22.84 39,000 E32D800HPN393MDB7M 2.500 4.625 DB7 6.8 23.76 47,000 E32D800HPN473MDD0M 2.500 5.125 DD0 6.1 25.31 39,000 E32D800HPN393ME92M 3.000 3.625 E92 8.9 23.66 47,000 E32D800HPN473MEA5M 3.000 4.125 EA5 7.7 27.45 56,000 E32D800HPN563MEB7M 3.000 4.625 EB7 6.9 31.38 68,000 E32D800HPN683MED0M 3.000 5.125 ED0 6.4 33.51 120,000 E32D800HPN124MEN0M 3.000 8.625 EN0 4.2 52.62 1,500 E32D101HPN152MA41M 1.375 1.625 A41 80.9 4.14 2,700 E32D101HPN272MA54M 1.375 2.125 A54 45.9 5.95 3,900 E32D101HPN392MA67M 1.375 2.625 A67 37.2 7.26 4,700 E32D101HPN472MA79M 1.375 3.125 A79 27.1 8.82 5,600 E32D101HPN562MA92M 1.375 3.625 A92 23.1 10.04 6,800 E32D101HPN682MAA5M 1.375 4.125 AA5 19.5 11.03 8,200 E32D101HPN822MAB7M 1.375 4.625 AB7 19.2 11.80 10,000 E32D101HPN103MAE3M 1.375 5.625 AE3 14.1 13.44 3,900 E32D101HPN392MC48M 2.000 1.875 C48 39.9 6.59 4,700 E32D101HPN472MC54M 2.000 2.125 C54 28.7 7.59 6,800 E32D101HPN682MC67M 2.000 2.625 C67 20.0 9.70 10,000 E32D101HPN103MC79M 2.000 3.125 C79 14.5 12.62 12,000 E32D101HPN123MC92M 2.000 3.625 C92 12.2 14.77 15,000 E32D101HPN153MCA5M 2.000 4.125 CA5 10.2 17.51 18,000 E32D101HPN183MCB7M 2.000 4.625 CB7 9.8 20.13 22,000 E32D101HPN223MCE3M 2.000 5.625 CE3 7.5 24.38 15,000 E32D101HPN153MD79M 2.500 3.125 D79 11.9 15.26 22,000 E32D101HPN223MDA5M 2.500 4.125 DA5 8.5 20.85 27,000 E32D101HPN273MDB7M 2.500 4.625 DB7 7.4 24.22 33,000 E32D101HPN333MDD0M 2.500 5.125 DD0 6.6 28.05 39,000 E32D101HPN393MDE3M 2.500 5.625 DE3 6.3 31.82 27,000 E32D101HPN273ME92M 3.000 3.625 E92 9.3 21.56 33,000 E32D101HPN333MEA5M 3.000 4.125 EA5 8.0 25.20 39,000 E32D101HPN393MEB7M 3.000 4.625 EB7 7.2 28.69 47,000 E32D101HPN473MED0M 3.000 5.125 ED0 6.6 30.09 56,000 E32D101HPN563MEE3M 3.000 5.625 EE3 6.1 34.25 82,000 E32D101HPN823MEN0M 3.000 8.625 EN0 4.3 50.23 820 E32D161HPN821MA41M 1.375 1.625 A41 184.8 2.50 1,500 E32D161HPN152MA54M 1.375 2.125 A54 101.2 3.62 1,800 E32D161HPN182MA67M 1.375 2.625 A67 83.3 4.03 2,700 E32D161HPN272MA79M 1.375 3.125 A79 56.8 5.46 3,900 E32D161HPN392MAA5M 1.375 4.125 AA5 40.0 7.47 4,700 E32D161HPN472MAD0M 1.375 5.125 AD0 33.4 8.81 5,600 E32D161HPN562MAE3M 1.375 5.625 AE3 28.6 10.06 Engineering Bulletin Mar 07 Standard Voltage Ratings - Screw Terminals Rated Voltage (WVDC) Capacitance (µF ) Case Size Code Global Part Number † Nominal Case Size* D L (inches) Maximum ESR (m Ω) at 25 C, 120Hz Rated Ripple Current (A rms) at 85 C, 120Hz |
Similar Part No. - E32D101HPN153MD79M |
|
Similar Description - E32D101HPN153MD79M |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |