Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WRA4812ZP-3W Datasheet(PDF) 2 Page - MORNSUN Science& Technology Ltd.

Part # WRA4812ZP-3W
Description  DUAL/SINGLE OUTPUT, DIP DC-DC CONVERTER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

WRA4812ZP-3W Datasheet(HTML) 2 Page - MORNSUN Science& Technology Ltd.

  WRA4812ZP-3W Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. WRA4812ZP-3W Datasheet HTML 2Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MORNSUN reserves the copyright
Specifications subject to change without notice.
WRA_ZP-3W & WRB_ZP-3W
A/1-2008
Page 2 of 2
OUTPUT SPECIFICATIONS
APPLICATION NOTE
Item
Test conditions
Min
Typ
Max
Units
Output power
See below products program
0.3
3
W
Positive voltage accuracy Refer to recommended circuit
±1
±3
Negative voltage accuracy Refer to recommended circuit
±3
±5
10% to 100% load(WRB_ZP_3W)
±0.5 ±0.75
Load regulation
10% to 100% load(WRA_ZP_3W)*
±0.5
±1
Line regulation
Input voltage from low to high
±0.2
±0.5
%
Temperature drift
Refer to recommended circuit
±0.03 %/°C
Ripple & Noise**
20MHz bandwidth
50
100 mVp-p
Switching frequency
100% load, nominal input voltage
300
KHz
*Dual output models unbalanced load:
±5%.
**Test ripple and noise by “parallel cable” method. See detailed operation instructions at Testing of
Power Converter section, application notes.
COMMON SPECIFICATIONS
Item
Test Conditions
Min
Typ
Max
Units
Storage humidity
95
%
Operating temperature
-40
85
Storage temperature
-55
125
Temp. rise at full load
15
Lead temperature
1.5mm from case for 10 seconds
300
°C
No-load power consumption
0.2
W
Cooling
Free air convection
Short circuit protection
Continuous, automatic recovery
Case material
Copper, Nickel Coated
MTBF
1000
K hours
Weight
15
g
Note:
1.All specifications measured at TA=25
°C, humidity<75%, nominal input voltage and rated output load
unless otherwise specified.
2.See below recommended circuits for more details.
TYPICAL CHARACTERISTICS
Operating Temp.(
)
C
100
OUTLINE DIMENSIONS& PIN CONNECTIONS
Note:
Unit:mm(inch)
Pin diameter:0.50mm(0.020inch)
Pin tolera nces:
0.10mm(
0.004inch)
Gen eral tolerances:
0.2 5mm(
0.010inch)
±±
±±
RECOMMENDED F OOTPRI NT
Top view,grid: 2.54mm(0. 1inch),
di amete r:1.0 0mm(0 .039 inch)
Dual O utput
Single Out put
First Angle Projection
FO OTPRINT DETAILS
Pin
Single
Dual
NC:No Connection
2 3
9
11
14
16
22
23
22,23
23
11
23 22
14
4.57
32.00
2.54
22.86
(1.260)
(0.100)
(0.180)
(0.900)
(
)
Bot tom View
(
)
Side View
2,3
9
11
14
16
Vin
GND
No Pin
NC
+Vo
0V
Vin
GND
+Vo
0V
0V
-Vo
2 3
11
14
16
22
23
16
Requirement on output load
In order to ensure the product operate efficiently
and reliably, in addition to a max load (namely full
load), a minimum load is specified for this kind of
DC/DC converter. Make sure the specified range
of input voltage is not exceeded, the minimum
output load no less than 10% load. If the actual
load is less than the specified minimum load, the
output ripple may increase sharply while its
efficiency and reliability will reduce greatly. If the
actual output power is very small, please add an
appropriate resistor as extra loading, or contact
our company for
other
lower
output
power
products.
Recommended Circuit
All the WRA_ZP-3W & WRB_ZP-3W Series
have been tested according to the following
recommended testing circuit before leaving factory
(Figure 1). This series should be tested under
load.
DC
DC
Vin
G ND
+Vout
0V
Cin
Vin
G ND
+Vout
0V
Cin
DC
DC
-Vout
Single Ou tput
(Figure 1)
If you want to further decrease the input/output
ripple, you can increase capacitance properly or
choose capacitors with low ESR. However, the
capacitance of the output filter capacitor must be
proper. If the capacitance is too big, a startup
problem might arise. For every channel of output,
provided the safe and reliable operation is
ensured, the greatest capacitance of its filter
capacitor sees (Table 1).
General:
Cin:
5V&12V
100
μF
24V&48V
10
μF-47μF
Cout: 10
μF/100mA
Output External Capacitor Table(Table 1)
Single Vout
(VDC)
Cout
(uF)
Dual Vout
(VDC)
Cout
(uF)
3.3
2200
±5
680
5
1000
±9
470
12
470
±12
330
15
330
±15
220
Input Current
When it is used in unregulated power supply, be
sure that the fluctuating range of the power supply
and the rippled voltage do not exceed the module
standard. Input current of power supply should
afford the startup current of this kind of DC/DC
module (See figure 2), General: Ip
≤1.4*Iin-max
Input Voltage (V)
Input Voltage
Range
Ip
No parallel connection or plug and play.


Similar Part No. - WRA4812ZP-3W

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
WRA4812ZP-3WR2 MORNSUN-WRA4812ZP-3WR2 Datasheet
241Kb / 6P
   DC/DC Converter
More results

Similar Description - WRA4812ZP-3W

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
WRA1205N-2W MORNSUN-WRA1205N-2W Datasheet
112Kb / 2P
   DUAL/SINGLE OUTPUT DIP DC-DC CONVERTER
MSB0509D-3W MORNSUN-MSB0509D-3W Datasheet
465Kb / 6P
   DUAL/SINGLE OUTPUT DIP DC-DC CONVERTER
URA2405D-30W MORNSUN-URA2405D-30W Datasheet
989Kb / 6P
   DUAL/ SINGLE OUTPUT DIP DC-DC CONVERTER
WRE1205P-3W MORNSUN-WRE1205P-3W Datasheet
122Kb / 2P
   SINGLE/DUAL OUTPUT DIP DC-DC CONVERTER
WRA0505ZP-6W MORNSUN-WRA0505ZP-6W Datasheet
117Kb / 2P
   DUAL/ SINGLE OUTPUT DIP DC-DC CONVERTER
WRB0515P-3W MORNSUN-WRB0515P-3W Datasheet
322Kb / 3P
   DUAL/SINGLE OUTPUT DIP DC-DC CONVERTER
WRE0505P-6W MORNSUN-WRE0505P-6W Datasheet
120Kb / 2P
   DUAL/SINGLE OUTPUT DIP DC-DC CONVERTER
PWA2405MD-1W5 MORNSUN-PWA2405MD-1W5 Datasheet
131Kb / 2P
   DUAL/SINGLE OUTPUT DIP DC-DC CONVERTER
PWE2405D-6W MORNSUN-PWE2405D-6W Datasheet
133Kb / 2P
   SINGLE/DUAL OUTPUT DIP DC/DC CONVERTER
WRA0505SP-3W MORNSUN-WRA0505SP-3W Datasheet
109Kb / 2P
   DUAL/SINGLE OUTPUT DIP DC-DC CONVERTER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com