Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VRB1224MP-8W Datasheet(PDF) 2 Page - MORNSUN Science& Technology Ltd.

Part # VRB1224MP-8W
Description  SINGLE OUTPUT DC-DC CONVERTER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

VRB1224MP-8W Datasheet(HTML) 2 Page - MORNSUN Science& Technology Ltd.

  VRB1224MP-8W Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. VRB1224MP-8W Datasheet HTML 2Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
The copyright and authority for the interpretation of the products are reserved by Mornsun
Specifications subject to change without notice.
VRB_MP-8W
A/1-2009
Page 2 of 2
OUTPUT SPECIFICATIONS
APPLICATION NOTE
Item
Test conditions
Min.
Typ. Max.
Units
Output power
See above products program
8
W
Output voltage accuracy Refer to recommended circuit
±1
±3
Load regulation
From 10% to 100% load
±0.5
±1
Line regulation
Input voltage from low to high, full load
±0.2
±0.5
%
Temperature drift (Vout) Refer to recommended circuit
±0.02
%/
°C
Ripple& Noise
20MHz bandwidth
1%Vo
mVp-p
Switching frequency
100% load, nominal input voltage
300
KHz
TYPICAL CHARACTERISTICS
Operating Temp.(
)
C
Temperature Derating Graph
① Recommended Circuit
All the VRB_MP-8W Series have been tested
according to the following recommended testing
circuit before leaving factory. This series should be
tested under load. Never be tested under no load
(see Figure 1).
DC
DC
Vin
GND
+Vo
0V
C in
Co ut
Single output
(Figure 1).
If you want to further decrease the output ripple,
you can increase capacitance properly or choose
capacitors with low ESR. However, the capacitance
can
’t exceed the maximum capacitor load in the list.
② Recommended capacitance
To ensure these series can operate efficiently and
reliably, the recommended capacitance of input and
output sees the below table.
③ No parallel connection or plug and play
Capacitance
Output Voltage
Cout
Cin
(12V,24V,48V
Input)
3.3V,5V
220uF
12V,15V
100uF
24V
47uF
100uF
OUTLINE DIMENSIONS & RECOMMENDED FOOTPRINT
32.00 [1.260]
22.86 [0.900]
5.08 [0.200]
2.54 [0.100]
1
11
2,3
14
16
CTRL
22,23
NC
Vin
GND
0V
+Vo
L=530mm[20.866inch] Tube Quantity: 15pcs
L=220mm[8.661inch]
Tube Quantity: 6pcs
∅∅
1.00 [
0.039]
0.50[0.020]
1
11
2
14
16
22
3
23
1
11
2
14
16
22
3
23
Pin
FOOTPRINT DETAILS
Note:
Unit:mm[inch]
Pin diameter tolerances:
0.10mm[0.004inch]
General tolerances:
0.25mm[
0.010inch]
±
±±
MECHANICAL DIMENSIONS
RECOMMENDED FOOTPRINT
TUBE OUTLINE DIMENSIONS
Note:
Unit :mm[inch]
General tolerances:
±0.50mm[±0.020inch]
(Side View)
(Bottom View)
NC:No connection
Function
11.30 [0.445]
22.70 [0.894]
0.60 [0.024]
Note:
1. All specifications measured at Ta=25
°C, humidity<75%, nominal input voltage and rated output load unless otherwise specified.
2. In this datasheet, all the test methods of indications are based on corporate standards.
3. Only typical models listed, other models may be different, please contact our technical person for more details.


Similar Part No. - VRB1224MP-8W

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
VRB1224(X)D-10WR2 MORNSUN-VRB1224(X)D-10WR2 Datasheet
360Kb / 6P
   negative dual/single output DC-DC converter
VRB1224D-10W MORNSUN-VRB1224D-10W Datasheet
522Kb / 5P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
VRB1224D-20W MORNSUN-VRB1224D-20W Datasheet
172Kb / 2P
   SINGLE&DUAL OUTPUT DC-DC CONVERTER
VRB1224D-30W MORNSUN-VRB1224D-30W Datasheet
106Kb / 2P
   DIP PACKAGE,SINGLE OUTPUT DC-DC CONVERTER
VRB1224D-5W MORNSUN-VRB1224D-5W Datasheet
255Kb / 5P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
More results

Similar Description - VRB1224MP-8W

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
CMKR WALL-CMKR Datasheet
146Kb / 3P
   Single Output DC/DC Converter
logo
MORNSUN Science& Techno...
IB0505S-2W MORNSUN-IB0505S-2W Datasheet
112Kb / 2P
   SINGLE OUTPUT DC-DC CONVERTER
F0305AS-1W MORNSUN-F0305AS-1W Datasheet
112Kb / 2P
   SINGLE OUTPUT DC-DC CONVERTER
VRB1203D-40W MORNSUN-VRB1203D-40W Datasheet
115Kb / 2P
   SINGLE OUTPUT DC-DC CONVERTER
IB0505LD-W75 MORNSUN-IB0505LD-W75 Datasheet
112Kb / 2P
   SINGLE OUTPUT DC-DC CONVERTER
VRB2403LD-30W MORNSUN-VRB2403LD-30W Datasheet
162Kb / 3P
   SINGLE OUTPUT DC-DC CONVERTER
F0303M-1W MORNSUN-F0303M-1W Datasheet
202Kb / 2P
   SINGLE OUTPUT DC-DC CONVERTER
B0303S-D-W2 MORNSUN-B0303S-D-W2 Datasheet
159Kb / 3P
   SINGLE OUTPUT DC-DC CONVERTER
B0303SD-1WR2 MORNSUN-B0303SD-1WR2 Datasheet
615Kb / 5P
   SINGLE OUTPUT DC-DC CONVERTER
B0503SD-1WR2 MORNSUN-B0503SD-1WR2 Datasheet
615Kb / 5P
   SINGLE OUTPUT DC-DC CONVERTER
B0515YS-1W MORNSUN-B0515YS-1W Datasheet
298Kb / 3P
   SINGLE OUTPUT DC-DC CONVERTER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com