Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM18 Datasheet(PDF) 2 Page - Mospec Semiconductor

Part # SM18
Description  SCHOTTKY BARRIER RECTIFIERS(1.0A,20-40V)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor

SM18 Datasheet(HTML) 2 Page - Mospec Semiconductor

  SM18 Datasheet HTML 1Page - Mospec Semiconductor SM18 Datasheet HTML 2Page - Mospec Semiconductor SM18 Datasheet HTML 3Page - Mospec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image


Similar Part No. - SM18

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
SM18 WEITRON-SM18 Datasheet
145Kb / 3P
   Surface Mount Schottky Power Rectifiers
logo
MIC GROUP RECTIFIERS
SM18 MIC-SM18 Datasheet
67Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Weitron Technology
SM18 WEITRON-SM18 Datasheet
92Kb / 3P
   Surface Mount Schottky Power Rectifiers
logo
Guangdong Youtai Semico...
SM18 UMW-SM18 Datasheet
425Kb / 3P
   TVS Diode Array
SM18 UMW-SM18 Datasheet
425Kb / 3P
   TVS Diode Array
More results

Similar Description - SM18

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
1N5817 LRC-1N5817_12 Datasheet
262Kb / 7P
   Schottky Barrier Rectifiers Reverse Voltage 20 to 40V Forward Current 1.0A
1N5817-E LRC-1N5817-E Datasheet
182Kb / 7P
   Schottky Barrier Rectifiers Reverse Voltage 20 to 40V Forward Current 1.0A
logo
Mospec Semiconductor
SR102 MOSPEC-SR102 Datasheet
223Kb / 3P
   SCHOTTKY BARRIER RECTIFIERS(1.0A,20-60V)
SR12 MOSPEC-SR12 Datasheet
223Kb / 3P
   SCHOTTKY BARRIER RECTIFIERS(1.0A,20-60V)
SK12 MOSPEC-SK12 Datasheet
228Kb / 3P
   SCHOTTKY BARRIER RECTIFIERS(1.0A,20-60V)
logo
Formosa MS
SM5817 FORMOSA-SM5817_13 Datasheet
172Kb / 7P
   1.0A Surface Mount Schottky Barrier Rectifiers - 20V-40V
logo
Mospec Semiconductor
MS20 MOSPEC-MS20 Datasheet
234Kb / 3P
   SCHOTTKY BARRIER RECTIFIERS(3.0A,20-40V)
logo
Gulf Semiconductor
1N5817 GULFSEMI-1N5817 Datasheet
89Kb / 2P
   SCHOTTKY BARRIER RECTIFIER VOLTAGE: 20 TO 40V CURRENT: 1.0A
logo
YENYO TECHNOLOGY Co., L...
SS12 YENYO-SS12 Datasheet
335Kb / 3P
   1.0A Schottky Barrier Rectifiers
logo
WILLAS ELECTRONIC CORP
SL12-L WILLAS-SL12-L Datasheet
523Kb / 4P
   1.0A LOW VF SCHOTTKY BARRIER RECTIFIERS-20V-40V SMA-LS PACKAGE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com