Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LH05-10C0512-01 Datasheet(PDF) 11 Page - MORNSUN Science& Technology Ltd.

Part # LH05-10C0512-01
Description  5-25W, AC-DC CONVERTER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

LH05-10C0512-01 Datasheet(HTML) 11 Page - MORNSUN Science& Technology Ltd.

Back Button LH05-10C0512-01 Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. LH05-10C0512-01 Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. LH05-10C0512-01 Datasheet HTML 5Page - MORNSUN Science& Technology Ltd. LH05-10C0512-01 Datasheet HTML 6Page - MORNSUN Science& Technology Ltd. LH05-10C0512-01 Datasheet HTML 7Page - MORNSUN Science& Technology Ltd. LH05-10C0512-01 Datasheet HTML 8Page - MORNSUN Science& Technology Ltd. LH05-10C0512-01 Datasheet HTML 9Page - MORNSUN Science& Technology Ltd. LH05-10C0512-01 Datasheet HTML 10Page - MORNSUN Science& Technology Ltd. LH05-10C0512-01 Datasheet HTML 11Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
5.3 Input Voltage vs Load Capability (LD03-00B24)
0
5
10
15
20
25
30
0%
10%
20%
30%
40%
50%
60%
70%
80%
90% 100% 110% 120% 130% 140%
Load(%)
85VAC
80VAC
75VAC
70VAC
65VAC
60VAC
Load
0%
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
110%
120%
130%
140%
85VAC
23.85
23.82
23.79
23.77
23.74
23.71
23.68
23.65
23.61
23.58
23.57
23.19
19.2
14.7
11
80VAC
23.83
23.82
23.82
23.83
23.82
23.82
23.81
23.81
23.81
23.8
21
18.5
15
13
10.5
75VAC
23.83
23.83
23.83
23.83
23.82
23.82
23.82
23.81
23.77
20.29
16.65
14.02
10.98
9.39
7.04
70VAC
23.83
23.83
23.83
23.83
23.82
23.82
23.81
23.79
19.96
16.44
13.32
11.14
8.79
65VAC
23.83
23.83
23.83
23.83
23.82
23.82
23.82
23.8
19.6
15.67
12.46
9.57
7.65
60VAC
23.83
23.83
23.83
23.83
23.82
23.51
17.86
14.13
10.52
8.28
0


Similar Part No. - LH05-10C0512-01

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
LH05-10C0512-01 MORNSUN-LH05-10C0512-01 Datasheet
811Kb / 8P
   LH series ----is a compact size power converter offered by Mornsun.
LH05-10C0512-01 MORNSUN-LH05-10C0512-01 Datasheet
1Mb / 7P
   5W, AC-DC converter
More results

Similar Description - LH05-10C0512-01

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
LH05-13B03 MORNSUN-LH05-13B03_15 Datasheet
345Kb / 6P
   5-25W, AC/DC converter
LH05-10B09E MORNSUN-LH05-10B09E Datasheet
462Kb / 5P
   25W, AC-DC CONVERTER
LHE25-20B03 MORNSUN-LHE25-20B03 Datasheet
1Mb / 5P
   25W, AC-DC converter
logo
List of Unclassifed Man...
KDD25-12S01 ETC2-KDD25-12S01 Datasheet
141Kb / 3P
   DC-DC CONVERTER 21.5 ~ 25W
logo
Mean Well Enterprises C...
SD-25 MEANWELL-SD-25_12 Datasheet
413Kb / 2P
   25W Single Output DC-DC Converter
logo
Astrodyne Corporation
SD25 ASTRODYNE-SD25 Datasheet
994Kb / 2P
   25W Single Output DC-DC Converter
logo
AIMTEC
AMEL5-MAZ-1 AIMTEC-AMEL5-MAZ-1_16 Datasheet
535Kb / 5P
   5 Watt | AC-DC / DC-DC Converter
AMEL5-AZ-1 AIMTEC-AMEL5-AZ-1_16 Datasheet
561Kb / 5P
   5 Watt | AC-DC / DC-DC Converter
AME5-JZ AIMTEC-AME5-JZ Datasheet
173Kb / 3P
   5 Watt | AC-DC / DC-DC Converter
AMEOF5-JZ AIMTEC-AMEOF5-JZ Datasheet
210Kb / 3P
   5 Watt | AC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com