Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LB10-10A05 Datasheet(PDF) 1 Page - MORNSUN Science& Technology Ltd.

Part # LB10-10A05
Description  AC-DC CONVERTER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

LB10-10A05 Datasheet(HTML) 1 Page - MORNSUN Science& Technology Ltd.

  LB10-10A05 Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. LB10-10A05 Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. LB10-10A05 Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. LB10-10A05 Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. LB10-10A05 Datasheet HTML 5Page - MORNSUN Science& Technology Ltd. LB10-10A05 Datasheet HTML 6Page - MORNSUN Science& Technology Ltd. LB10-10A05 Datasheet HTML 7Page - MORNSUN Science& Technology Ltd. LB10-10A05 Datasheet HTML 8Page - MORNSUN Science& Technology Ltd. LB10-10A05 Datasheet HTML 9Page - MORNSUN Science& Technology Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
The copyright and authority for the interpretation of the products are reserved by Mornsun
Specifications subject to change without notice.
LB**
A/1-2008
Page 1 of 4
LBXX-10XXX SERIES
LB---- are high efficiency green power modules with various packaging
provided by Mornsun. The features of this series are: wide input voltage, DC
and AC all in one, high efficiency, high reliability, low loss, safety isolation etc.
They are widely used in industrial, office and civil equipments. EMC and safety
standards meet international standards IEC61000 UL60950 and IEC60950, and
Multi-certificate is in processing.
PRODUCT FEATURES
1. Universal Input :100 ~ 240VAC,50/60Hz
2. AC and DC all in one (input from the same terminal)
3. Low Ripple and Noise
4. Overload protection and short circuit protection
5. Low loss, green power
6. Multiple models available
7. industrial level specifications
8. 3 years warranty
MODEL SELECTION
LB10-10B24
Product Series
Isolation Voltage
Output Voltage
Package Style
Rated Power
Output Style
put Voltage
In
PRODUCT PROGRAM
Approval
Model
Package
Power
Output (Vo1/Io1)
Output (Vo2/Io2)
Ripple and
Noise(Typ.)
Efficiency(%)
(Typ.)
UL/CE
LB03-10B03
3.3V/1000mA
68
UL/CE
LB03-10B05
5V/600mA
71
UL/CE
LB03-10B12
12V/250mA
74
UL/CE
LB03-10B15
15V/200mA
75
UL/CE
LB03-10B24
48.5X36X20.5mm
3W
24V/125mA
50mV
77
UL/CE
LB05-10B03
3.3V/1500mA
70
UL/CE
LB05-10B05
5V/1000mA
73
UL/CE
LB05-10B09
9V/600mA
75
UL/CE
LB05-10B12
12V/450mA
76
UL/CE
LB05-10B15
15V/350mA
78
UL/CE
LB05-10B24
24V/230mA
79
UL/CE
LB05-10A05
+5V/500mA
-5V/500mA
70
UL/CE
LB05-10A12
+12V/210mA
-12V/210mA
74
UL/CE
LB05-10A15
+15V/170mA
-15V/170mA
75
UL/CE
LB05-10A24
+24V/100mA
-24V/100mA
77
UL/CE
LB05-10D0505-01
+5V/900mA
+5V/100mA
70
UL/CE
LB05-10D0512-01
+5V/750mA
+12V/100mA
74
UL/CE
LB05-10D0515-01
+5V/700mA
+15V/100mA
74
UL/CE
LB05-10D0524-01
55X45X21.0mm
5W
+5V/600mA
+24V/100mA
50mV
75
LB10-10B03
3.3V/3000mA
70
LB10-10B05
5V/2000mA
73
LB10-10B09
9V/1100mA
77
LB10-10B12
12V/900mA
78
LB10-10B15
15V/700mA
78
LB10-10B24
24V/450mA
80
LB10-10A05
+5V/1000mA
-5V/1000mA
73
LB10-10A12
+12V/450mA
-12V/450mA
78
LB10-10A15
10W
+15V/350mA
-15V/350mA
79
LB10-10D0505-02I
62X45X22.5mm
11W
5V/2000mA
5V/200mA
50mV
72
UL/CE
LB15-10B03
3.3V/3500mA
71
UL/CE
LB15-10B05
5V/3000mA
74
UL/CE
LB15-10B12
12V/1250mA
79
UL/CE
LB15-10B15
15V/1000mA
80
UL/CE
LB15-10B24
70X48X23.5mm
15W
24V/625mA
50mV
81
Remarks:
1. Ripple and Noise were measured by the method of parallel lines;
2. Unless otherwise specified, all specifications above are measured at rated input voltage and rated output load, TA=25
°C, humidity < 75%;
3. Add suffix
“I” for regulated slave output, and build-in line regulator. The slave output can not be continuously shorted, and neither can it be continuously overcurrent.
4. All specifications stated in this datasheet are subject to the above listed models only. For specifications of non-standard models, please contact our technical
support team.


Similar Part No. - LB10-10A05

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
LB10-10A05 MORNSUN-LB10-10A05 Datasheet
658Kb / 6P
   LB series ---- is a compact size power converter offered by Mornsun.
More results

Similar Description - LB10-10A05

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AME15-MJZ AIMTEC-AME15-MJZ Datasheet
505Kb / 3P
   AC-DC / DC-DC Converter
AME20-VZ AIMTEC-AME20-VZ Datasheet
550Kb / 5P
   AC-DC / DC-DC Converter
logo
Rohm
BP5034D5 ROHM-BP5034D5 Datasheet
37Kb / 3P
   AC/DC converter
BP5037B12 ROHM-BP5037B12 Datasheet
37Kb / 2P
   AC/DC converter
logo
MORNSUN Science& Techno...
LN01-12B05 MORNSUN-LN01-12B05_15 Datasheet
221Kb / 5P
   AC/DC converter
logo
CUI INC
FSC-S30 CUI-FSC-S30_10 Datasheet
369Kb / 3P
   ac-dc converter
logo
Rohm
BP5075-5 ROHM-BP5075-5 Datasheet
485Kb / 3P
   AC/DC converter
logo
CUI INC
FSK-S10 CUI-FSK-S10 Datasheet
90Kb / 3P
   AC-DC converter
VSK-S3-XXU CUI-VSK-S3-XXU Datasheet
419Kb / 4P
   ac-dc converter
logo
PAIRUI GROUP INC.
ALR-25 PAIRUI-ALR-25 Datasheet
498Kb / 4P
   AC-DC Converter
ALR-40 PAIRUI-ALR-40 Datasheet
495Kb / 4P
   AC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com