Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LH10-10B12 Datasheet(PDF) 6 Page - MORNSUN Science& Technology Ltd.

Part # LH10-10B12
Description  5-25W, AC-DC CONVERTER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

LH10-10B12 Datasheet(HTML) 6 Page - MORNSUN Science& Technology Ltd.

Back Button LH10-10B12 Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. LH10-10B12 Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. LH10-10B12 Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. LH10-10B12 Datasheet HTML 5Page - MORNSUN Science& Technology Ltd. LH10-10B12 Datasheet HTML 6Page - MORNSUN Science& Technology Ltd. LH10-10B12 Datasheet HTML 7Page - MORNSUN Science& Technology Ltd. LH10-10B12 Datasheet HTML 8Page - MORNSUN Science& Technology Ltd. LH10-10B12 Datasheet HTML 9Page - MORNSUN Science& Technology Ltd. LH10-10B12 Datasheet HTML 10Page - MORNSUN Science& Technology Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
AC-DC Converter Application Guidelines
1. Foreword
The following guidelines should be carefully read prior to converter use.
Improper use may
result in the risk of electric shock, damaging the converter, or fire.
1.1
Risk of Injury
A.
To avoid the risk of burns, do not touch the heat sink or the converter
’s case.
B.
Do not touch the input terminals or open the case and touch internal components,
which cold result in electric shock or burns.
C.
When the converter is in operation, keep hands and face at a distance to avoid
potential injury during improper operation.
1.2
Installation Advice
A.
Please make sure the input terminals and signal terminals are properly connected in
accordance with the stated datasheet requirements.
B.
To ensure safe operation and meet safety standard requirements, install a slow
blow fuse at input of the converter.
C.
Installation and use of AC/DC converters should be handled by a qualified
professional.
D.
AC/DC converters are used in the primary transmission stage of a design and thus,
should be installed in compliance with certain safety standards.
E.
Please ensure that the input and output of the converter are incorporated into the
design out of the reach of the end user.
The end product manufacturer should also
ensure that the converter is protected from being shorted by any service engineer or
any metal filings.
F.
The application circuits and parameters shown are for reference only. All parameters
and circuits are to be verified before completing the circuit design.
G.
These guidelines are subject to change without notice; please check our website for
updates.
2. General AC-DC Converter Applications
2.1 Basic Application Circuit


Similar Part No. - LH10-10B12

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
LH10-10B12 MORNSUN-LH10-10B12 Datasheet
811Kb / 8P
   LH series ----is a compact size power converter offered by Mornsun.
LH10-10B12 MORNSUN-LH10-10B12 Datasheet
1Mb / 7P
   10W, AC-DC converter
LH10-10B12E MORNSUN-LH10-10B12E Datasheet
462Kb / 5P
   25W, AC-DC CONVERTER
LH10-10B12ER2 MORNSUN-LH10-10B12ER2 Datasheet
597Kb / 6P
   LH(ER2) series ----- is the improved version of Mornsun?셲 dedicated power converter for power systems.
LH10-10B12ER2A2 MORNSUN-LH10-10B12ER2A2 Datasheet
597Kb / 6P
   LH(ER2) series ----- is the improved version of Mornsun?셲 dedicated power converter for power systems.
More results

Similar Description - LH10-10B12

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
LH05-13B03 MORNSUN-LH05-13B03_15 Datasheet
345Kb / 6P
   5-25W, AC/DC converter
LH05-10B09E MORNSUN-LH05-10B09E Datasheet
462Kb / 5P
   25W, AC-DC CONVERTER
LHE25-20B03 MORNSUN-LHE25-20B03 Datasheet
1Mb / 5P
   25W, AC-DC converter
logo
List of Unclassifed Man...
KDD25-12S01 ETC2-KDD25-12S01 Datasheet
141Kb / 3P
   DC-DC CONVERTER 21.5 ~ 25W
logo
Mean Well Enterprises C...
SD-25 MEANWELL-SD-25_12 Datasheet
413Kb / 2P
   25W Single Output DC-DC Converter
logo
Astrodyne Corporation
SD25 ASTRODYNE-SD25 Datasheet
994Kb / 2P
   25W Single Output DC-DC Converter
logo
AIMTEC
AMEL5-MAZ-1 AIMTEC-AMEL5-MAZ-1_16 Datasheet
535Kb / 5P
   5 Watt | AC-DC / DC-DC Converter
AMEL5-AZ-1 AIMTEC-AMEL5-AZ-1_16 Datasheet
561Kb / 5P
   5 Watt | AC-DC / DC-DC Converter
AME5-JZ AIMTEC-AME5-JZ Datasheet
173Kb / 3P
   5 Watt | AC-DC / DC-DC Converter
AMEOF5-JZ AIMTEC-AMEOF5-JZ Datasheet
210Kb / 3P
   5 Watt | AC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com