Electronic Components Datasheet Search |
|
LH10-10C0515-02 Datasheet(PDF) 2 Page - MORNSUN Science& Technology Ltd. |
|
LH10-10C0515-02 Datasheet(HTML) 2 Page - MORNSUN Science& Technology Ltd. |
2 / 11 page The copyright and authority for the interpretation of the products are reserved by Mornsun Specifications subject to change without notice. LH** B/4-2008 Page 2 of 5 Approval Model Package Power Output (Vo1/Io1) Output (Vo2/Io2) Ripple and Noise (Typ.) Efficiency (%)(Typ.) UL/CE LH15-10B03 9.9W 3.3V/3000mA 73 UL/CE UL/CE UL/CE UL/CE UL/CE UL/CE LH15-10B05 LH15-10B09 LH15-10B12 LH15-10B15 LH15-10B24 LH15-10B48 5V/2800mA 9V/1600mA 12V/1250mA 15V/1000mA 24V/625mA 48V/320mA LH15-10A05 LH15-10A12 LH15-10A15 +5V/1500mA +12V/650mA +15V/500mA -5V/1500mA -12V/650mA -15V/500mA 50mV 80 LH15-10C0505-05 LH15-10C0512-02 LH15-10C0515-02 LH15-10C0524-01* 5V/2000mA 5V/2000mA 5V/1800mA 5V/2000mA ±5V/500mA ±12V/200mA ±15V/200mA ±24V/100mA LH15-10D0505-08 LH15-10D0512-04 LH15-10D0515-03* LH15-10D0524-02 62x45x22.5mm 15W 5V/2200mA 5V/2000mA 5V/2000mA 5V/2000mA 5V/800mA 12V/400mA 15V/300mA 24V/200mA UL/CE UL/CE UL/CE UL/CE UL/CE LH20-10B03 LH20-10B05 LH20-10B12 LH20-10B15 LH20-10B24 3.3V/4100mA 5V/3500mA 12V/1600mA 15V/1300mA 24V/850mA LH20-10A05 LH20-10A12 LH20-10A15 +5V/2000mA +12V/830mA +15V/650mA -5V/2000mA -12V/830mA -15V/650ma LH20-10C0505-05* LH20-10C0512-04 LH20-10C0515-03 LH20-10C0524-02 5V/2500mA 5V/2000mA 5V/2000mA 5V/2000mA ±5V/500mA ±12V/400mA ±15V/300mA ±24V/200mA LH20-10D0505-10* LH20-10D0512-06 LH20-10D0515-05* LH20-10D0524-03 70x48x23.5mm 20W 5V/3000mA 5V/2500mA 5V/2500mA 5V/2500mA 5V/1000mA 12V/600mA 15V/500mA 24V/300mA 50mV 82 UL/CE UL/CE UL/CE UL/CE UL/CE LH25-10B05 LH25-10B12 LH25-10B15 LH25-10B24 LH25-10B48 70x48x23.5mm 25W 5V/4100mA 12V/2100mA 15V/1600mA 24V/1100mA 48V/500mA 50mV 85 Remarks : 1. Ripple and Noise were measured by the method of parallel lines; 2. Unless otherwise specified, all specifications above are measured at rated input voltage and rated output load, Ta=25 oC, humidity < 75%; 3. All specifications stated in this datasheet are subject to the above listed models only. For specifications of non-standard models, please contact our technical support team. 4. Model numbers marked with ” *” are in developing. INPUT SPECIFICATIONS Input voltage range 85 ~ 264VAC, 120 ~ 370VDC Input frequency 47 ~ 63Hz Input current LH05 models LH10 models LH15 models LH20 models LH25 models 110VAC 230VAC 120mA , typ 70mA , typ 230mA , typ 120mA , typ 250mA , typ 140mA , typ 330mA , typ 180mA , typ 420mA , typ 230mA , typ Inrush current LH05 models LH10 models LH15 models LH20/LH25 models 110VAC 230VAC 10A, typ 20A, typ 10A, typ 20A, typ 10A, typ 20A, typ 16A, typ 30A, typ External input fuse(recommended) LH05 models LH10/LH15 models LH20/LH25 models 1A/250V slow blow 2A/250V slow blow 3.15A/250V slow blow |
Similar Part No. - LH10-10C0515-02 |
|
Similar Description - LH10-10C0515-02 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |