Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LH10-10D0512-02 Datasheet(PDF) 2 Page - MORNSUN Science& Technology Ltd.

Part # LH10-10D0512-02
Description  5-25W, AC-DC CONVERTER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

LH10-10D0512-02 Datasheet(HTML) 2 Page - MORNSUN Science& Technology Ltd.

  LH10-10D0512-02 Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. LH10-10D0512-02 Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. LH10-10D0512-02 Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. LH10-10D0512-02 Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. LH10-10D0512-02 Datasheet HTML 5Page - MORNSUN Science& Technology Ltd. LH10-10D0512-02 Datasheet HTML 6Page - MORNSUN Science& Technology Ltd. LH10-10D0512-02 Datasheet HTML 7Page - MORNSUN Science& Technology Ltd. LH10-10D0512-02 Datasheet HTML 8Page - MORNSUN Science& Technology Ltd. LH10-10D0512-02 Datasheet HTML 9Page - MORNSUN Science& Technology Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
The copyright and authority for the interpretation of the products are reserved by Mornsun
Specifications subject to change without notice.
LH**
B/4-2008
Page 2 of 5
Approval
Model
Package
Power
Output (Vo1/Io1)
Output (Vo2/Io2)
Ripple and Noise
(Typ.)
Efficiency
(%)(Typ.)
UL/CE
LH15-10B03
9.9W
3.3V/3000mA
73
UL/CE
UL/CE
UL/CE
UL/CE
UL/CE
UL/CE
LH15-10B05
LH15-10B09
LH15-10B12
LH15-10B15
LH15-10B24
LH15-10B48
5V/2800mA
9V/1600mA
12V/1250mA
15V/1000mA
24V/625mA
48V/320mA
LH15-10A05
LH15-10A12
LH15-10A15
+5V/1500mA
+12V/650mA
+15V/500mA
-5V/1500mA
-12V/650mA
-15V/500mA
50mV
80
LH15-10C0505-05
LH15-10C0512-02
LH15-10C0515-02
LH15-10C0524-01*
5V/2000mA
5V/2000mA
5V/1800mA
5V/2000mA
±5V/500mA
±12V/200mA
±15V/200mA
±24V/100mA
LH15-10D0505-08
LH15-10D0512-04
LH15-10D0515-03*
LH15-10D0524-02
62x45x22.5mm
15W
5V/2200mA
5V/2000mA
5V/2000mA
5V/2000mA
5V/800mA
12V/400mA
15V/300mA
24V/200mA
UL/CE
UL/CE
UL/CE
UL/CE
UL/CE
LH20-10B03
LH20-10B05
LH20-10B12
LH20-10B15
LH20-10B24
3.3V/4100mA
5V/3500mA
12V/1600mA
15V/1300mA
24V/850mA
LH20-10A05
LH20-10A12
LH20-10A15
+5V/2000mA
+12V/830mA
+15V/650mA
-5V/2000mA
-12V/830mA
-15V/650ma
LH20-10C0505-05*
LH20-10C0512-04
LH20-10C0515-03
LH20-10C0524-02
5V/2500mA
5V/2000mA
5V/2000mA
5V/2000mA
±5V/500mA
±12V/400mA
±15V/300mA
±24V/200mA
LH20-10D0505-10*
LH20-10D0512-06
LH20-10D0515-05*
LH20-10D0524-03
70x48x23.5mm
20W
5V/3000mA
5V/2500mA
5V/2500mA
5V/2500mA
5V/1000mA
12V/600mA
15V/500mA
24V/300mA
50mV
82
UL/CE
UL/CE
UL/CE
UL/CE
UL/CE
LH25-10B05
LH25-10B12
LH25-10B15
LH25-10B24
LH25-10B48
70x48x23.5mm
25W
5V/4100mA
12V/2100mA
15V/1600mA
24V/1100mA
48V/500mA
50mV
85
Remarks :
1. Ripple and Noise were measured by the method of parallel lines;
2. Unless otherwise specified, all specifications above are measured at rated input voltage and rated output load, Ta=25
oC, humidity < 75%;
3. All specifications stated in this datasheet are subject to the above listed models only. For specifications of non-standard models, please contact our technical
support team.
4. Model numbers marked with
*” are in developing.
INPUT SPECIFICATIONS
Input voltage range
85 ~ 264VAC,
120 ~ 370VDC
Input frequency
47 ~ 63Hz
Input current
LH05 models
LH10 models
LH15 models
LH20 models
LH25 models
110VAC
230VAC
120mA , typ
70mA , typ
230mA , typ
120mA , typ
250mA , typ
140mA , typ
330mA , typ
180mA , typ
420mA , typ
230mA , typ
Inrush current
LH05 models
LH10 models
LH15 models
LH20/LH25 models
110VAC
230VAC
10A, typ
20A, typ
10A, typ
20A, typ
10A, typ
20A, typ
16A, typ
30A, typ
External input
fuse(recommended)
LH05 models
LH10/LH15 models
LH20/LH25 models
1A/250V
slow blow
2A/250V
slow blow
3.15A/250V
slow blow


Similar Part No. - LH10-10D0512-02

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
LH10-10D0512-02 MORNSUN-LH10-10D0512-02 Datasheet
811Kb / 8P
   LH series ----is a compact size power converter offered by Mornsun.
LH10-10D0512-02 MORNSUN-LH10-10D0512-02 Datasheet
1Mb / 7P
   10W, AC-DC converter
LH10-10D0512-02ER2 MORNSUN-LH10-10D0512-02ER2 Datasheet
597Kb / 6P
   LH(ER2) series ----- is the improved version of Mornsun?셲 dedicated power converter for power systems.
More results

Similar Description - LH10-10D0512-02

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
LH05-13B03 MORNSUN-LH05-13B03_15 Datasheet
345Kb / 6P
   5-25W, AC/DC converter
LH05-10B09E MORNSUN-LH05-10B09E Datasheet
462Kb / 5P
   25W, AC-DC CONVERTER
LHE25-20B03 MORNSUN-LHE25-20B03 Datasheet
1Mb / 5P
   25W, AC-DC converter
logo
List of Unclassifed Man...
KDD25-12S01 ETC2-KDD25-12S01 Datasheet
141Kb / 3P
   DC-DC CONVERTER 21.5 ~ 25W
logo
Mean Well Enterprises C...
SD-25 MEANWELL-SD-25_12 Datasheet
413Kb / 2P
   25W Single Output DC-DC Converter
logo
Astrodyne Corporation
SD25 ASTRODYNE-SD25 Datasheet
994Kb / 2P
   25W Single Output DC-DC Converter
logo
AIMTEC
AMEL5-MAZ-1 AIMTEC-AMEL5-MAZ-1_16 Datasheet
535Kb / 5P
   5 Watt | AC-DC / DC-DC Converter
AMEL5-AZ-1 AIMTEC-AMEL5-AZ-1_16 Datasheet
561Kb / 5P
   5 Watt | AC-DC / DC-DC Converter
AME5-JZ AIMTEC-AME5-JZ Datasheet
173Kb / 3P
   5 Watt | AC-DC / DC-DC Converter
AMEOF5-JZ AIMTEC-AMEOF5-JZ Datasheet
210Kb / 3P
   5 Watt | AC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com