Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LH10-10D0515-02 Datasheet(PDF) 1 Page - MORNSUN Science& Technology Ltd.

Part # LH10-10D0515-02
Description  5-25W, AC-DC CONVERTER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

LH10-10D0515-02 Datasheet(HTML) 1 Page - MORNSUN Science& Technology Ltd.

  LH10-10D0515-02 Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. LH10-10D0515-02 Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. LH10-10D0515-02 Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. LH10-10D0515-02 Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. LH10-10D0515-02 Datasheet HTML 5Page - MORNSUN Science& Technology Ltd. LH10-10D0515-02 Datasheet HTML 6Page - MORNSUN Science& Technology Ltd. LH10-10D0515-02 Datasheet HTML 7Page - MORNSUN Science& Technology Ltd. LH10-10D0515-02 Datasheet HTML 8Page - MORNSUN Science& Technology Ltd. LH10-10D0515-02 Datasheet HTML 9Page - MORNSUN Science& Technology Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
The copyright and authority for the interpretation of the products are reserved by Mornsun
Specifications subject to change without notice.
LH**
B/4-2008
Page 1 of 5
LHXX-10XXX SERIES
5-25W, AC-DC CONVERTER
LH---- are high efficiency green power modules with various packaging
provided by Mornsun. The features of this series are: wide input voltage,
DC and AC all in one, high efficiency, high reliability, low loss, safety
isolation etc. They are widely used in industrial, office and civil
equipments. EMC and safety standards meet international standards
IEC61000 UL60950and IEC60950, and Multi-certificate is in processing.
PRODUCT FEATURES
1. Universal Input :85 ~ 264VAC,50/60Hz
2. AC and DC all in one (input from the same terminal)
3. Low Ripple and Noise
4. Overload protection and short circuit protection
5. High efficiency, High power density
6. Low loss, green power
7. Multiple models available
8. industrial level specifications
9. 3 years warranty
MODEL SELECTION
LH10-10B24
Prod uct Se ries
I so la tio n Volta ge
Ou tpu t Voltage
Pa ckag e St yle
Rate d Pow er
Ou tpu t St yle
Inp ut Volta ge
PRODUCT PROGRAM
Approval
Model
Package
Power
Output (Vo1/Io1)
Output (Vo2/Io2)
Ripple and Noise
(Typ.)
Efficiency
(%)(Typ.)
UL/CE
LH05-10B03
4W
3.3V/1250mA
70
UL/CE
UL/CE
UL/CE
UL/CE
UL/CE
LH05-10B05
LH05-10B09
LH05-10B12
LH05-10B15
LH05-10B24
5V/1000mA
9V/550mA
12V/420mA
15V/330mA
24V/230mA
LH05-10A05
LH05-10A12
LH05-10A15
LH05-10A24
+5V/500mA
+12V/210mA
+15V/160mA
+24V/100mA
-5V/500mA
-12V/210mA
-15V/160mA
-24V/100mA
LH05-10C0505-01
LH05-10C0512-01
LH05-10C0515-01
LH05-10C0524-01
5V/800mA
5V/600mA
5V/600mA
5V/600mA
±5V/100mA
±12V/100mA
±15V/80mA
±24V/50mA
LH05-10D0505-01
LH05-10D0512-01
LH05-10D0515-01
LH05-10D0524-01
48.5X36X20.5mm
5W
5V/900mA
5V/750mA
5V/700mA
5V/600mA
5V/100mA
12V/100mA
15V/100mA
24V/100mA
50mV
76
UL/CE
LH10-10B03
6.6W
3.3V/2000mA
70
UL/CE
UL/CE
UL/CE
UL/CE
UL/CE
LH10-10B05
LH10-10B09
LH10-10B12
LH10-10B15
LH10-10B24
5V/2000mA
9V/1100mA
12V/900mA
15V/700mA
24V/450mA
UL/CE
UL/CE
UL/CE
UL/CE
LH10-10A05
LH10-10A12
LH10-10A15
LH10-10A24
+5V/1000mA
+12V/450mA
+15V/350mA
+24V/200mA
-5V/1000mA
-12V/450mA
-15V/350ma
-24V/200ma
LH10-10C0505-04*
LH10-10C0512-02
LH10-10C0515-02
LH10-10C0524-01*
5V/1200mA
5V/1000mA
5V/900mA
5V/1000mA
±5V/400mA
±12V/200mA
±15V/200mA
±24V/100mA
50mV
78
UL/CE
UL/CE
UL/CE
UL/CE
LH10-10D0505-02
LH10-10D0512-02
LH10-10D0515-02
LH10-10D0524-02
55X45X21.0mm
10W
5V/1800mA
5V/1500mA
5V/1400mA
5V/1000mA
5V/200mA
12V/200mA
15V/200mA
24V/200mA
50mV
78


Similar Part No. - LH10-10D0515-02

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
LH10-10D0515-02 MORNSUN-LH10-10D0515-02 Datasheet
811Kb / 8P
   LH series ----is a compact size power converter offered by Mornsun.
LH10-10D0515-02 MORNSUN-LH10-10D0515-02 Datasheet
1Mb / 7P
   10W, AC-DC converter
More results

Similar Description - LH10-10D0515-02

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
LH05-13B03 MORNSUN-LH05-13B03_15 Datasheet
345Kb / 6P
   5-25W, AC/DC converter
LH05-10B09E MORNSUN-LH05-10B09E Datasheet
462Kb / 5P
   25W, AC-DC CONVERTER
LHE25-20B03 MORNSUN-LHE25-20B03 Datasheet
1Mb / 5P
   25W, AC-DC converter
logo
List of Unclassifed Man...
KDD25-12S01 ETC2-KDD25-12S01 Datasheet
141Kb / 3P
   DC-DC CONVERTER 21.5 ~ 25W
logo
Mean Well Enterprises C...
SD-25 MEANWELL-SD-25_12 Datasheet
413Kb / 2P
   25W Single Output DC-DC Converter
logo
Astrodyne Corporation
SD25 ASTRODYNE-SD25 Datasheet
994Kb / 2P
   25W Single Output DC-DC Converter
logo
AIMTEC
AMEL5-MAZ-1 AIMTEC-AMEL5-MAZ-1_16 Datasheet
535Kb / 5P
   5 Watt | AC-DC / DC-DC Converter
AMEL5-AZ-1 AIMTEC-AMEL5-AZ-1_16 Datasheet
561Kb / 5P
   5 Watt | AC-DC / DC-DC Converter
AME5-JZ AIMTEC-AME5-JZ Datasheet
173Kb / 3P
   5 Watt | AC-DC / DC-DC Converter
AMEOF5-JZ AIMTEC-AMEOF5-JZ Datasheet
210Kb / 3P
   5 Watt | AC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com