Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B2415S-2W Datasheet(PDF) 1 Page - MORNSUN Science& Technology Ltd.

Part # B2415S-2W
Description  DUAL/SINGLE OUTPUT DC-DC CONVERTER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

B2415S-2W Datasheet(HTML) 1 Page - MORNSUN Science& Technology Ltd.

  B2415S-2W Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. B2415S-2W Datasheet HTML 2Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MORNSUN reserves the copyright
Specifications subject to change without notice.
A_S-2W & B_S-2W
A/1-2008
Page 1 of 2
A_S-2W & B_S-2W Series
2W, FIXED INPUT, ISOLATED & UNREGULATED
DUAL/SINGLE OUTPUT DC-DC CONVERTER
RoHS
FEATURES
PRODUCT PROGRAM
Input
Output
Voltage (VDC)
Current (mA)
Part
Number
Nominal
Range
Voltage
(VDC)
Max
Min
Efficiency
(%, Typ)
UL CE
B0303S-2W
3.3
2.97-3.63
3.3
400
40
73
A0505S-2W
±5
±200
±20
82
UL
A0509S-2W
±9
±111
±12
85
UL
A0512S-2W
±12
±83
±9
86
UL
A0515S-2W
±15
±67
±7
82
UL
A0524S-2W
±24
±42
±5
82
B0503S-2W
3.3
400
40
74
B0505S-2W
5
400
40
81
UL CE
B0509S-2W
9
222
23
84
UL CE
B0512S-2W
12
167
17
83
UL CE
B0515S-2W
5
4.5-5.5
15
133
14
84
UL CE
A1205S-2W
±5
±200
±20
81
UL
A1209S-2W
±9
±111
±12
84
UL
A1212S-2W
±12
±83
±9
86
UL
A1215S-2W
±15
±67
±7
82
UL
B1205S-2W
5
400
40
81
UL CE
B1209S-2W
9
222
23
82
UL CE
B1212S-2W
12
167
17
85
UL CE
B1215S-2W
12
10.8-13.2
15
133
14
82
UL CE
A1505S-2W
±5
±200
±20
80
B1505S-2W
15
13.5-16.5
±5
400
40
80
A2405S-2W
±5
±200
±20
80
UL
A2409S-2W
±9
±111
±12
84
UL
A2412S-2W
±12
±83
±9
84
UL
A2415S-2W
±15
±67
±7
84
UL
A2424S-2W
±24
±42
±5
85
B2405S-2W
5
400
40
80
UL CE
B2409S-2W
9
222
23
83
UL CE
B2412S-2W
12
167
17
84
UL CE
B2415S-2W
15
133
14
84
UL CE
B2424S-2W
24
21.6-26.4
24
84
10
84
Note: The A_S-1W/B_LS-1W series also are available in our company.
COMMON SPECIFICATIONS
Item
Test conditions
Min
Typ
Max
Units
Operating Temp. Range
-40
85
Storage Temp. Range
-55
125
°C
Storage humidity range
95
%
Cooling
Free air convection
Temp. rise at full load
15
25
Lead temperature
1.5mm from case for 10 seconds
300
°C
Short circuit protection*
1
s
Case material
Plastic (UL94-V0)
MTBF
3500
K hours
Weight
2.8
g
High Efficiency up to 86%
1KVDC Isolation
SIP Package
Internal SMD Construction
Temperature Range: -40
°C to +85°C
No Heat sink Required
No External Component Required
Industry Standard Pinout
RoHS Compliance
APPLICATIONS
The A_S-2W
& B_S-2W
Series
are
specially designed for applications where a
group of polar power supplies are isolated
from the input power supply in a distributed
power supply system on a circuit board.
These products apply to:
1) Where the voltage of the input power
supply
is
fixed
(voltage
variation
±10%);
2) Where isolation is necessary between
input
and
output
(isolation
voltage
≤1000VDC);
3) Where the regulation
of the
output
voltage and the output ripple noise are
not demanding.
Such as: purely digital circuits, ordinary low
frequency analog circuits, and IGBT power
device driving circuits.
MODEL SELECTION
A0505S-2W
Pro duc t Se ries
Inp ut Volta ge
Ou tp ut Vol tage
Package Style
Rated P ower
MORNSUN Science& Technology co.,Ltd.
Address: 2th floor 6th building, Hangzhou
Industrial District, Guangzhou, China
Tel: 86-20-38601850
Fax: 86-20-38601272
http://www.mornsun-power.com
*Supply voltage must be discontinued at the end of short circuit duration.


Similar Part No. - B2415S-2W

ManufacturerPart #DatasheetDescription
logo
Guangzhou Reicu Electro...
B2415S-2W REICU-B2415S-2W Datasheet
4Mb / 1P
   1600VDC Isolated 2W Single Output SIP/DIP-Package
REV:3.1
B2415S-2WR2 REICU-B2415S-2WR2 Datasheet
4Mb / 1P
   1600VDC Isolated 2W Single Output SIP/DIP-Package
REV:3.1
logo
MORNSUN Science& Techno...
B2415S-2WR3 MORNSUN-B2415S-2WR3 Datasheet
1Mb / 5P
   2W isolated DC-DC converter Fixed input voltage, unregulated dual/ single output
2021.09.23-A/4
More results

Similar Description - B2415S-2W

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
B7LF BOTHHAND-B7LF Datasheet
1Mb / 8P
   DC-DC Converter Single / Dual Output
logo
MORNSUN Science& Techno...
URA2405D-10W MORNSUN-URA2405D-10W Datasheet
105Kb / 2P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
B0303LD-1W MORNSUN-B0303LD-1W Datasheet
133Kb / 2P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
F0305D-1W MORNSUN-F0305D-1W Datasheet
135Kb / 3P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
logo
Make-Ps
100VFS MAKE-PS-100VFS Datasheet
176Kb / 4P
   Single & Dual Output DC/DC Converter
300XFR MAKE-PS-300XFR Datasheet
208Kb / 4P
   Single & Dual Output DC/DC Converter
FKC12W MAKE-PS-FKC12W Datasheet
594Kb / 3P
   Single & Dual Output DC/DC Converter
logo
MORNSUN Science& Techno...
B0303LS-1WR MORNSUN-B0303LS-1WR Datasheet
297Kb / 3P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
B0303LS-1WR2 MORNSUN-B0303LS-1WR2 Datasheet
605Kb / 5P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
WRA0505LT-3W MORNSUN-WRA0505LT-3W Datasheet
270Kb / 3P
   SINGLE/DUAL OUTPUT DC/DC CONVERTER
logo
Make-Ps
300FR MAKE-PS-300FR Datasheet
183Kb / 4P
   Single & Dual Output DC/DC Converter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com