Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MZO.5GE16V-7.8 Datasheet(PDF) 3 Page - MIC GROUP RECTIFIERS

Part # MZO.5GE16V-7.8
Description  ZENER DIODE
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

MZO.5GE16V-7.8 Datasheet(HTML) 3 Page - MIC GROUP RECTIFIERS

  MZO.5GE16V-7.8 Datasheet HTML 1Page - MIC GROUP RECTIFIERS MZO.5GE16V-7.8 Datasheet HTML 2Page - MIC GROUP RECTIFIERS MZO.5GE16V-7.8 Datasheet HTML 3Page - MIC GROUP RECTIFIERS MZO.5GE16V-7.8 Datasheet HTML 4Page - MIC GROUP RECTIFIERS MZO.5GE16V-7.8 Datasheet HTML 5Page - MIC GROUP RECTIFIERS MZO.5GE16V-7.8 Datasheet HTML 6Page - MIC GROUP RECTIFIERS MZO.5GE16V-7.8 Datasheet HTML 7Page - MIC GROUP RECTIFIERS  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
ZENER DIODE
E-mail: sales@cnmic.com
Web Site: www.cnmic.com
ELECTRICAL CHARACTERISTIC
Ratings at 25℃ ambient temperature unless otherwise specified
Dynamic Resistance
Zener Valtage
(2)
Vz(v)
(△Vz<=±
5% )
(4)
f=1KHz
ZZT(Ω)
At IZT
f=1KHZ
IZK=0.25Ma
ZZK(Ω)
Temp coeff of
Zener
Volotage
αVz(%/k)
Reverse
leakage
current
IR(Μa)
Admissible
Zener
Current
(3)
IZT(Ma)
Type
MAX
MIN
MAX
VR(VA)
MAX
MZO.5GE2V0
2.0
100
2000
150
0.5
150
MZO.5GE2V2
2.2
100
2000
150
0.5
145
MZO.5GE2V4
2.4
100
1800
100
0.7
140
MZO.5GE2V7
2.7
100
1900
-0.08…-0.06
75
0.7
135
MZO.5GE3V0
3.0
95
2000
-0.08…-0.06
50
1
125
MZO.5GE3V3
3.3
95
2200
-0.08…-0.05
25
1
115
MZO.5GE3V6
3.6
90
2300
-0.08…-0.04
15
1
105
MZO.5GE3V9
3.9
90
2400
-0.07…-0.03
10
1
95
MZO.5GE4V3
4.3
88
2500
-0.04…-0.01
5
1
90
MZO.5GE4V7
4.7
70
2200
-0.03…-0.01
3
1.5
85
MZO.5GE5V1
5.1
50
2050
-0.02…0.05
2
2
80
MZO.5GE5V6
5.6
25
1800
-0.01…-0.06
2
3
70
MZO.5GE6V2
6.2
10
1300
0…0.07
1
4
64
MZO.5GE6V8
6.8
8
750
+0.01…+0.08
1
5.2
58
MZO.5GE7V5
7.5
7
600
+0.01…+0.09
0.5
6
53
MZO.5GE8V2
8.2
7
600
+0.01…+0.0.9
0.5
6.4
47
MZO.5GE9V1
9.1
10
600
+0.02…+0.10
0.1
7
43
MZO.5GE10V
10
15
600
+0.03…+0.11
0.1
8
40
MZO.5GE11V
11
18
600
+0.03…+0.11
0.1
8.1
36
MZO.5GE12V
12
22
600
+0.03…+0.11
0.1
9.1
32
MZO.5GE13V
13
25
600
+0.03…+0.11
0.1
9.9
29
MZO.5GE15V
15
32
600
+0.03…+0.11
0.1
11
27
MZO.5GE16V
16
36
600
+0.03…+0.11
0.1
12
24
MZO.5GE18V
18
42
600
+0.03…+0.11
0.1
14
21
MZO.5GE20V
20
48
600
+0.03…+0.11
0.1
15
20
MZO.5GE22V
22
55
600
+0.03…+0.11
0.1
17
18
MZO.5GE24V
24
62
600
+0.04…+0.12
0.1
18
16
MZO.5GE27V
27
70
600
+0.04…+0.12
0.1
21
14
MZO.5GE30V
30
78
600
+0.04…+0.12
0.1
23
13
MZO.5GE33V
33
88
700
+0.04…+0.12
0.1
25
12
MZO.5GE36V
36
95
700
+0.04…+0.12
0.1
27
11
MZO.5GE39V
39
130
800
+0.04…+0.12
0.1
30
10
MZO.5GE43V
43
130
900
+0.04…+0.13
0.1
33
10.6
MZO.5GE47V
47
130
1000
+0.05…+0.13
0.1
36
9.7
MZO.5GE51V
51
140
1100
+0.05…+0.14
0.1
39
8.9
MZO.5GE56V
56
160(
5)
1300
(6)
+0.05…+0.14
(5)
0.1
43
MZO.5GE60V
60
180
(5)
1400
(6)
+0.05…+0.15
(5)
0.1
46
MZO.5GE62V
62
210
(5)
1500
(6)
+0.05…+0.15
(5)
0.1
47
MZO.5GE68V
68
240
(5)
1600
(6)
+0.05…+0.15
(5)
0.1
52
MZO.5GE75V
75
280
(5)
1700
(6)
+0.05…+0.15
(5)
0.1
56
MZ0.5GE2V0-20 THRU MZ0.5GE75V-1.7
MZ0.5GE SERIES
MZ0.5GE2V
THRU MZ0.5GE75V


Similar Part No. - MZO.5GE16V-7.8

ManufacturerPart #DatasheetDescription
logo
MIC GROUP RECTIFIERS
MZO.5GF10V-20 MIC-MZO.5GF10V-20 Datasheet
122Kb / 7P
   ZENER DIODE
MZO.5GF11V-20 MIC-MZO.5GF11V-20 Datasheet
122Kb / 7P
   ZENER DIODE
MZO.5GF12V-20 MIC-MZO.5GF12V-20 Datasheet
122Kb / 7P
   ZENER DIODE
MZO.5GF13V-9.5 MIC-MZO.5GF13V-9.5 Datasheet
122Kb / 7P
   ZENER DIODE
MZO.5GF14V-9.0 MIC-MZO.5GF14V-9.0 Datasheet
122Kb / 7P
   ZENER DIODE
More results

Similar Description - MZO.5GE16V-7.8

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SMAJ4736A-TP MCC-SMAJ4736A-TP Datasheet
452Kb / 4P
   1 Watt Zener Diode Zener Diode
logo
AiT Semiconductor Inc.
BZX84C2V4 AITSEMI-BZX84C2V4 Datasheet
453Kb / 8P
   ZENER DIODE ZENER VOLTAGE REGULATOR DIODE
REV1.1
logo
Micro Commercial Compon...
DL4733A-TP MCC-DL4733A-TP Datasheet
254Kb / 4P
   1 Watt Zener Diode Zener Diode
logo
Rohm
FTZ56E ROHM-FTZ56E Datasheet
53Kb / 2P
   Zener diode
UDZ ROHM-UDZ Datasheet
58Kb / 3P
   Zener diode
PTZ7.5B ROHM-PTZ7.5B Datasheet
227Kb / 5P
   Zener diode
PTZ3.9B ROHM-PTZ3.9B Datasheet
229Kb / 5P
   Zener diode
PTZ6.8B ROHM-PTZ6.8B Datasheet
228Kb / 5P
   Zener diode
logo
SHENZHEN YONGERJIA INDU...
1N5221B WINNERJOIN-1N5221B Datasheet
483Kb / 5P
   Zener diode
logo
Leshan Radio Company
LEDZ2-4BT1G LRC-LEDZ2-4BT1G_15 Datasheet
401Kb / 5P
   Zener diode
LEDZ11BT1G LRC-LEDZ11BT1G_15 Datasheet
167Kb / 5P
   Zener diode
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com