Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MZ1.0PA9V1-28 Datasheet(PDF) 1 Page - MIC GROUP RECTIFIERS

Part # MZ1.0PA9V1-28
Description  SURFACE MOUNT GALSS PASSIVATED ZENER DIODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

MZ1.0PA9V1-28 Datasheet(HTML) 1 Page - MIC GROUP RECTIFIERS

  MZ1.0PA9V1-28 Datasheet HTML 1Page - MIC GROUP RECTIFIERS MZ1.0PA9V1-28 Datasheet HTML 2Page - MIC GROUP RECTIFIERS  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SURFACE MOUNT GALSS PASSIVATED ZENER DIODE
E-mail: sales@cnmic.com
Web Site: www.cnmic.com
Zener Voltage
6.2 to 91.0 Volts
MZ1.0PA6.2-41 THRU MZI.0PA91V-2.0
Standy State Power
1.0 Watt
FEATURES
Plastic package has Underwriters Laboratory Flammability
Classification 94V-0
For surface mounted applications
Glass passivated chip junction
Low Zener impedance
Low regulation factor
High temperature soldering guaranteed:
250℃/10 seconds at terminals
MECHANICAL DATA
Case: JEDEC DO214AC molded plastic over passivated
junction
Terminals: Solder plated, solderable per MIL-STD-750
Method 2026
Polarity: Color band denotes positive end (cathode)
Mounting Position: Any
Weight: 0.002 ounce, 0.064 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25℃ ambient temperature unless otherwise specified
OPERATING JUNCTION AND STOPAGE TEMPERATURE RANGE:TJ, TSTG:-55℃ to +150℃
Maximum dynamic
Impedance
Maximum
Reverse
Leakage
current
Type
Device
Marking
Code
Nominal
Zener
Voltage
at IZT
(Note1)
(volts)
Test
Current
IZT
(mA)
Z ZT
at IZT
(Ohms)
Z ZK
at IZK
(Ohms)
(Note1)
IZK
(mA)
IR
(μA)
VR
(Volts)
Maximum
Surge
Current
(note2)
IRM
(mApk)
Maximum
Forward
Voltage
Ar 200mA
VF
(Volts)
MZ1.0PA6V2-41
6V2-41
6.2
41.0
2.0
700
1
50
3
730
1.2
MZ1.0PA6V8-38
6V8-38
6.8
37.0
3.5
700
1
20
4
660
1.2
MZ1.0PA7V5-34
7V5-34
7.5
34.0
4.0
700
0.5
10
5
605
1.2
MZ1.0PA8V2-31
8V2-31
8.2
31.0
4.5
700
0.5
10
6
550
1.2
MZ1.0PA9V1-28
9V1-28
9.1
28.0
5.0
700
0.5
10
7
500
1.2
MZ1.0PA10V-25
10V-25
10
25.0
7.0
700
0.25
10
7.6
454
1.2
MZ1.0PA11V-23
11V-23
11
23.0
8.0
700
0.25
5
8.4
414
1.2
MZ1.0PA12V-21
12V-21
12
21.0
9.0
700
0.25
5
9.1
380
1.2
MZ1.0PA13V-19
13V-19
13
19.0
10.0
700
0.25
5
9.9
344
1.2
MZ1.0PA15V-17
15V-17
15
17.0
14.0
700
0.25
5
11.4
305
1.2
MZ1.0PA16V-15.5
16V-15.5
16
15.5
16.0
700
0.25
5
12.2
285
1.2
MZ1.0PA18V-14
18V-14
18
14.0
20.0
750
0.25
5
13.7
250
1.2
MZ1.0PA20V-12.5
20V-12.8
20
12.5
22.0
750
0.25
5
15.2
225
1.2
MZ1.0PA22V-11.5
22V-11.5
22
11.5
23.0
750
0.25
5
16.7
205
1.2
MZ1.0PA24V-10.5
24V-10.5
24
10.5
25.0
750
0.25
5
18.2
190
1.2
MZ1.0PA27V-9.5
27V-9.5
27
9.5
35.0
750
0.25
5
20.6
170
1.2
MZ1.0PA30V-8.5
30V-8.5
30
8.5
40.0
1000
0.25
5
22.8
150
1.2
MZ1.0PA33V-7.5
33V-7.5
33
7.5
45.0
1000
0.25
5
25.1
135
1.2
MZ1.0PA36V-7.0
36V-7.0
36
7.0
50.0
1000
0.25
5
27.4
125
1.2
MZ1.0PA39V-6.5
39V-6.5
39
6.5
60.0
1000
0.25
5
29.7
115
1.2
MZ1.0PA43V-6.0
43V-6.0
43
6.0
70.0
1500
0.25
5
32.7
110
1.2
MZ1.0PA47V-5.5
47V-5.5
47
5.5
80.0
1500
0.25
5
35.8
95
1.2
MZ1.0PA51V-5.0
51V-5.0
51
5.0
95.0
1500
0.25
5
38.8
90
1.2
MZ1.0PA56V-4.5
56V-4.5
56
4.5
110.0
2000
0.25
5
42.6
80
1.2
MZ1.0PA62V-4.0
62V-4.0
62
4.0
125.0
2000
0.25
5
47.1
70
1.2
MZ1.0PA48V-3.7
48V-3.7
68
3.7
150.0
2000
0.25
5
51.7
65
1.2
MZ1.0PA75V-3.3
75V-3.3
75
3.3
175.0
2000
0.25
5
56
60
1.2
MZ1.0PA82V-3.0
82V-3.0
82
3.0
200.0
3000
0.25
5
62.2
55
1.2
MZ1.0PA91V-2.0
91V-2.0
91
2.0
250.0
3000
0.25
5
69.2
50
1.2
Notes:
1.
Standard voltage tolerance is ±5%, suffix A ±10%
2.
Surge current is a non-repetitive,8.3ms pulse width square wave or equivalent sine-wave superimposed on IZT per JEDEC Method
3.
Maximum steady state power dissipation is 1.0 watt at TT =75℃
Dimensions in inches and (millimeters)
DO-214AC(SMA)


Similar Part No. - MZ1.0PA9V1-28

ManufacturerPart #DatasheetDescription
logo
MIC GROUP RECTIFIERS
MZ1.0PA9V1-28 MIC-MZ1.0PA9V1-28 Datasheet
40Kb / 2P
   SURFACE MOUNT GALSS PASSIVATED ZENER DIODE
More results

Similar Description - MZ1.0PA9V1-28

ManufacturerPart #DatasheetDescription
logo
MIC GROUP RECTIFIERS
MZ1.5PB11V-34.1 MIC-MZ1.5PB11V-34.1 Datasheet
58Kb / 4P
   SURFACE MOUNT GALSS PASSIVATED ZENER DIODE
MZ1.0PM6.2-41 MIC-MZ1.0PM6.2-41 Datasheet
40Kb / 2P
   SURFACE MOUNT GALSS PASSIVATED ZENER DIODE
logo
Shanghai Lunsure Electr...
RS1A CHENYI-RS1A Datasheet
166Kb / 2P
   SURFACE MOUNT GALSS PASSIVATED JUNCTION RECTIFIER
SF11 CHENYI-SF11 Datasheet
153Kb / 2P
   SURFACE MOUNT GALSS PASSIVATED JUNCTION RECTIFIER
S1A CHENYI-S1A Datasheet
200Kb / 2P
   SURFACE MOUNT GALSS PASSIVATED JUNCTION RECTIFIER
SM4001 CHENYI-SM4001 Datasheet
142Kb / 2P
   SURFACE MOUNT GALSS PASSIVATED JUNCTION RECTIFIER
S2A CHENYI-S2A Datasheet
156Kb / 2P
   SURFACE MOUNT GALSS PASSIVATED JUNCTION RECTIFIER
logo
Shenzhen Yixinwei Techn...
S1A YIXIN-S1A Datasheet
278Kb / 2P
   SURFACE MOUNT GALSS PASSIVATED JUNCTION RECTIFIER
logo
MIC GROUP RECTIFIERS
MZ1.0GM3V9-100 MIC-MZ1.0GM3V9-100 Datasheet
58Kb / 5P
   SURFACE MOUNT GLASS PASSIVATED ZENER DIODE
logo
Taiwan Semiconductor Co...
1SMA6V8 TSC-1SMA6V8 Datasheet
254Kb / 3P
   Surface Mount Glass Passivated Zener Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com