Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MZ1.0GM8V2 Datasheet(PDF) 3 Page - MIC GROUP RECTIFIERS

Part # MZ1.0GM8V2
Description  SURFACE MOUNT GLASS PASSIVATED ZENER DIODE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

MZ1.0GM8V2 Datasheet(HTML) 3 Page - MIC GROUP RECTIFIERS

  MZ1.0GM8V2 Datasheet HTML 1Page - MIC GROUP RECTIFIERS MZ1.0GM8V2 Datasheet HTML 2Page - MIC GROUP RECTIFIERS MZ1.0GM8V2 Datasheet HTML 3Page - MIC GROUP RECTIFIERS MZ1.0GM8V2 Datasheet HTML 4Page - MIC GROUP RECTIFIERS MZ1.0GM8V2 Datasheet HTML 5Page - MIC GROUP RECTIFIERS  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SURFACE MOUNT GLASS PASSIVATED ZENER DIODE
E-mail: sales@cnmic.com
Web Site: www.cnmic.com
Zener Voltage
3.9 to 100 Volts
MZ1.0GM3V9-100 THRU MZ100-5
Standy State Power
1.0 Watt
RATING AND CHARACTERISTIC CURVES MZ1.0GM3V9-100 THRU MZ1.0GM100-5
Tj=constant( pulsed )
Breakdown characteristics
=constant( pulsed )
j
T
Breakdown characteristics
Vz
Vz
Iz
Iz
50V
45
40
35
30
25
20
15
10
5
0
0
10
20
30
40
50
60
mA
10mA
25mA
Test Current Iz
47V
39V
33V
27V
22V
18V
15V
T =25
j
j
15V
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
0
40
80
120
Test Current Iz
100mA
5mA
12V
10V
8V2
T =25
6V8
5V6
4V7
3V9
mA
240
200
160


Similar Part No. - MZ1.0GM8V2

ManufacturerPart #DatasheetDescription
logo
MIC GROUP RECTIFIERS
MZ1.0GD100V-2.5 MIC-MZ1.0GD100V-2.5 Datasheet
59Kb / 3P
   ZENER DIODE
MZ1.0GD10V-25 MIC-MZ1.0GD10V-25 Datasheet
59Kb / 3P
   ZENER DIODE
MZ1.0GD11V-23 MIC-MZ1.0GD11V-23 Datasheet
59Kb / 3P
   ZENER DIODE
MZ1.0GD12V-21 MIC-MZ1.0GD12V-21 Datasheet
59Kb / 3P
   ZENER DIODE
MZ1.0GD13V-19 MIC-MZ1.0GD13V-19 Datasheet
59Kb / 3P
   ZENER DIODE
More results

Similar Description - MZ1.0GM8V2

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
1SMA6V8 TSC-1SMA6V8 Datasheet
254Kb / 3P
   Surface Mount Glass Passivated Zener Diode
logo
General Semiconductor
ZGL41-100 GE-ZGL41-100 Datasheet
40Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED ZENER
SML4735 GE-SML4735 Datasheet
39Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED ZENER
GLL4735 GE-GLL4735 Datasheet
37Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED ZENER
logo
Pan Jit International I...
1SMA4736-AU PANJIT-1SMA4736-AU Datasheet
691Kb / 7P
   SURFACE MOUNT SILICON ZENER DIODE Glass passivated junction
logo
Shenzhen Taychipst Elec...
ZY6V2GP TAYCHIPST-ZY6V2GP Datasheet
7Mb / 2P
   Glass Passivated Zener Diode
logo
MIC GROUP RECTIFIERS
MZ1.0PA6.2-41 MIC-MZ1.0PA6.2-41 Datasheet
49Kb / 2P
   SURFACE MOUNT GALSS PASSIVATED ZENER DIODE
MZ1.5PB11V-34.1 MIC-MZ1.5PB11V-34.1 Datasheet
58Kb / 4P
   SURFACE MOUNT GALSS PASSIVATED ZENER DIODE
MZ1.0PM6.2-41 MIC-MZ1.0PM6.2-41 Datasheet
40Kb / 2P
   SURFACE MOUNT GALSS PASSIVATED ZENER DIODE
logo
Microsemi Corporation
MLL746A MICROSEMI-MLL746A Datasheet
82Kb / 2P
   LEADLESS GLASS ZENER DIODE SURFACE MOUNT
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com