Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MZ1.0GD33V-7.5 Datasheet(PDF) 2 Page - MIC GROUP RECTIFIERS

Part # MZ1.0GD33V-7.5
Description  ZENER DIODE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

MZ1.0GD33V-7.5 Datasheet(HTML) 2 Page - MIC GROUP RECTIFIERS

  MZ1.0GD33V-7.5 Datasheet HTML 1Page - MIC GROUP RECTIFIERS MZ1.0GD33V-7.5 Datasheet HTML 2Page - MIC GROUP RECTIFIERS MZ1.0GD33V-7.5 Datasheet HTML 3Page - MIC GROUP RECTIFIERS  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ZENER DIODE
E-mail: sales@cnmic.com
Web Site: www.cnmic.com
ELECTRICAL CHARACTERISTIC
Ratings at 25℃ ambient temperature unless otherwise specified
Maximum Zener
Impedance
(1)
Maximum
Reverse
Leakage
Current
Zener Valtage
(3)
at IZT
Vz(v)
(△ Vz<=5%)
(4)
Type
Device
Marking
Code
MIN
MAX
Test
Current
IZT
(mA)
ZZT
At IZT
(Ω)
ZZK
(Ω)
at
IZK
(mA)
IR
(μA)
at VR
(V)
Surge Current
at
TA=25℃
IR(mA)
Maximum
Regulator
Current
(2)
IZM(mA)
MZ1.0GD3V-76
3V3-76
3.14
3.47
76.0
10
400
1
100
1
1380
276
MZ1.0GD3V-69
3V6-69
3.42
3.78
69.0
10
400
1
100
1
1260
252
MZ1.0GD3V-64
3V9-64
3.7
4.1
64.0
9
400
1
50
1
1190
234
MZ1.0GD4V-58
4V3-58
4.08
4.52
58.0
9
400
1
10
1
1070
217
MZ1.0GD4V-57
4V7-57
4.46
4.94
53.0
8
500
1
10
1
970
193
MZ1.0GD5V—49
5V1-49
4.84
5.36
49.0
7
550
1
10
1
890
178
MZ1.0GD5V-45
5V6-45
5.32
5.88
45.0
5
600
1
10
2
810
162
MZ1.0GD6V-41
6V2-41
5.89
6.51
41.0
2
700
1
10
3
730
146
MZ1.0GD6V-37
6V8-37
6.46
7.14
37.0
3.5
700
1
10
4
660
133
MZ1.0GD7V-34
7V5-34
7.13
7.88
34.0
4
700
0.5
10
5
605
121
MZ1.0GD8V-31
8V2-31
7.79
8.61
31.0
4.5
700
0.5
10
6
550
110
MZ1.0GD9V-28
9V1-28
8.65
9.56
28.0
5
700
0.5
10
7
500
100
MZ1.0GD10V-25
10V-25
9.5
10.5
25.0
7
700
0.25
10
7.6
454
91
MZ1.0GD11V-23
11V-23
10.45
11.5
23.0
8
700
0.25
5
8.4
414
83
MZ1.0GD12V-21
12V-21
11.4
12.6
21.0
9
700
0.25
5
9.1
380
76
MZ1.0GD13V-19
13V-19
12.35
13.65
19.0
10
700
0.25
5
9.9
344
69
MZ1.0GD15V-17
15V-17
14.25
15.75
17.0
14
700
0.25
5
11.4
304
61
MZ1.0GD16V-15.5
16V-15.5
15.2
16.8
15.5
16
700
0.25
5
12.2
285
57
MZ1.0GD18V-14
18V-14
17.1
18.9
14.0
20
750
0.25
5
13.7
250
50
MZ1.0GD20V-12.5
20V-12.5
19
21
12.5
22
750
0.25
5
15.2
225
45
MZ1.0GD22V-11.5
22V-11.5
20.9
23.1
11.5
23
750
0.25
5
16.7
205
41
MZ1.0GD24V-106
10.624V-
22.8
25.2
10.5
25
750
0.25
5
18.2
190
38
MZ1.0GD27V-9.5
279.5V-
25.65
28.35
9.5
35
750
0.25
5
20.6
170
34
MZ1.0GD30V-8.5
30V8.5-
28.5
31.5
8.5
40
1000
0.25
5
22.8
150
30
MZ1.0GD33V-7.5
33V-7.5
31.35
34.65
7.5
45
1000
0.25
5
25.1
135
27
MZ1.0GD36V-7.0
36V-7.0
34.4
37.6
7.0
50
1000
0.25
5
27.4
125
25
MZ1.0GD39V-6.5
39V-6.5
37.05
40.95
6.5
60
1000
0.25
5
29.7
115
23
MZ1.0GD43V-6.0
43V-6.0
40.85
45.15
6.0
70
1500
0.25
5
32.7
110
22
MZ1.0GD47V-5.5
47V-5.5
44.65
49.35
5.5
80
1500
0.25
5
35.8
95
19
MZ1.0GD51V-5.0
51V-5.0
48.46
53.55
5.0
95
1500
0.25
5
38.8
90
18
MZ1.0GD56V-4.5
56V-4.45
53.2
58.8
4.5
110
2000
0.25
5
42.6
80
16
MZ1.0GD62V-4.0
62V-4.0
58.9
65.1
4.0
125
2000
0.25
5
47.1
70
14
MZ1.0GD68V-3.7
68V-3.7
64.6
71.4
3.7
150
2000
0.25
5
51.7
65
13
MZ1.0GD75V-3.3
75V-3.3
71.25
78.75
3.3
175
2000
0.25
5
56
60
12
MZ1.0GD82V-3.0
82V-3.0
77.9
86.1
3.0
200
3000
0.25
5
62.2
55
11
MZ1.0GD91V-2.8
91V-2.8
86.45
85.55
2.8
250
3000
0.25
5
69.2
50
10
MZ1.0GD100V-2.5
100V-2.5
95
105
2.5
350
3000
0.25
5
76
45
9
Notes:
(1). The Zener impedance is derived from the 1KHz AC voltage which results when an AC current having an RMS value equal to 10% of the
Zener current (IZT or IZK) is superimposed on IZT or IZK . Zener impedances is measured at two point to insure a sharp knee on the breakdown
(2). Valid provided that electrodes are kept at ambient temperature.
(3). Measured under thermal equilibrium and DC test fonditions.
(4). Standard Zener Voltage tolerance is ±5%. Add suffix “A” for ±10% tolerance.
MZ1.0GD3V3 THRUMZ1.0GD100


Similar Part No. - MZ1.0GD33V-7.5

ManufacturerPart #DatasheetDescription
logo
MIC GROUP RECTIFIERS
MZ1.0GM100V MIC-MZ1.0GM100V Datasheet
58Kb / 5P
   SURFACE MOUNT GLASS PASSIVATED ZENER DIODE
MZ1.0GM10V MIC-MZ1.0GM10V Datasheet
58Kb / 5P
   SURFACE MOUNT GLASS PASSIVATED ZENER DIODE
MZ1.0GM11V MIC-MZ1.0GM11V Datasheet
58Kb / 5P
   SURFACE MOUNT GLASS PASSIVATED ZENER DIODE
MZ1.0GM12V MIC-MZ1.0GM12V Datasheet
58Kb / 5P
   SURFACE MOUNT GLASS PASSIVATED ZENER DIODE
MZ1.0GM13V MIC-MZ1.0GM13V Datasheet
58Kb / 5P
   SURFACE MOUNT GLASS PASSIVATED ZENER DIODE
More results

Similar Description - MZ1.0GD33V-7.5

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SMAJ4736A-TP MCC-SMAJ4736A-TP Datasheet
452Kb / 4P
   1 Watt Zener Diode Zener Diode
logo
AiT Semiconductor Inc.
BZX84C2V4 AITSEMI-BZX84C2V4 Datasheet
453Kb / 8P
   ZENER DIODE ZENER VOLTAGE REGULATOR DIODE
REV1.1
logo
Micro Commercial Compon...
DL4733A-TP MCC-DL4733A-TP Datasheet
254Kb / 4P
   1 Watt Zener Diode Zener Diode
logo
Rohm
FTZ56E ROHM-FTZ56E Datasheet
53Kb / 2P
   Zener diode
UDZ ROHM-UDZ Datasheet
58Kb / 3P
   Zener diode
PTZ7.5B ROHM-PTZ7.5B Datasheet
227Kb / 5P
   Zener diode
PTZ3.9B ROHM-PTZ3.9B Datasheet
229Kb / 5P
   Zener diode
PTZ6.8B ROHM-PTZ6.8B Datasheet
228Kb / 5P
   Zener diode
logo
SHENZHEN YONGERJIA INDU...
1N5221B WINNERJOIN-1N5221B Datasheet
483Kb / 5P
   Zener diode
logo
Leshan Radio Company
LEDZ2-4BT1G LRC-LEDZ2-4BT1G_15 Datasheet
401Kb / 5P
   Zener diode
LEDZ11BT1G LRC-LEDZ11BT1G_15 Datasheet
167Kb / 5P
   Zener diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com