Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MZ1.0PB47V-8.0 Datasheet(PDF) 4 Page - MIC GROUP RECTIFIERS

Part # MZ1.0PB47V-8.0
Description  SURFACE MOUNT GALSS PASSIVATED ZENER DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

MZ1.0PB47V-8.0 Datasheet(HTML) 4 Page - MIC GROUP RECTIFIERS

  MZ1.0PB47V-8.0 Datasheet HTML 1Page - MIC GROUP RECTIFIERS MZ1.0PB47V-8.0 Datasheet HTML 2Page - MIC GROUP RECTIFIERS MZ1.0PB47V-8.0 Datasheet HTML 3Page - MIC GROUP RECTIFIERS MZ1.0PB47V-8.0 Datasheet HTML 4Page - MIC GROUP RECTIFIERS  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
SURFACE MOUNT GALSS PASSIVATED ZENER DIODE
E-mail: sales@cnmic.com
Web Site: www.cnmic.com
Zener Voltage
11 to 200 Volts
MZ1.5PB11V-34.1 THRU MZ1.5PB200V-1.9
Steady state Power
1.5 Watts
Vz,ZENER VOLTAGE(VOLTS)
PW, PULSE WIDTH(ms)
FIG.7- Vz=12 thru 82 Volts
FIG.6- Maximum Surge Power
NOTE 7. ZENER IMPEDANCE (Zz)DERIVATION
Zzt anc Zzk are measured by dividing the ac voltage
drop across the device by the accurrent applied.
The specified limits are for Iz(ac)=0.1 lz, (dc)with
the ac freqency = 60Hz
z
NOTE 6. ZENER VOLTAGE (V ) MEASUREMENT
Nominal zener voltage is measured with the device
function in thermal equilibrium with ambient
temperature at 25℃
J
RECTANGULAR
NONREPETITIVE
WAVEFORM
T =25℃ PRIOR
TO INTIAL PULSE
100
90
80
70
60
50
40
30
20
10
0
100
50
30
20
10
5
3
2
1
0.5
0.3
0.2
0.1
100
50
30
20
10
5
3
2
1
0.5
0.3
0.2
0.1
10
20
30
50
100
200
1K
500
300
RATING AND CHARACTERISTIC CURVES MZ1.5PB11V-34.1 THRU MZ1.5PB200V-1.9


Similar Part No. - MZ1.0PB47V-8.0

ManufacturerPart #DatasheetDescription
logo
MIC GROUP RECTIFIERS
MZ1.0PA10V-25 MIC-MZ1.0PA10V-25 Datasheet
49Kb / 2P
   SURFACE MOUNT GALSS PASSIVATED ZENER DIODE
MZ1.0PA10V-25 MIC-MZ1.0PA10V-25 Datasheet
40Kb / 2P
   SURFACE MOUNT GALSS PASSIVATED ZENER DIODE
MZ1.0PA11V-23 MIC-MZ1.0PA11V-23 Datasheet
49Kb / 2P
   SURFACE MOUNT GALSS PASSIVATED ZENER DIODE
MZ1.0PA11V-23 MIC-MZ1.0PA11V-23 Datasheet
40Kb / 2P
   SURFACE MOUNT GALSS PASSIVATED ZENER DIODE
MZ1.0PA12V-21 MIC-MZ1.0PA12V-21 Datasheet
49Kb / 2P
   SURFACE MOUNT GALSS PASSIVATED ZENER DIODE
More results

Similar Description - MZ1.0PB47V-8.0

ManufacturerPart #DatasheetDescription
logo
MIC GROUP RECTIFIERS
MZ1.0PA6.2-41 MIC-MZ1.0PA6.2-41 Datasheet
49Kb / 2P
   SURFACE MOUNT GALSS PASSIVATED ZENER DIODE
MZ1.0PM6.2-41 MIC-MZ1.0PM6.2-41 Datasheet
40Kb / 2P
   SURFACE MOUNT GALSS PASSIVATED ZENER DIODE
logo
Shanghai Lunsure Electr...
RS1A CHENYI-RS1A Datasheet
166Kb / 2P
   SURFACE MOUNT GALSS PASSIVATED JUNCTION RECTIFIER
SF11 CHENYI-SF11 Datasheet
153Kb / 2P
   SURFACE MOUNT GALSS PASSIVATED JUNCTION RECTIFIER
S1A CHENYI-S1A Datasheet
200Kb / 2P
   SURFACE MOUNT GALSS PASSIVATED JUNCTION RECTIFIER
SM4001 CHENYI-SM4001 Datasheet
142Kb / 2P
   SURFACE MOUNT GALSS PASSIVATED JUNCTION RECTIFIER
S2A CHENYI-S2A Datasheet
156Kb / 2P
   SURFACE MOUNT GALSS PASSIVATED JUNCTION RECTIFIER
logo
Shenzhen Yixinwei Techn...
S1A YIXIN-S1A Datasheet
278Kb / 2P
   SURFACE MOUNT GALSS PASSIVATED JUNCTION RECTIFIER
logo
MIC GROUP RECTIFIERS
MZ1.0GM3V9-100 MIC-MZ1.0GM3V9-100 Datasheet
58Kb / 5P
   SURFACE MOUNT GLASS PASSIVATED ZENER DIODE
logo
Taiwan Semiconductor Co...
1SMA6V8 TSC-1SMA6V8 Datasheet
254Kb / 3P
   Surface Mount Glass Passivated Zener Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com