Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MZO.5GN30V-4.2 Datasheet(PDF) 2 Page - MIC GROUP RECTIFIERS

Part # MZO.5GN30V-4.2
Description  ZENER DIODE
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

MZO.5GN30V-4.2 Datasheet(HTML) 2 Page - MIC GROUP RECTIFIERS

  MZO.5GN30V-4.2 Datasheet HTML 1Page - MIC GROUP RECTIFIERS MZO.5GN30V-4.2 Datasheet HTML 2Page - MIC GROUP RECTIFIERS MZO.5GN30V-4.2 Datasheet HTML 3Page - MIC GROUP RECTIFIERS MZO.5GN30V-4.2 Datasheet HTML 4Page - MIC GROUP RECTIFIERS MZO.5GN30V-4.2 Datasheet HTML 5Page - MIC GROUP RECTIFIERS MZO.5GN30V-4.2 Datasheet HTML 6Page - MIC GROUP RECTIFIERS MZO.5GN30V-4.2 Datasheet HTML 7Page - MIC GROUP RECTIFIERS  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
ZENER DIODE
E-mail: sales@cnmic.com
Web Site: www.cnmic.com
ELECTRICAL CHARACTERISTIC
Ratings at 25℃ ambient temperature unless otherwise specified
Dynamic Resistance
Zener Valtage
(2)
Vz(v)
(△Vz<=±5% )
(4)
f=1KHz
ZZT(Ω)
At IZT
f=1KHZ
IZK=0.25Ma
ZZK(Ω)
Temp coeff of
Zener
Volotage
αVz(%/k)
Reverse
leakage
current
IR(Μa)
Admissible
Zener
Current
(3)
IZT(Ma)
Type
Device
Marking
Code
at
Izt(mA)
MAX
MIN
MA
X
VR(V
A)
MAX
MZO.5GN2V0-20
2V0-20
2.0
20
38
1500
150
0.5
205
MZO.5GN2V2-20
2V2-20
2.2
20
35
1500
150
0.5
192
MZO.5GN2V4-20
2V4-20
2.4
20
32
1200
100
0.7
189
MZO.5GN2V7-20
2V7-20
2.7
20
30
1300
-0.08…-0.06
75
0.7
165
MZO.5GN3V0-20
3V0-20
3.0
20
29
1600
-0.08…-0.06
50
1
152
MZO.5GN3V3-20
3V3-20
3.3
20
28
1600
-0.08…-0.05
25
1
138
MZO.5GN3V6-20
3V6-20
3.6
20
24
1700
-0.08…-0.04
15
1
126
MZO.5GN3V9-20
3V9-20
3.9
20
23
1900
-0.07…-0.03
10
1
115
MZO.5GN4V3-20
4V3-20
4.3
20
22
2000
-0.04…-0.01
5
1
106
MZO.5GN4V7-20
4V7-20
4.7
20
19
1900
-0.03…-0.01
5
2
97
MZO.5GN5V1-20
5V1-20
5.1
20
17
1600
-0.02…-0.05
5
2
89
MZO.5GN5V6-20
5V6-20
5.6
20
11
1600
-0.01…-0.06
5
3
81
MZO.5GN6V0-20
6V0-20
6.0
20
7
1600
-0.01…-0.07
5
3.5
76
MZO.5GN6V2-20
6V2-20
6.2
20
7
1000
-0…-0.07
5
4
73
MZO.5GN6V8-20
6V8-20
6.8
20
5
750
+0.01...+0.08
3
5
67
MZO.5GN7V5-20
7V5-20
7.5
20
6
500
+0.01…+0.09
3
6
61
MZO.5GN8V2-20
8V2-20
8.2
20
8
500
+0.01…+0.09
3
6.5
55
MZO.5GN8V7-20
8V7-20
8.7
20
8
600
+0.01…+0.10
3
6.5
52
MZO.5GN9V1-20
9V1-20
9.1
20
10
600
+0.02…+0.10
3
7
50
MZO.5GN10V-20
10V-20
10
20
17
600
+0.03…+0.11
3
8
45
MZO.5GN11V-20
11V-20
11
20
22
600
+0.03…+0.11
2
8.4
41
MZO.5GN12V-20
12V-20
12
20
30
600
+0.03…+0.11
1
9.1
38
MZO.5GN13V-9.5
13V-9.5
13
9.5
13
600
+0.03…+0.11
0.5
9.9
35
MZO.5GN14V-9.0
14V-9.0
14
9
15
600
+0.03…+0.11
0.5
10
32
MZO.5GN15V-8.5
15V-8.5
15
8.5
16
600
+0.03…+0.11
0.1
11
30
MZO.5GN16V-7.8
16V-7.8
16
7.8
17
600
+0.03…+0.11
0.1
12
28
MZO.5GN17V-7.4
17V-7.4
17
7.4
19
600
+0.03…+0.11
0.1
13
27
MZO.5GN18V-7.0
18V-7.0.
18
7
21
600
+0.03…+0.11
0.1
14
25
MZO.5GN19V-6.6
19V-6.6
19
6.6
23
600
+0.03…+0.11
0.1
14
24
MZO.5GN20V-6.2
20V-6.2
20
6.2
25
600
+0.03…+0.11
0.1
15
23
MZO.5GN22V-5.6
22V-5.6
22
5.6
29
600
+0.03…+0.11
0.1
17
21
MZO.5GN24V-5.2
24V-5.2
24
5.2
33
600
+0.04…+0.12
0.1
18
19.1
MZO.5GN25V-5.0
25V-5.0
25
5
35
600
+0.03…+0.12
0.1
19
18.2
MZO.5GN27V-4.6
27V-4.6
27
4.6
41
600
+0.04…+0.12
0.1
21
16.8
MZO.5GN28V-4.5
28V-4.5
28
4.5
44
600
+0.03…+0.12
0.1
21
16.2
MZO.5GN30V-4.2
30V-4.2
30
4.2
49
600
+0.04…+0.12
0.1
23
15.1
MZO.5GN33V-3.8
33V-3.8
33
3.8
58
700
+0.04…+0.12
0.1
25
13.8
MZO.5GN36V-3.4
36V-3.4
36
3.4
70
700
+0.04…+0.12
0.1
27
12.6
MZO.5GN39V-3.2
39V-3.2
39
3.2
80
800
+0.04…+0.12
0.1
30
11.6
MZO.5GN43V-3
43V-3
43
3
93
900
+0.04…+0.13
0.1
33
10.6
MZO.5GN47V-2.7
47V-2.7
47
2.7
105
1000
+0.05…+0.13
0.1
36
9.7
MZO.5GN51V-2.5
51V-2.5
51
2.5
125
1100
+0.05…+0.14
0.1
39
8.9
MZO.5GN56V-2.2
56V-2.2
56
2.2
150
1300
+0.05…+0.14
0.1
43
-
MZO.5GN60V-2.1
60V-2.1
60
2.1
170
1400
+0.05…+0.15
0.1
46
-
MZO.5GN62V-2.0
62V-2.0
62
2
185
1500
+0.05…+0.15
0.1
47
-
MZO.5GN68V-1.8
68V-1.8
68
1.8
230
1600
+0.05…+0.15
0.1
52
-
MZO.5GN75V-1.7
75V-1.7
75
1.7
270
1700
+0.05…+0.15
0.1
56
-
MZ0.5GE2V0-20 THRU MZ0.5GE75V-1.7
MZ0.5GN SERIES
MZ0.5GE2V
THRU MZ0.5GE75V


Similar Part No. - MZO.5GN30V-4.2

ManufacturerPart #DatasheetDescription
logo
MIC GROUP RECTIFIERS
MZO.5GE10V MIC-MZO.5GE10V Datasheet
109Kb / 7P
   ZENER DIODE
MZO.5GE10V-20 MIC-MZO.5GE10V-20 Datasheet
109Kb / 7P
   ZENER DIODE
MZO.5GE11V MIC-MZO.5GE11V Datasheet
109Kb / 7P
   ZENER DIODE
MZO.5GE11V-20 MIC-MZO.5GE11V-20 Datasheet
109Kb / 7P
   ZENER DIODE
MZO.5GE12V MIC-MZO.5GE12V Datasheet
109Kb / 7P
   ZENER DIODE
More results

Similar Description - MZO.5GN30V-4.2

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SMAJ4736A-TP MCC-SMAJ4736A-TP Datasheet
452Kb / 4P
   1 Watt Zener Diode Zener Diode
logo
AiT Semiconductor Inc.
BZX84C2V4 AITSEMI-BZX84C2V4 Datasheet
453Kb / 8P
   ZENER DIODE ZENER VOLTAGE REGULATOR DIODE
REV1.1
logo
Micro Commercial Compon...
DL4733A-TP MCC-DL4733A-TP Datasheet
254Kb / 4P
   1 Watt Zener Diode Zener Diode
logo
Rohm
FTZ56E ROHM-FTZ56E Datasheet
53Kb / 2P
   Zener diode
UDZ ROHM-UDZ Datasheet
58Kb / 3P
   Zener diode
PTZ7.5B ROHM-PTZ7.5B Datasheet
227Kb / 5P
   Zener diode
PTZ3.9B ROHM-PTZ3.9B Datasheet
229Kb / 5P
   Zener diode
PTZ6.8B ROHM-PTZ6.8B Datasheet
228Kb / 5P
   Zener diode
logo
SHENZHEN YONGERJIA INDU...
1N5221B WINNERJOIN-1N5221B Datasheet
483Kb / 5P
   Zener diode
logo
Leshan Radio Company
LEDZ2-4BT1G LRC-LEDZ2-4BT1G_15 Datasheet
401Kb / 5P
   Zener diode
LEDZ11BT1G LRC-LEDZ11BT1G_15 Datasheet
167Kb / 5P
   Zener diode
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com