Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MZ0.5GN5V1 Datasheet(PDF) 1 Page - MIC GROUP RECTIFIERS

Part # MZ0.5GN5V1
Description  ZENER DIODE
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

MZ0.5GN5V1 Datasheet(HTML) 1 Page - MIC GROUP RECTIFIERS

  MZ0.5GN5V1 Datasheet HTML 1Page - MIC GROUP RECTIFIERS MZ0.5GN5V1 Datasheet HTML 2Page - MIC GROUP RECTIFIERS MZ0.5GN5V1 Datasheet HTML 3Page - MIC GROUP RECTIFIERS MZ0.5GN5V1 Datasheet HTML 4Page - MIC GROUP RECTIFIERS MZ0.5GN5V1 Datasheet HTML 5Page - MIC GROUP RECTIFIERS MZ0.5GN5V1 Datasheet HTML 6Page - MIC GROUP RECTIFIERS MZ0.5GN5V1 Datasheet HTML 7Page - MIC GROUP RECTIFIERS  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
ZENER DIODE
E-mail: sales@cnmic.com
Web Site: www.cnmic.com
MZ0.5GE2V0-20 THRU MZ0.5GE75V-1.7
MZ0.5GN SERIES
MZ0.5GE2V
THRU MZ0.5GE75V
TECHHICAL SPECIFICATION
FEATURES
Silicon Planar Power Zener Diodes
The zener voltages are graded according to the
International E24 standard smaller voltage smaller
Voltage tolerances and other zener voltages are
Available upon request.
High Reliability
MINI-MELF glass case(SOD-80)
Weight: Approx. 0.05g
ABSOLUTE MAXIMUM RATINGE: (Ta=25℃)
Parameter
Symbols
Limits
Unit
Power Dissipation at Tamb=75℃
Ptot
500
(1)
mw
Maximum Junction Temperature
Tj
150
Storage Temperature Range
Tstg
-55~+150
Symbols
Min
Typ
Max
Unit
Thermal Resistance Junction to Ambient Air
RthJA
-
-
300
(1)
℃/W
Forward Voltage at IF=100mA
VF
-
-
1.2
Volts
Notes
1.
Valid provided that electrodes are kept at ambient temperature.
2.
Tested with pulse tp=5ms.
3.
At Iz = 2.5mA
4. At Iz = 0.125mA.
D im ensions in inches and (m illim eters)
MINI MELF
0.142(3.6)
0.134(3.4)
0.063(1.6)
0.055(1.4)
0.019(0.48)
0.011(0.28)


Similar Part No. - MZ0.5GN5V1

ManufacturerPart #DatasheetDescription
logo
MIC GROUP RECTIFIERS
MZ0.5GE MIC-MZ0.5GE Datasheet
109Kb / 7P
   ZENER DIODE
MZ0.5GF MIC-MZ0.5GF Datasheet
122Kb / 7P
   ZENER DIODE
MZ0.5GF10V MIC-MZ0.5GF10V Datasheet
122Kb / 7P
   ZENER DIODE
MZ0.5GF11V MIC-MZ0.5GF11V Datasheet
122Kb / 7P
   ZENER DIODE
MZ0.5GF12V MIC-MZ0.5GF12V Datasheet
122Kb / 7P
   ZENER DIODE
More results

Similar Description - MZ0.5GN5V1

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SMAJ4736A-TP MCC-SMAJ4736A-TP Datasheet
452Kb / 4P
   1 Watt Zener Diode Zener Diode
logo
AiT Semiconductor Inc.
BZX84C2V4 AITSEMI-BZX84C2V4 Datasheet
453Kb / 8P
   ZENER DIODE ZENER VOLTAGE REGULATOR DIODE
REV1.1
logo
Micro Commercial Compon...
DL4733A-TP MCC-DL4733A-TP Datasheet
254Kb / 4P
   1 Watt Zener Diode Zener Diode
logo
Rohm
FTZ56E ROHM-FTZ56E Datasheet
53Kb / 2P
   Zener diode
UDZ ROHM-UDZ Datasheet
58Kb / 3P
   Zener diode
PTZ7.5B ROHM-PTZ7.5B Datasheet
227Kb / 5P
   Zener diode
PTZ3.9B ROHM-PTZ3.9B Datasheet
229Kb / 5P
   Zener diode
PTZ6.8B ROHM-PTZ6.8B Datasheet
228Kb / 5P
   Zener diode
logo
SHENZHEN YONGERJIA INDU...
1N5221B WINNERJOIN-1N5221B Datasheet
483Kb / 5P
   Zener diode
logo
Leshan Radio Company
LEDZ2-4BT1G LRC-LEDZ2-4BT1G_15 Datasheet
401Kb / 5P
   Zener diode
LEDZ11BT1G LRC-LEDZ11BT1G_15 Datasheet
167Kb / 5P
   Zener diode
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com