Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D051212T-2W Datasheet(PDF) 2 Page - MORNSUN Science& Technology Ltd.

Part # D051212T-2W
Description  TWIN OUTPUT ULTRAMINIATURE SMD PACKAGE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

D051212T-2W Datasheet(HTML) 2 Page - MORNSUN Science& Technology Ltd.

  D051212T-2W Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. D051212T-2W Datasheet HTML 2Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MORNSUN reserves the copyright
Specifications subject to change without notice.
D_T-2W
A/0-2008
Page 2 of 2
COMMON SPECIFICATIONS
APPLICATION NOTE
Item
Test Conditions
Min
Typ
Max
Units
Storage humidity
95
%
Operating temperature
-40
85
Storage temperature
-55
125
Temp. rise at full load
15
25
Lead temperature
1.5mm from case for 10 seconds
260
°C
Short circuit protection*
1
S
Cooling
Free air convection
package material
Plastic (UL94-V0)
MTBF
3500
K hours
Weight
2.1
g
*Supply voltage must be discontinued at the end of short circuit duration.
TYPICAL CHARECTERISTICS
Ambient Temperature C
(
)
RECOMMENDED REFLOW SOLDERING PROFILE
0
50
100
150
200
250
Ti me ( s ec .)
22 0C
o
1 0
M ax
S ec
26 0C
o
90
Max
( >220 C)
o
Sec
OUTLINE DIMENSIONS& RECOMMENDED FOOTPRINT
12
3
5 67
8
9
10
12
13
14
1.27
0.25
2.75
17.78 (0.700)
FOOTPRINT DETAILS
1
2
6
5
Vin
GND
Vo1
0V1
9
Vo2
Function
NC:No connection
1 2 3
6
5
13 12
8
0.50
5. 00
15.24 (0.600)
(0.02 0)
9
10
10
NC
1.0
(0.05 0)
(0.01 0)
(0.10 8)
7
14
0V2
Others
RECOMMENDED FOOTPRINT
Top view,grid :2.54mm(0 .1inch)
Note:
Unit:mm(inch)
Pin sect io n:0.60*0. 25mm(0.024 *0. 010inch)
Pin sect io n tolera nces: 0. 10mm( 0.004inch)
General t olera nces: 0.1 5mm( 0.006 in ch)
First Angle Projection
0.25
1.30 0.13
(0.051)
0.005
2.0
(0.039)
A
A
Requirement On Output Load
To ensure this module can operate efficiently and
reliably, a minimum load is specified for this kind of
DC/DC converter in addition to a maximum load
(namely full load). During operation, make sure the
specified range of input voltage is not exceeded, the
minimum output load is not less than 10% of the full
load, and that this product should never be operated
under no load! If the actual output power is very small,
please connect a resistor with proper resistance at the
output end in parallel to increase the load, or use our
company
’s products with a lower rated output power
(D_T
–1W).
Recommended testing circuit
If you want to further decrease the input/output ripple,
an
“LC” filtering network may be connected to the input
and output ends of the DC/DC converter, see (Figure1).
(Figure 1)
Vin
GND
+Vo1
0V1
DC
C
L
DC
C
+Vo2
0V2
L
C
L
It should also be noted that the inductance and the
frequency of the
“LC” filtering network should be
staggered with the DC/DC frequency to avoid mutual
interference. However, the capacitance of the output
filter capacitor must be proper. If the capacitance is too
big, a startup problem might arise. For every channel of
output, provided the safe and reliable operation is
ensured, the greatest capacitance of its filter capacitor
sees (Table 1).
EXTERNAL CAPACITOR TABLE (TABLE 1)
Vin
(VDC)
Cin
(uF)
Vout
(VDC)
Cout
(uF)
5
4.7
5
4.7
12
2.2
9
2.2
-
-
12
1
-
-
15
0.74
It
’s not recommended to connect any external capacitor in the
application field with less than 0.5 watt output.
Output
Voltage
Regulation
and
Over-voltage
Protection Circuit
The simplest device for output voltage regulation,
over-voltage and over-current protection is a linear
voltage regulator with overheat protection that is
connected to the input or output end in series (Figure2).
Vin
GND
REG
Vin
GND
REG
Vo1
0V1
Vo1
0V1
DC
DC
DC
DC
Vo2
0V2
REG
Vo2
0V2
(Figure2)
Overload Protection
Under normal operating conditions, the output circuit
of these products has no protection against overload.
The simplest method is to connect a self-recovery fuse
in series at the input end or add a circuit breaker to the
circuit.
No parallel connection or plug and play.


Similar Part No. - D051212T-2W

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
D051212T-1W MORNSUN-D051212T-1W Datasheet
119Kb / 2P
   TWIN OUTPUT ULTRAMINIATURE SMD PACKAGE
logo
Crystek Corporation
D051212T-1W CRYSTEKCRYSTAL-D051212T-1W Datasheet
292Kb / 3P
   1W, FIXED INPUT, ISOLATED & UNREGULATED TWIN OUTPUT ULTRAMINIATURE SMD PACKAGE DC-DC CONVERTER
More results

Similar Description - D051212T-2W

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
D050505T-1W MORNSUN-D050505T-1W Datasheet
119Kb / 2P
   TWIN OUTPUT ULTRAMINIATURE SMD PACKAGE
logo
Microdc power Technolog...
2D-NXT MICRODC-2D-NXT Datasheet
582Kb / 4P
   2W, FIXED INPUT, ISOLATED & UNREGULATED TWIN OUTPUT ULTRAMINIATURE SMD PACKAGE DC-DC CONVERTER
logo
Crystek Corporation
D050505T-1W CRYSTEKCRYSTAL-D050505T-1W_12 Datasheet
292Kb / 3P
   1W, FIXED INPUT, ISOLATED & UNREGULATED TWIN OUTPUT ULTRAMINIATURE SMD PACKAGE DC-DC CONVERTER
logo
RSG Electronic Componen...
B0505LT-2W RSG-B0505LT-2W Datasheet
106Kb / 2P
   FIXED INPUT ISOLATED & UNREGULATED 2W SINGLE OUTPUT ULTRAMINIATURE SMD PACKAGE
logo
Picker Components
PC567 PICKER-PC567_17 Datasheet
328Kb / 2P
   Ultraminiature Automotive PCB Twin Relay
PC567 PICKER-PC567 Datasheet
156Kb / 2P
   Ultraminiature Automotive PCB Twin Power Relay
PC549 PICKER-PC549_17 Datasheet
733Kb / 3P
   Ultraminiature Automotive PCB Twin Power Relay
PC549 PICKER-PC549 Datasheet
163Kb / 2P
   Ultraminiature Automotive PCB Twin Power Relay
PC615 PICKER-PC615 Datasheet
178Kb / 2P
   Ultraminiature Automotive PCB Twin Power Relay
PC619 PICKER-PC619 Datasheet
190Kb / 2P
   Ultraminiature Automotive PCB Twin Power Relay
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com