Electronic Components Datasheet Search |
|
MZ0.5GN11V Datasheet(PDF) 1 Page - MIC GROUP RECTIFIERS |
|
MZ0.5GN11V Datasheet(HTML) 1 Page - MIC GROUP RECTIFIERS |
1 / 7 page ZENER DIODE E-mail: sales@cnmic.com Web Site: www.cnmic.com MZ0.5GE2V0-20 THRU MZ0.5GE75V-1.7 MZ0.5GN SERIES MZ0.5GE2V THRU MZ0.5GE75V TECHHICAL SPECIFICATION FEATURES • Silicon Planar Power Zener Diodes • The zener voltages are graded according to the International E24 standard smaller voltage smaller Voltage tolerances and other zener voltages are Available upon request. • High Reliability • MINI-MELF glass case(SOD-80) • Weight: Approx. 0.05g ABSOLUTE MAXIMUM RATINGE: (Ta=25℃) Parameter Symbols Limits Unit Power Dissipation at Tamb=75℃ Ptot 500 (1) mw Maximum Junction Temperature Tj 150 ℃ Storage Temperature Range Tstg -55~+150 ℃ Symbols Min Typ Max Unit Thermal Resistance Junction to Ambient Air RthJA - - 300 (1) ℃/W Forward Voltage at IF=100mA VF - - 1.2 Volts Notes 1. Valid provided that electrodes are kept at ambient temperature. 2. Tested with pulse tp=5ms. 3. At Iz = 2.5mA 4. At Iz = 0.125mA. D im ensions in inches and (m illim eters) MINI MELF 0.142(3.6) 0.134(3.4) 0.063(1.6) 0.055(1.4) 0.019(0.48) 0.011(0.28) |
Similar Part No. - MZ0.5GN11V |
|
Similar Description - MZ0.5GN11V |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |