Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D241212NS-1W Datasheet(PDF) 1 Page - MORNSUN Science& Technology Ltd.

Part # D241212NS-1W
Description  TWIN OUTPUT DC-DC CONVERTER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

D241212NS-1W Datasheet(HTML) 1 Page - MORNSUN Science& Technology Ltd.

  D241212NS-1W Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. D241212NS-1W Datasheet HTML 2Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MORNSUN reserves the copyright
Specifications subject to change without notice.
D_(N)S-1W&D_(N)D-1W
A/1-2008
Page 1 of 2
D_(N)S-1W & D_(N)D-1W Series
1W, FIXED INPUT ISOLATED & UNREGULATED
TWIN OUTPUT DC-DC CONVERTER
RoHS
FEATURES
PRODUCT PROGRAM
Input
output
Voltage (VDC)
Current (mA)
Part
number
Nominal
Range
Voltage
(VDC)
Max
Min
Efficiency
(%, Typ)
Certificate
D050505(N)S-1W
5
100
10
70
UL
D050909(N)S-1W
9
56
6
76
UL
D051212(N)S-1W
12
42
4
77
UL
D051515(N)S-1W
15
33
3
78
UL
D050505(N)D-1W
5
100
10
70
UL
D050909(N)D-1W
9
56
6
76
UL
D051212(N)D-1W
12
42
4
77
UL
D051515(N)D-1W
5
4.5-5.5
15
33
3
78
UL
D120505(N)S-1W
5
100
10
72
UL
D120909(N)S-1W
9
56
6
78
UL
D121212(N)S-1W
12
42
4
78
UL
D121515(N)S-1W
15
33
3
80
UL
D120505(N)D-1W
5
100
10
72
UL
D120909(N)D-1W
9
56
6
78
UL
D121212(N)D-1W
12
42
4
78
UL
D121515(N)D-1W
12
10.8-13.2
15
33
3
80
UL
D240505(N)S-1W
5
100
10
71
UL
D240909(N)S-1W
9
56
6
74
UL
D241212(N)S-1W *
12
42
4
76
UL
D241515(N)S-1W *
15
33
3
76
UL
D240505(N)D-1W
5
100
10
71
UL
D240909(N)D-1W
9
56
6
74
UL
D241212(N)D-1W *
12
42
4
76
UL
D241515(N)D-1W *
24
21.6-26.4
15
33
3
76
UL
* Designing.
D_NS/ND-1W series: UL pending.
COMMON SPECIFICATIONS
Item
Test conditions
Min
Typ
Max
Units
Storage humidity
95
%
Operating temperature
-40
85
Storage temperature
-55
125
Lead temperature
1.5mm from case for 10 seconds
300
Temp. rise at full load
15
25
°C
Short circuit protection*
1
s
Cooling
Free air convection
Case material
Plastic (UL94-V0)
MTBF
3500
K hours
Weight
2.3
g
High Efficiency up to 80%
Small Footprint
1KVDC Isolation
Temperature Range: -40
°C to +85°C
Internal SMD Construction
No External Component Required
Industry Standard Pinout
RoHS Compliance
APPLICATIONS
The D_(N)S-1W & D_(N)D-1W Series are
specially designed for applications where a
group of polar power supplies are isolated from
the input power supply in a distributed power
supply system on a circuit board.
These products apply to:
1) Where the voltage of the input power supply
is fixed (voltage variation
≤ ±10%);
2) Where isolation is necessary between input
and output (isolation voltage
≤1000VDC);
3) Where the regulation of the output voltage
and
the
output
ripple
noise
are
not
demanding.
Such as: purely digital circuits, ordinary low
frequency analog circuits, and IGBT power
device driving circuits.
MODEL SELECTION
D050505S-1W
Product Series
Input Voltage
The 1st Output Voltage
Package Style
Rated P ower
The 2nd O utput Voltage
MORNSUN Science & Technology co.,Ltd.
Address: 2th floor 6th building, Huangzhou
Industrial District, Guangzhou, China
Tel: 86-20-38601850
Fax:86-20-38601272
Http://www.mornsun-power.com
*Supply voltage must be discontinued at the end of short circuit duration.


Similar Part No. - D241212NS-1W

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
D241212(N)D-1W MORNSUN-D241212(N)D-1W Datasheet
319Kb / 3P
   UNREGULATED TWIN OUTPUT DC-DC CONVERTER
D241212(N)S-1W MORNSUN-D241212(N)S-1W Datasheet
319Kb / 3P
   UNREGULATED TWIN OUTPUT DC-DC CONVERTER
logo
Guangzhou Reicu Electro...
D241212S-1W REICU-D241212S-1W Datasheet
2Mb / 1P
   1600VDC Isolated 1W Double Output SIP-Package
REV:3.1
logo
MORNSUN Science& Techno...
D241212S-2W MORNSUN-D241212S-2W Datasheet
248Kb / 2P
   TWIN OUTPUT DC-DC CONVERTER
logo
Guangzhou Reicu Electro...
D241212S-2W REICU-D241212S-2W Datasheet
1Mb / 1P
   1600VDC Isolated 2W Double Output SIP-Package
REV:3.1
More results

Similar Description - D241212NS-1W

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
D030505M-1W MORNSUN-D030505M-1W Datasheet
125Kb / 3P
   TWIN OUTPUT DC-DC CONVERTER
D050505S-2W MORNSUN-D050505S-2W Datasheet
248Kb / 2P
   TWIN OUTPUT DC-DC CONVERTER
D242323S-1W3-ZK MORNSUN-D242323S-1W3-ZK Datasheet
610Kb / 4P
   TWIN OUTPUT DC-DC CONVERTER
ED120512S-1W MORNSUN-ED120512S-1W Datasheet
233Kb / 2P
   TWIN INDEPENDENT OUTPUT DC-DC CONVERTER
D051212S-1W MORNSUN-D051212S-1W Datasheet
319Kb / 3P
   UNREGULATED TWIN OUTPUT DC-DC CONVERTER
WRD050505MP-3W MORNSUN-WRD050505MP-3W Datasheet
117Kb / 2P
   TWIN OUTPUT DIP DC-DC CONVERTER
WRD050505S-1W MORNSUN-WRD050505S-1W Datasheet
123Kb / 2P
   TWIN OUTPUT SIP DC-DC CONVERTER
ED0505S-1W MORNSUN-ED0505S-1W Datasheet
247Kb / 2P
   TWIN INDEPENDENT OUTPUT DC-DC CONVERTER
logo
Microdc power Technolog...
D-XNM MICRODC-D-XNM Datasheet
418Kb / 3P
   1W,FIXED INPUT,1000V ISOLATED UNREGULATED TWIN OUTPUT DC-DC CONVERTER
logo
Toppower Electronic Tec...
TPD-3W TOPPOWER-TPD-3W Datasheet
716Kb / 3P
   3W Wide Input Isolated & Regulated twin Output Dip Dc-Dc Converter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com