Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MZ0.5GF36V Datasheet(PDF) 3 Page - MIC GROUP RECTIFIERS

Part # MZ0.5GF36V
Description  ZENER DIODE
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

MZ0.5GF36V Datasheet(HTML) 3 Page - MIC GROUP RECTIFIERS

  MZ0.5GF36V Datasheet HTML 1Page - MIC GROUP RECTIFIERS MZ0.5GF36V Datasheet HTML 2Page - MIC GROUP RECTIFIERS MZ0.5GF36V Datasheet HTML 3Page - MIC GROUP RECTIFIERS MZ0.5GF36V Datasheet HTML 4Page - MIC GROUP RECTIFIERS MZ0.5GF36V Datasheet HTML 5Page - MIC GROUP RECTIFIERS MZ0.5GF36V Datasheet HTML 6Page - MIC GROUP RECTIFIERS MZ0.5GF36V Datasheet HTML 7Page - MIC GROUP RECTIFIERS  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
ZENER DIODE
E-mail: sales@cnmic.com
Web Site: www.cnmic.com
ELECTRICAL CHARACTERISTIC
Ratings at 25℃ ambient temperature unless otherwise specified
Dynamic Resistance
Zener Valtage
(2)
Vz(v)
(△Vz<=±5% )
(4)
f=1KHz
ZZT(Ω)
At IZT
f=1KHZ
IZK=0.25Ma
ZZK(Ω)
Temp coeff of
Zener
Volotage
αVz(%/k)
Reverse
leakage
current
IR(Μa)
Admissible
Zener
Current
(3)
IZT(Ma)
Type
Device
Marking
Code
MAX
MIN
M
A
VR(V
A)
MAX
MZ0.5GF2V0
2V0
2.0
100
2000
15
0.5
150
MZ0.5GF2V2
2V2
2.2
100
2000
15
0.5
145
MZ0.5GF2V4
2V4
2.4
100
1800
10
0.7
140
MZ0.5GF2V7
2V7
2.7
100
1900
-0.08…-0.06
75
0.7
135
MZ0.5GF3V0
3V0
3.0
95
2000
-0.08…-0.06
50
1
125
MZ0.5GF3V3
3V3
3.3
95
2200
-0.08…-0.05
25
1
115
MZ0.5GF3V6
3V6
3.6
90
2300
-0.08…-0.04
15
1
105
MZ0.5GF3V9
3V9
3.9
90
2400
-0.07…-0.03
10
1
95
MZ0.5GF4V3
4V3
4.3
88
2500
-0.04…-0.01
5
1
90
MZ0.5GF4V7
4V7
4.7
70
2200
-0.03…-0.01
3
1.5
85
MZ0.5GF5V1
5V1
5.1
50
2050
-0.02…0.05
2
2
80
MZ0.5GF5V6
5V6
5.6
25
1800
-0.01…-0.06
2
3
70
MZ0.5GF6V2
6V2
6.2
10
1300
0…0.07
1
4
64
MZ0.5GF6V8
6V8
6.8
8
750
+0.01…+0.08
1
5.2
58
MZ0.5GF7V5
7V5
7.5
7
600
+0.01…+0.09
0.5
6
53
MZ0.5GF8V2
8V2
8.2
7
600
+0.01…+0.0.9
0.5
6.4
47
MZ0.5GF9V1
9V1
9.1
10
600
+0.02…+0.10
0.1
7
43
MZ0.5GF10V
10V
10
15
600
+0.03…+0.11
0.1
8
40
MZ0.5GF11V
11V
11
18
600
+0.03…+0.11
0.1
8.1
36
MZ0.5GF12V
12V
12
22
600
+0.03…+0.11
0.1
9.1
32
MZ0.5GF13V
13V
13
25
600
+0.03…+0.11
0.1
9.9
29
MZ0.5GF15V
15V
15
32
600
+0.03…+0.11
0.1
11
27
MZ0.5GF16V
16V
16
36
600
+0.03…+0.11
0.1
12
24
MZ0.5GF18V
18V
18
42
600
+0.03…+0.11
0.1
14
21
MZ0.5GF20V
20V
20
48
600
+0.03…+0.11
0.1
15
20
MZ0.5GF22V
22V
22
55
600
+0.03…+0.11
0.1
17
18
MZ0.5GF24V
24V
24
62
600
+0.04…+0.12
0.1
18
16
MZ0.5GF27V
27V
27
70
600
+0.04…+0.12
0.1
21
14
MZ0.5GF30V
30V
30
78
600
+0.04…+0.12
0.1
23
13
MZ0.5GF33V
33V
33
88
700
+0.04…+0.12
0.1
25
12
MZ0.5GF36V
36V
36
95
700
+0.04…+0.12
0.1
27
11
MZ0.5GF39V
39V
39
130
800
+0.04…+0.12
0.1
30
10
MZ0.5GF43V
43V
43
130
900
+0.04…+0.13
0.1
33
10.6
MZ0.5GF47V
47V
47
130
1000
+0.05…+0.13
0.1
36
9.7
MZ0.5GF51V
51V
51
140
1100
+0.05…+0.14
0.1
39
8.9
MZ0.5GF56V
56V
56
160(
5)
1300
(6)
+0.05…+0.14
(5)
0.1
43
MZ0.5GF60V
60V
60
180
(5)
1400
(6)
+0.05…+0.15
(5)
0.1
46
MZ0.5GF62V
62V
62
210
(5)
1500
(6)
+0.05…+0.15
(5)
0.1
47
MZ0.5GF68V
68V
68
240
(5)
1600
(6)
+0.05…+0.15
(5)
0.1
52
MZ0.5GF75V
75V
75
280
(5)
1700
(6)
+0.05…+0.15
(5)
0.1
56
MZ0.5GE2V0-20 THRU MZ0.5GE75V-1.7
MZ0.5GF SERIES
MZ0.5GE2V
THRU MZ0.5GE75V


Similar Part No. - MZ0.5GF36V

ManufacturerPart #DatasheetDescription
logo
MIC GROUP RECTIFIERS
MZ0.5GE MIC-MZ0.5GE Datasheet
109Kb / 7P
   ZENER DIODE
MZ0.5GN MIC-MZ0.5GN Datasheet
113Kb / 7P
   ZENER DIODE
MZ0.5GN10V MIC-MZ0.5GN10V Datasheet
113Kb / 7P
   ZENER DIODE
MZ0.5GN11V MIC-MZ0.5GN11V Datasheet
113Kb / 7P
   ZENER DIODE
MZ0.5GN12V MIC-MZ0.5GN12V Datasheet
113Kb / 7P
   ZENER DIODE
More results

Similar Description - MZ0.5GF36V

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SMAJ4736A-TP MCC-SMAJ4736A-TP Datasheet
452Kb / 4P
   1 Watt Zener Diode Zener Diode
logo
AiT Semiconductor Inc.
BZX84C2V4 AITSEMI-BZX84C2V4 Datasheet
453Kb / 8P
   ZENER DIODE ZENER VOLTAGE REGULATOR DIODE
REV1.1
logo
Micro Commercial Compon...
DL4733A-TP MCC-DL4733A-TP Datasheet
254Kb / 4P
   1 Watt Zener Diode Zener Diode
logo
Rohm
FTZ56E ROHM-FTZ56E Datasheet
53Kb / 2P
   Zener diode
UDZ ROHM-UDZ Datasheet
58Kb / 3P
   Zener diode
PTZ7.5B ROHM-PTZ7.5B Datasheet
227Kb / 5P
   Zener diode
PTZ3.9B ROHM-PTZ3.9B Datasheet
229Kb / 5P
   Zener diode
PTZ6.8B ROHM-PTZ6.8B Datasheet
228Kb / 5P
   Zener diode
logo
SHENZHEN YONGERJIA INDU...
1N5221B WINNERJOIN-1N5221B Datasheet
483Kb / 5P
   Zener diode
logo
Leshan Radio Company
LEDZ2-4BT1G LRC-LEDZ2-4BT1G_15 Datasheet
401Kb / 5P
   Zener diode
LEDZ11BT1G LRC-LEDZ11BT1G_15 Datasheet
167Kb / 5P
   Zener diode
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com