Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E0505D-1W Datasheet(PDF) 2 Page - MORNSUN Science& Technology Ltd.

Part # E0505D-1W
Description  DUAL/SINGLE OUTPUT DC-DC CONVERTER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

E0505D-1W Datasheet(HTML) 2 Page - MORNSUN Science& Technology Ltd.

  E0505D-1W Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. E0505D-1W Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. E0505D-1W Datasheet HTML 3Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
The copyright and authority for the interpretation of the products are reserved by Mornsun
Specifications subject to change without notice.
E_D-1W & F_D-1W
A/2-2009
Page 2 of 3
ISOLATION SPECIFICATIONS
TYPICAL CHARACTERISTICS
Item
Test conditions
Min.
Typ.
Max.
Units
Isolation voltage
Tested for 1 minute and 1 mA max
3000
VDC
Isolation resistance
Test at 500VDC
1000
M
Ω
OUTPUT SPECIFICATIONS
Item
Test conditions
Min
Typ
Max
Units
Output power
0.1
1
W
(3.3V output)
±1.5
Line regulation
For Vin change of
±1%
(Others output)
±1.2
(3.3V output)
12
20
(5V output)
10
15
(9V output)
8.3
15
(12V output)
6.8
15
Load regulation
10% to 100% load
(15V output)
6.3
15
%
Output voltage accuracy
See tolerance envelope graph
Temperature drift
100% full load
±0.03
%/
°C
20MHz Bandwidth(EXXXXD-1W)
50
75
Ripple& Noise*
20MHz Bandwidth(FXXXXD-1W)
75
100
mVp-p
Switching frequency Full load, nominal input
100
KHz
*Test ripple and noise by
“parallel cable” method. See detailed operation instructions at Testing of Power
Converter section, application notes.
Note: Dual output models unbalanced load:
±5%.
Operating Temp.( C)
o
APPLICATION NOTE
RECOMMENDED CIRCUIT
Requirement on output load
To ensure this module can operate efficiently and reliably, During operation, the minimum
output load is not less than 10% of the full load, and that this product should never be
operated under no load! If the actual output power is very small, please connect a resistor
with proper resistance at the output end in parallel to increase the load, or use our
company
’s products with a lower rated output power.
Recommended circuit
If you want to further decrease the input/output ripple, an
“LC” filtering network may be
connected to the input and output ends of the DC/DC converter, see (Figure 1).
It should also be noted that the inductance and the frequency of the
“LC” filtering network
should be staggered with the DC/DC frequency to avoid mutual interference. However, the
capacitance of the output filter capacitor must be proper. If the capacitance is too big, a
startup problem might arise. For every channel of output, provided the safe and reliable
operation is ensured, the recommended capacitance of its filter capacitor sees (Table 1).
Output Voltage Regulation and Over-voltage Protection Circuit
The simplest device for output voltage regulation, over-voltage and over-current
protection is a linear voltage regulator with overheat protection that is connected to the
input or output end in series (Figure 2).
Overload Protection
Under normal operating conditions, the output circuit of these products has no protection
against overload. The simplest method is to connect a self-recovery fuse in series at the
input end or add a circuit breaker to the circuit.
No parallel connection or plug and play
Vin
GND
+Vo
0V
DC
Cin
L
L
DC
L Cout
Cout
-Vo
Dua l O u tput
L
Sin gle O utput
Vin
GND
+Vo
0V
DC
Cin
L
DC
Cout
(Figure 1)
Vin
GND
0V
+ Vo
DC
DC
-Vo
REG
REG
REG
Dua l Output
Sing le Ou tp ut
Vin
GND
0V
+ Vo
DC
DC
REG
REG
(Figure 2)
EXTERNAL CAPACITOR TABLE (TABLE 1)
Vin
(VDC)
Cin
(uF)
Single
Vout
(VDC)
Cout
(uF)
Dual
Vout
(VDC)
Cout
(uF)
3.3/5
4.7
3.3/5
10
±5
4.7
12
2.2
9
4.7
±9
2.2
15
2.2
12
2.2
±12
1
24
1
15
1
±15
0.47
It
’s not recommended to connect any external
capacitor in the application field with less than
0.5 watt output.


Similar Part No. - E0505D-1W

ManufacturerPart #DatasheetDescription
logo
Guangzhou Reicu Electro...
E0505D-1W REICU-E0505D-1W Datasheet
1Mb / 1P
   3000VDC Isolated 1W Double Output SIP/DIP-Package
REV:3.1
logo
MORNSUN Science& Techno...
E0505D-1WR2 MORNSUN-E0505D-1WR2 Datasheet
256Kb / 5P
   DC/DC Converter
logo
Guangzhou Reicu Electro...
E0505D-1WR2 REICU-E0505D-1WR2 Datasheet
1Mb / 1P
   3000VDC Isolated 1W Double Output SIP/DIP-Package
REV:3.1
More results

Similar Description - E0505D-1W

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
B7LF BOTHHAND-B7LF Datasheet
1Mb / 8P
   DC-DC Converter Single / Dual Output
logo
MORNSUN Science& Techno...
URA2405D-10W MORNSUN-URA2405D-10W Datasheet
105Kb / 2P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
B0303LD-1W MORNSUN-B0303LD-1W Datasheet
133Kb / 2P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
logo
Make-Ps
100VFS MAKE-PS-100VFS Datasheet
176Kb / 4P
   Single & Dual Output DC/DC Converter
300XFR MAKE-PS-300XFR Datasheet
208Kb / 4P
   Single & Dual Output DC/DC Converter
FKC12W MAKE-PS-FKC12W Datasheet
594Kb / 3P
   Single & Dual Output DC/DC Converter
logo
MORNSUN Science& Techno...
B0303LS-1WR MORNSUN-B0303LS-1WR Datasheet
297Kb / 3P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
B0303LS-1WR2 MORNSUN-B0303LS-1WR2 Datasheet
605Kb / 5P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
WRA0505LT-3W MORNSUN-WRA0505LT-3W Datasheet
270Kb / 3P
   SINGLE/DUAL OUTPUT DC/DC CONVERTER
logo
Make-Ps
300FR MAKE-PS-300FR Datasheet
183Kb / 4P
   Single & Dual Output DC/DC Converter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com